Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

TMP302A-Q1 Arkusz danych(PDF) 1 Page - Texas Instruments

Numer części TMP302A-Q1
Szczegółowy opis  TMP302x-Q1, Automotive Grade, Low-Power, Easy-to-Use
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  TI1 [Texas Instruments]
Strona internetowa  http://www.ti.com
Logo TI1 - Texas Instruments

TMP302A-Q1 Arkusz danych(HTML) 1 Page - Texas Instruments

  TMP302A-Q1 Datasheet HTML 1Page - Texas Instruments TMP302A-Q1 Datasheet HTML 2Page - Texas Instruments TMP302A-Q1 Datasheet HTML 3Page - Texas Instruments TMP302A-Q1 Datasheet HTML 4Page - Texas Instruments TMP302A-Q1 Datasheet HTML 5Page - Texas Instruments TMP302A-Q1 Datasheet HTML 6Page - Texas Instruments TMP302A-Q1 Datasheet HTML 7Page - Texas Instruments TMP302A-Q1 Datasheet HTML 8Page - Texas Instruments TMP302A-Q1 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 18 page
background image
40
35
30
25
20
15
10
5
0
Accuracy (
)
C
°
Product
Folder
Sample &
Buy
Technical
Documents
Tools &
Software
Support &
Community
TMP302A-Q1, TMP302B-Q1, TMP302C-Q1, TMP302D-Q1
SLOS889A – OCTOBER 2014 – REVISED NOVEMBER 2014
TMP302x-Q1, Automotive Grade, Low-Power, Easy-to-Use,
Temperature Switch in MicroPackage
1 Features
3 Description
The TMP302x-Q1 family of devices is a temperature
1
Qualified for Automotive Applications
switch in a micropackage (SOT563). The TMP302x-
AEC-Q100 Qualified With the Following Results:
Q1 family of devices offers low power (15
μA
Device Temperature Grade 1: –40ºC to 125ºC
maximum) and ease-of-use through pin-selectable
Ambient Operating Temperature Range
trip points and hysteresis.
Device HBM ESD Classification Level 2
These devices require no additional components for
operation;
they
can
function
independent
of
Device CDM ESD Classification Level C6
microprocessors or microcontrollers.
Low Power: 15
μA (max)
The TMP302x-Q1 family of devices is available in
SOT563 Package: 1.6 mm × 1.6 mm × 0.6 mm
several different versions with trip points from 50ºC to
Trip-Point Accuracy: ±0.2°C (typ) from 40°C to
125ºC
in
increments
of
5ºC
(see
the
Device
125°C
Comparison Table).
Pin-Selectable Trip Points
Device Information(1)
Open-Drain Output, Active Low
PART NUMBER
PACKAGE
BODY SIZE (NOM)
Selectable Hysteresis: 5°C or 10°C
TMP302A-Q1
Low Supply Voltage Range: 1.4 to 3.6 V
TMP302B-Q1
SOT563 (6)
1.60 mm × 1.20 mm
TMP302C-Q1
2 Applications
TMP302D-Q1
Infotainment
(1) For all available packages, see the orderable addendum at
Climate Control
the end of the datasheet.
Engine Control Unit
Automotive Black Box
Central Body Control Module
Airbag Control Unit
Thermal Monitoring
Electronic Protection Systems
Trip Threshold Accuracy
1
An IMPORTANT NOTICE at the end of this data sheet addresses availability, warranty, changes, use in safety-critical applications,
intellectual property matters and other important disclaimers. PRODUCTION DATA.


Podobny numer części - TMP302A-Q1

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Texas Instruments
TMP302A-Q1 TI1-TMP302A-Q1 Datasheet
798Kb / 18P
[Old version datasheet]   TMP302-Q1, Automotive Grade, Low-Power, Easy-to-Use, Temperature Switch in MicroPackage
More results

Podobny opis - TMP302A-Q1

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Texas Instruments
TMP302C-Q1 TI1-TMP302C-Q1 Datasheet
857Kb / 18P
[Old version datasheet]   TMP302x-Q1, Automotive Grade, Low-Power, Easy-to-Use
TMP302-Q1 TI1-TMP302-Q1 Datasheet
798Kb / 18P
[Old version datasheet]   TMP302-Q1, Automotive Grade, Low-Power, Easy-to-Use, Temperature Switch in MicroPackage
logo
Richtek Technology Corp...
RT9480 RICHTEK-RT9480 Datasheet
177Kb / 16P
   Easy to Use Power Bank Solution
RT9481 RICHTEK-RT9481 Datasheet
1Mb / 41P
   Easy to Use Power Bank Solution
RT9483 RICHTEK-RT9483 Datasheet
187Kb / 16P
   Easy to Use Power Bank Solution
logo
Generalplus Technology ...
GPES216B2 GENERALPLUS-GPES216B2 Datasheet
423Kb / 14P
   Easy-to-use SOUNDPLUS
GPES220B2 GENERALPLUS-GPES220B2 Datasheet
427Kb / 14P
   Easy-to-use SOUNDPLUS
GPES230B2 GENERALPLUS-GPES230B2 Datasheet
719Kb / 15P
   Easy-to-use SOUNDPLUS
GPES203B GENERALPLUS-GPES203B Datasheet
250Kb / 12P
   Easy-to-use SOUNDPLUS
GPES209B1 GENERALPLUS-GPES209B1 Datasheet
277Kb / 13P
   Easy-to-use SOUNDPLUS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com