Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

UF4003 Arkusz danych(PDF) 3 Page - Vishay Siliconix

Numer części UF4003
Szczegółowy opis  Ultrafast Plastic Rectifier
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  VISHAY [Vishay Siliconix]
Strona internetowa  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

UF4003 Arkusz danych(HTML) 3 Page - Vishay Siliconix

  UF4003 Datasheet HTML 1Page - Vishay Siliconix UF4003 Datasheet HTML 2Page - Vishay Siliconix UF4003 Datasheet HTML 3Page - Vishay Siliconix UF4003 Datasheet HTML 4Page - Vishay Siliconix UF4003 Datasheet HTML 5Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
UF4001, UF4002, UF4003, UF4004, UF4005, UF4006, UF4007
www.vishay.com
Vishay General Semiconductor
Revision: 15-Aug-13
3
Document Number: 88755
For technical questions within your region: DiodesAmericas@vishay.com, DiodesAsia@vishay.com, DiodesEurope@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
Fig. 3 - Typical Instantaneous Forward Characteristics
Fig. 4 - Typical Reverse Leakage Characteristics
Fig. 5 - Typical Instantaneous Forward Characteristics
Fig. 6 - Typical Reverse Leakage Characteristics
Fig. 7 - Typical Junction Capacitance
0.01
0.1
1
10
100
1.0
0.8
0.6
0.4
0.2
1.2
1.4
1.6
Instantaneous Forward Voltage (V)
T
J = 150 °C
T
J = 125 °C
T
J = 25 °C
T
J = 100 °C
UF4001 thru UF4004
10
1.0
1.2
1.4
1.6
1.8
0.8
0.6
0.4
0.2
Instantaneous Forward Voltage (V)
1
0.1
0.01
T
J = 150 °C
T
J = 125 °C
T
J = 25 °C
T
J = 100 °C
UF4005 thru UF4007
0.001
0.01
0.1
1
10
100
0
20406080
100
Percent of Peak Reverse Voltage (%)
T
J = 150 °C
T
J = 125 °C
T
J = 25 °C
T
J = 100 °C
UF4001 thru UF4004
0.001
0.01
0.1
1
10
100
0
20406080
100
Percent of Peak Reverse Voltage (%)
T
J = 150 °C
T
J = 125 °C
T
J = 25 °C
T
J = 100 °C
UF4005 thru UF4007
0.1
1
10
100
1
10
100
Reverse Voltage (V)
T
J = 25 °C
f = 1.0 MHz
V
sig = 50 mVp-p


Podobny numer części - UF4003

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Shenzhen Ping Sheng Ele...
UF4003 PFS-UF4003 Datasheet
177Kb / 2P
   ULTRA FAST RECTIFIER
logo
Won-Top Electronics
UF4003 WTE-UF4003 Datasheet
49Kb / 3P
   1.0A ULTRAFAST RECOVERY RECTIFIER
logo
Nanjing International G...
UF4003 DGNJDZ-UF4003 Datasheet
139Kb / 2P
   1.0 AMP HIGH EFFICIENCY RECTIFIERS
logo
List of Unclassifed Man...
UF4003 ETC1-UF4003 Datasheet
206Kb / 2P
   CURRENT 1.0 Ampere VOLTAGE 50 to 1000 Volts
logo
Microdiode Electronics ...
UF4003 CHENDA-UF4003 Datasheet
586Kb / 2P
   ULTRA FAST RECTIFIERS
More results

Podobny opis - UF4003

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Vishay Siliconix
MUR140 VISHAY-MUR140 Datasheet
95Kb / 4P
   Ultrafast Plastic Rectifier
Revision: 20-Aug-07
MUR420 VISHAY-MUR420 Datasheet
93Kb / 4P
   Ultrafast Plastic Rectifier
Revision: 20-Aug-07
MUR440 VISHAY-MUR440 Datasheet
94Kb / 4P
   Ultrafast Plastic Rectifier
Revision: 20-Aug-07
31GF4 VISHAY-31GF4_09 Datasheet
67Kb / 4P
   Ultrafast Plastic Rectifier
Revision: 23-Oct-09
UG2F VISHAY-UG2F Datasheet
73Kb / 4P
   Ultrafast Plastic Rectifier
Revision: 23-Oct-09
logo
Sangdest Microelectroni...
MUR1660 SMC-MUR1660 Datasheet
202Kb / 5P
   ULTRAFAST PLASTIC RECTIFIER
MURF1020 SMC-MURF1020 Datasheet
159Kb / 4P
   ULTRAFAST PLASTIC RECTIFIER
MURF1020CTR SMC-MURF1020CTR Datasheet
346Kb / 5P
   ULTRAFAST PLASTIC RECTIFIER
MURF1040CT SMC-MURF1040CT Datasheet
182Kb / 5P
   ULTRAFAST PLASTIC RECTIFIER
MURF1620CTR SMC-MURF1620CTR Datasheet
194Kb / 5P
   ULTRAFAST PLASTIC RECTIFIER
MURF1640CT SMC-MURF1640CT Datasheet
228Kb / 5P
   ULTRAFAST PLASTIC RECTIFIER
More results


Html Pages

1 2 3 4 5


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com