Zakładka z wyszukiwarką danych komponentów |
|
SL1024A600 Arkusz danych(PDF) 1 Page - Littelfuse |
|
SL1024A600 Arkusz danych(HTML) 1 Page - Littelfuse |
1 / 5 page ©2010 Littelfuse, Inc. Gas Discharge Tube (GDT) Products 18 Revised: June 28, 2010 Specifications are subject to change without notice. Please refer to www.littelfuse.com for current information. Customer should verify actual device performance in their specific applications. SL1021A/B, SL1024A/B and PMT8 Series SL1021A/B, SL1024A/B and PMT8 Series Description GDT circuit protection devices dissipate electrical surge energy safely within a contained plasma gas. Commonly used to help protect sensitive telecom and networking equipment and lines, GDTs protect from damage that may result from lightning strikes and equipment switching operations. The Littelfuse GDT series described in this document are available in a variety of leaded and surface mount forms and offered with and without optional fail- safe clip. Please refer to the electrical specifications, dimension and packaging options section of this document for additional information. SL1021A/B and SL1024A/B Series: SL1021A/B and SL1024A/B series GDTs are designed to offer high levels of performance on fast rising transients in the range of 100V/μS to 1KV/μS, which are those most likely created by induced lightning disturbances. These devices feature ultra low capacitance (typically 1.5pF or less) and are extremely robust with SL102xA devices able to divert a 10,000 Amp pulse without destruction, and SL102xB suffix devices able to divert a 20,000 Amp pulse without destruction. These series offer optimized internal geometry which provide low insertion loss at high frequencies, ideal for the protection of broadband and other high speed transmission equipment. PMT8 Series: PMT8 GDT's are telecom grade devices designed to meet the recommendations in CCITT-K12 and Bellcore GR-1361-CORE. The three electrode configuration is used in applications where simultaneous crowbar action of two signal lines is required. Features • RoHS compliant • Low insertion loss • Excellent response to fast rising transients • Ultra low capacitance • 10KA (A suffix devices) / 20KA (B suffix devices) surge capability tested with 8/20μs pulse as defined by IEC 61000-4-5 • Available with thermal failsafe option (add ‘F’ suffix to part number) Applications SL1021 / SL1024: • Broadband equipment • ADSL equipment • XDSL equipment • Satellite and CATV equipment • Splitters • General telecom equipment PMT8: • Telecom network interfaces • Telephone line cards • Repeaters • Modems • Line test equipment SL1021A/B, SL1024A/B and PMT8 Series AGENCY AGENCY FILE NUMBER ® E128662 Agency Approvals 3 Electrode GDT Graphical Symbol a e b a = TIP b = RING e = GROUND (center electrode) ® Product Characteristics Materials Dull Tin Plate 17.5 ± 12.5 Microns. with ceramic insulator Product Marking ‘LF’ mark, voltage& date code: SL102xA - Red/White text SL102xB & PMT8 - Blue/White text Glow to arc transition current ~ 1Amp Glow Voltage ~60-200 Volts Storage and Operation Temperature -40 to +90°C Transverse Voltage (Delay Time) < 0.2μSec (Tested to ITU-T Rec. K.12) Arc Voltage ~10 to 35 Volts Holdover Voltage <150mS (Tested to ITU-T Rec. K.12) |
Podobny numer części - SL1024A600 |
|
Podobny opis - SL1024A600 |
|
|
Link URL |
Polityka prywatności |
ALLDATASHEET.PL |
Czy Alldatasheet okazała się pomocna? [ DONATE ] |
O Alldatasheet | Reklama | Kontakt | Polityka prywatności | Linki | Lista producentów All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |