Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

MC13783VKR2 Arkusz danych(PDF) 11 Page - Freescale Semiconductor, Inc

Numer części MC13783VKR2
Szczegółowy opis  Power Management and Audio Circuit
Download  50 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  FREESCALE [Freescale Semiconductor, Inc]
Strona internetowa  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MC13783VKR2 Arkusz danych(HTML) 11 Page - Freescale Semiconductor, Inc

Back Button MC13783VKR2 Datasheet HTML 7Page - Freescale Semiconductor, Inc MC13783VKR2 Datasheet HTML 8Page - Freescale Semiconductor, Inc MC13783VKR2 Datasheet HTML 9Page - Freescale Semiconductor, Inc MC13783VKR2 Datasheet HTML 10Page - Freescale Semiconductor, Inc MC13783VKR2 Datasheet HTML 11Page - Freescale Semiconductor, Inc MC13783VKR2 Datasheet HTML 12Page - Freescale Semiconductor, Inc MC13783VKR2 Datasheet HTML 13Page - Freescale Semiconductor, Inc MC13783VKR2 Datasheet HTML 14Page - Freescale Semiconductor, Inc MC13783VKR2 Datasheet HTML 15Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 50 page
background image
Signal Descriptions
MC13783 Technical Data, Rev. 3.5
Freescale Semiconductor
11
VBUS
D3
EHV
EMV
When in common input configuration, shorted to CHRGRAW
1. USB transceiver cable interface VBUS
2. Output VBUS regulator in USB on the go mode
When in separate input configuration, not shorted to CHRGRAW
1. USB transceiver cable interface VBUS
2. Output VBUS regulator in USB on the go mode
VUSB
F5
MV
Output VUSB regulator as used by the USB transceiver
USBVCC
E7
LV
Supply for processor interface
GNDUSBA
A1
A2
B1
Ground for USB transceiver and USB cable
GNDUSBD
K9
Ground for USB processor interface
Control Logic
ON1B
E16
LV
Power on/off button connection 1
ON2B
E15
LV
Power on/off button connection 2
ON3B
G14
LV
Power on/off button connection 3
WDI
F17
LV
Watchdog input
RESETB
G15
LV
Reset output
RESETBMCU
F18
LV
Reset for the processor
STANDBYPRI
H14
LV
Standby input signal from primary processor
STANDBYSEC
J13
LV
Standby input signal from secondary processor
LOBATB
N14
LV
Low battery indicator signal or end of life indicator signal
PWRRDY
U17
LV
Power ready signal after DVS and power gate transition
PWRFAIL
F13
LV
Powerfail indicator output to processor or system
USEROFF
E14
LV
User off signaling from processor
MEMHLDDRV
G12
LV
Memory hold FET drive for power cut support
CSOUT
G11
LV
Chip select output for memory
LICELL
C16
MV
1. Coincell supply input
2. Coincell charger output
VBKUP1
E12
LV
Backup output voltage for memory
VBKUP2
F12
LV
Backup output voltage for processor core
GNDCTRL
J12
Ground for control logic
Table 1. Pinout Listing (continued)
Pin
Location
Rating*
Function
* The maximum voltage rating is given per category of pins:
• EHV for Extended High Voltage (20 V)
• HV for High Voltage (7.5 V)
• EMV for Extended Medium Voltage (5.5 V)
• MV for Medium Voltage (4.65 V)
• LV for Low Voltage (3.1 V)


Podobny numer części - MC13783VKR2

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Freescale Semiconductor...
MC13783VK FREESCALE-MC13783VK Datasheet
3Mb / 50P
   Power Management and Audio Circuit
More results

Podobny opis - MC13783VKR2

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Freescale Semiconductor...
MC13783 FREESCALE-MC13783_09 Datasheet
3Mb / 50P
   Power Management and Audio Circuit
MC13783 FREESCALE-MC13783 Datasheet
610Kb / 50P
   Power Management and Audio Circuit
MC13783VK FREESCALE-MC13783VK Datasheet
3Mb / 50P
   Power Management and Audio Circuit
logo
ON Semiconductor
NCP2704 ONSEMI-NCP2704 Datasheet
784Kb / 28P
   Audio Management Integrated Circuit
November, 2010 ??Rev. 0
logo
ams AG
AS3658 AMSCO-AS3658_07 Datasheet
6Mb / 158P
   Power and Audio Management Unit for Portable Devices
AS3658 AMSCO-AS3658 Datasheet
148Kb / 3P
   Power and Audio Management Unit for Portable Devices
logo
Texas Instruments
TPS65950 TI-TPS65950_1 Datasheet
180Kb / 8P
[Old version datasheet]   Integrated Power Management/Audio Codec
logo
Rohm
BD71837AMWV ROHM-BD71837AMWV Datasheet
1Mb / 129P
   Power Management Integrated Circuit
16.Mar.2020 Rev.003
logo
Texas Instruments
TPS65950A2ZXN TI-TPS65950A2ZXN Datasheet
1Mb / 171P
[Old version datasheet]   Integrated Power Management/Audio Codec
TPS65951 TI1-TPS65951 Datasheet
1Mb / 170P
[Old version datasheet]   Integrated Power Management/Audio Codec
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com