Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

IRF66451PBF Arkusz danych(PDF) 2 Page - International Rectifier

Numer części IRF66451PBF
Szczegółowy opis  RoHS Compliant, Halogen-Free
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  IRF [International Rectifier]
Strona internetowa  http://www.irf.com
Logo IRF - International Rectifier

IRF66451PBF Arkusz danych(HTML) 2 Page - International Rectifier

  IRF66451PBF Datasheet HTML 1Page - International Rectifier IRF66451PBF Datasheet HTML 2Page - International Rectifier IRF66451PBF Datasheet HTML 3Page - International Rectifier IRF66451PBF Datasheet HTML 4Page - International Rectifier IRF66451PBF Datasheet HTML 5Page - International Rectifier IRF66451PBF Datasheet HTML 6Page - International Rectifier IRF66451PBF Datasheet HTML 7Page - International Rectifier IRF66451PBF Datasheet HTML 8Page - International Rectifier IRF66451PBF Datasheet HTML 9Page - International Rectifier  
Zoom Inzoom in Zoom Outzoom out
 2 / 9 page
background image
2 www.irf.com
© 2012 International Rectifier
February 26, 2013
IRF6645/TRPbF
S
D
G
Electrical Characteristic @ TJ = 25°C (unless otherwise specified)
Parameter
Min.
Typ.
Max. Units
BVDSS
Drain-to-Source Breakdown Voltage
100
–––
–––
V
ΔΒVDSS/ΔTJ
Breakdown Voltage Temp. Coefficient
–––
0.12
–––
V/°C
RDS(on)
Static Drain-to-Source On-Resistance
–––
28
35
m
Ω
VGS(th)
Gate Threshold Voltage
3.0
–––
4.9
V
ΔVGS(th)/ΔTJ
Gate Threshold Voltage Coefficient
–––
-12
–––
mV/°C
IDSS
Drain-to-Source Leakage Current
–––
–––
20
μA
–––
–––
250
IGSS
Gate-to-Source Forward Leakage
–––
–––
100
nA
Gate-to-Source Reverse Leakage
–––
–––
-100
gfs
Forward Transconductance
7.4
–––
–––
S
Qg
Total Gate Charge
–––
14
20
Qgs1
Pre-Vth Gate-to-Source Charge
–––
3.1
–––
Qgs2
Post-Vth Gate-to-Source Charge
–––
0.8
–––
nC
Qgd
Gate-to-Drain Charge
–––
4.8
7.2
Qgodr
Gate Charge Overdrive
–––
5.3
–––
See Fig. 15
Qsw
Switch Charge (Qgs2 + Qgd)
–––
5.6
–––
Qoss
Output Charge
–––
7.2
–––
nC
RG
Gate Resistance
–––
1.0
–––
Ω
td(on)
Turn-On Delay Time
–––
9.2
–––
tr
Rise Time
–––
5.0
–––
td(off)
Turn-Off Delay Time
–––
18
–––
ns
tf
Fall Time
–––
5.1
–––
Ciss
Input Capacitance
–––
890
–––
Coss
Output Capacitance
–––
180
–––
pF
Crss
Reverse Transfer Capacitance
–––
40
–––
Coss
Output Capacitance
–––
870
–––
Coss
Output Capacitance
–––
100
–––
Diode Characteristics
Parameter
Min.
Typ.
Max. Units
IS
Continuous Source Current
–––
–––
25
(Body Diode)
A
ISM
Pulsed Source Current
–––
–––
45
(Body Diode)
Ãg
VSD
Diode Forward Voltage
–––
–––
1.3
V
trr
Reverse Recovery Time
–––
31
47
ns
Qrr
Reverse Recovery Charge
–––
40
60
nC
MOSFET symbol
RG=6.2Ω
VDS = 25V
Conditions
VGS = 0V, VDS = 80V, f=1.0MHz
VGS = 0V, VDS = 1.0V, f=1.0MHz
VDS = 16V, VGS = 0V
VDD = 50V, VGS = 10VÃi
VGS = 0V
ƒ = 1.0MHz
ID = 3.4A
VDS = VGS, ID = 50μA
VDS = 100V, VGS = 0V
Conditions
VGS = 0V, ID = 250μA
Reference to 25°C, ID = 1mA
VGS = 10V, ID = 5.7A i
TJ = 25°C, IF = 3.4A, VDD = 50V
di/dt = 100A/μs
™
TJ = 25°C, IS = 3.4A, VGS = 0V i
showing the
integral reverse
p-n junction diode.
ID = 3.4A
VDS = 80V, VGS = 0V, TJ = 125°C
VGS = 20V
VGS = -20V
VGS = 10V
VDS = 10V, ID = 3.4A
VDS = 50V
Notes:
… Repetitive rating; pulse width limited by max. junction temperature.
‡ Pulse width ≤ 400μs; duty cycle ≤ 2%.


Podobny numer części - IRF66451PBF

ProducentNumer częściArkusz danychSzczegółowy opis
logo
International Rectifier
IRF6645 IRF-IRF6645 Datasheet
245Kb / 9P
   DirectFET Power MOSFET Typical calues (unless otherwise specified)
IRF6645 IRF-IRF6645 Datasheet
1Mb / 44P
   120 W x 2 Channel Class D Audio Power Amplifier
logo
Vishay Siliconix
IRF6645 VISHAY-IRF6645 Datasheet
176Kb / 9P
   Power MOSFET
Rev. C, 30-May-11
logo
International Rectifier
IRF6645PBF IRF-IRF6645PBF Datasheet
226Kb / 9P
   DirectFETPower MOSFET 
IRF6645PBF IRF-IRF6645PBF Datasheet
239Kb / 9P
   Application Specific MOSFETs
More results

Podobny opis - IRF66451PBF

ProducentNumer częściArkusz danychSzczegółowy opis
logo
International Rectifier
IRF7749L1PBF IRF-IRF7749L1PBF Datasheet
275Kb / 10P
   RoHS Compliant, Halogen Free
logo
YAGEO Corporation
PF2512FKF070R01L YAGEO-PF2512FKF070R01L Datasheet
332Kb / 10P
   RoHS compliant & Halogen free
logo
Advanced Power Electron...
AP4224LGM A-POWER-AP4224LGM_16 Datasheet
113Kb / 6P
   RoHS Compliant & Halogen-Free
AP95T10GP-HF A-POWER-AP95T10GP-HF_16 Datasheet
67Kb / 5P
   RoHS Compliant & Halogen-Free
AP97T07GP-HF A-POWER-AP97T07GP-HF_16 Datasheet
99Kb / 5P
   RoHS Compliant & Halogen-Free
AP1332GEU-HF A-POWER-AP1332GEU-HF_16 Datasheet
64Kb / 5P
   RoHS Compliant & Halogen-Free
AP2301AGN-HF A-POWER-AP2301AGN-HF_16 Datasheet
66Kb / 5P
   RoHS Compliant & Halogen-Free
AP2625GY-HF A-POWER-AP2625GY-HF_16 Datasheet
68Kb / 5P
   RoHS Compliant & Halogen-Free
logo
Shanghai Leiditech Elec...
SMD2920P100TF-60 LEIDITECH-SMD2920P100TF-60 Datasheet
424Kb / 4P
   RoHS Compliant & Halogen Free
logo
Advanced Power Electron...
AP9926GM-HF A-POWER-AP9926GM-HF_14 Datasheet
66Kb / 4P
   RoHS Compliant & Halogen-Free
AP2611GYT-HF A-POWER-AP2611GYT-HF_14 Datasheet
56Kb / 4P
   RoHS Compliant & Halogen-Free
More results


Html Pages

1 2 3 4 5 6 7 8 9


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com