Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

ST111039 Arkusz danych(PDF) 1 Page - E-SWITCH

Numer części ST111039
Szczegółowy opis  ALL DIMENSIONS IN MM [INCH]
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  E-SWITCH [E-SWITCH]
Strona internetowa  http://www.e-switch.com
Logo E-SWITCH - E-SWITCH

ST111039 Arkusz danych(HTML) 1 Page - E-SWITCH

  ST111039 Datasheet HTML 1Page - E-SWITCH  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
ISOMETRIC
ISOMETRIC
TITLE
SCALE
DATE
DR
DWG
REV
THE INFORMATION CONTAINED IN THIS DOCUMENT IS PROPRIETARY
TO E-SWITCH AND IS NOT TO BE COPIED OR TRANSFERRED
SHEET
OF
REV
PCR NO
DESCRIPTION
DATE
BY
100SP1T4B1VS2QEH
2:1
9/11/2005
ST111039
B
PH
1
1
P.C. MOUNTING
POS. 1
POS. 1
POS. 1
SWITCH FUNCTION
NONE
ON
ON
2-3
OPEN
2-1
2
13
CIRCUI: SPST
3.30
[.130 in]
n
4.70
[.185 in]
1.27
[.050 in] TYP.
E-SWITCH
MARKING ON
OPPOSITE SIDE
12
3
3
4.70
[.185 in] TYP.
.76
[.030 in]
11.68
[.460 in]
NOTE:
1. ALL DIMENSIONS IN MM [INCH]
2. GENERAL TOLERANCE: X.X=±0.4
X.XX=±0.25
3. TERMINAL NUMBERS FOR REF ONLY
4. PLATING MATERIAL: SILVER
5. RATING: 5 AMPS W/RESITIVE LOAD @ 120VAC OR 28VDC
2 AMPS W/RESITIVE LOAD @ 250VAC
6. ELECTRIC LIFE: 40,000 make-and-break cycles
at full load.
7. INSULATION RESISTANCE: 1,000 Mega-ohm min.
8. DIELECTRIC STRENGTH: 1,000 V RMS @sea level.
9. OPERATING TEMP.: -30°C to 85°C
10.
DENOTES CRITICAL PARAMETER.
11. 2002/95/EC (ROHS) COMPLIANT
12. HARDWARE TO BE SUPPLIED BULK:
T100011-LOCK WASHER QTY-1
T100015-LOCK RING
QTY-1
T100000-HEX NUT
QTY-2
8.13
[.320 in]
15.75
[.620 in]
.51
[.020 in]
3.18
[.125 in]
1.22
[.048 in] TYP.
8.40
[.331 in]
16.04
[.631 in]
15.75
[.620 in]
4.70
[.185 in]
3.18
[.125 in]
n1.85
[.073 in]
1/4-40 UNS
THREADS
A
15517
RELEASE
11/9/05
PH
B
15790
EDIT TOGGLE DIA.
2/17/06
PH


Podobny numer części - ST111039

ProducentNumer częściArkusz danychSzczegółowy opis
logo
E-SWITCH
ST111032 E-SWITCH-ST111032 Datasheet
75Kb / 1P
   E-SWITCH 100SP-1T1B1M1REH (GOLD CONTACTS)
ST111032 E-SWITCH-ST111032 Datasheet
75Kb / 1P
   ALL DIMENSIONS IN MM [INCH]
ST111033 E-SWITCH-ST111033 Datasheet
76Kb / 1P
   ALL DIMENSIONS IN MM [INCH]
ST111034 E-SWITCH-ST111034 Datasheet
111Kb / 1P
   ALL DIMENSIONS IN MM [INCH]
ST111035 E-SWITCH-ST111035 Datasheet
110Kb / 1P
   ALL DIMENSIONS IN MM [INCH]
More results

Podobny opis - ST111039

ProducentNumer częściArkusz danychSzczegółowy opis
logo
E-SWITCH
T700203 E-SWITCH-T700203 Datasheet
35Kb / 1P
   ALL DIMENSIONS IN MM [INCH]
T700400 E-SWITCH-T700400 Datasheet
31Kb / 1P
   ALL DIMENSIONS IN MM [INCH]
B401000 E-SWITCH-B401000 Datasheet
154Kb / 1P
   ALL DIMENSIONS IN MM [INCH]
B401009 E-SWITCH-B401009 Datasheet
203Kb / 1P
   ALL DIMENSIONS IN MM [INCH]
B410001 E-SWITCH-B410001 Datasheet
197Kb / 1P
   ALL DIMENSIONS IN MM [INCH]
M300001 E-SWITCH-M300001 Datasheet
34Kb / 1P
   ALL DIMENSIONS IN MM [INCH]
M302431 E-SWITCH-M302431 Datasheet
176Kb / 1P
   ALL DIMENSIONS IN MM [INCH]
M304204 E-SWITCH-M304204 Datasheet
33Kb / 1P
   ALL DIMENSIONS IN MM [INCH]
M304211 E-SWITCH-M304211 Datasheet
35Kb / 1P
   ALL DIMENSIONS IN MM [INCH]
M304212 E-SWITCH-M304212 Datasheet
35Kb / 1P
   ALL DIMENSIONS IN MM [INCH]
M305213 E-SWITCH-M305213 Datasheet
141Kb / 1P
   ALL DIMENSIONS IN MM [INCH]
More results


Html Pages

1


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com