Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

HCPL-261A Arkusz danych(PDF) 11 Page - Agilent(Hewlett-Packard)

Numer części HCPL-261A
Szczegółowy opis  High CMR, High Speed TTL Compatible Optocouplers
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  HP [Agilent(Hewlett-Packard)]
Strona internetowa  http://www.home.agilent.com
Logo HP - Agilent(Hewlett-Packard)

HCPL-261A Arkusz danych(HTML) 11 Page - Agilent(Hewlett-Packard)

Back Button HCPL-261A Datasheet HTML 7Page - Agilent(Hewlett-Packard) HCPL-261A Datasheet HTML 8Page - Agilent(Hewlett-Packard) HCPL-261A Datasheet HTML 9Page - Agilent(Hewlett-Packard) HCPL-261A Datasheet HTML 10Page - Agilent(Hewlett-Packard) HCPL-261A Datasheet HTML 11Page - Agilent(Hewlett-Packard) HCPL-261A Datasheet HTML 12Page - Agilent(Hewlett-Packard) HCPL-261A Datasheet HTML 13Page - Agilent(Hewlett-Packard) HCPL-261A Datasheet HTML 14Page - Agilent(Hewlett-Packard) HCPL-261A Datasheet HTML 15Page - Agilent(Hewlett-Packard) Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 20 page
background image
11
Switching Specifications (AC)
Over Recommended Temperature (TA = -40°C to +85°C), VCC = 5 V, IF = 7.5 mA unless otherwise specified.
All Typicals at TA = 25°C, VCC = 5 V.
Parameter
Sym.
Package**
Min. Typ.
Max.
Units
Test Conditions
Fig.
Note
Propagation Delay
tPLH
20
48
75*
ns
TA = 25°CRL = 350 Ω 8, 9,
1, 10,
Time to High
100
CL = 15 pF
10
19
Output Level
Propagation Delay
tPHL
25
50
75*
ns
TA = 25°C
1, 11,
Time to Low
100
19
Output Level
Pulse Width
|tPHL - tPLH|
8-Pin DIP
3.5
35
ns
8, 9,
13, 19
Distortion
SO-8
10,
Widebody
40
11
Propagation Delay
tPSK
40
ns
12, 13,
Skew
19
Output Rise
tr
24
ns
12
1, 19
Time (10-90%)
Output Fall
tf
10
ns
12
1, 19
Time (90-10%)
Propagation Delay
tELH
Single Channel
30
ns
RL = 350 Ω,
13,
14
Time of Enable
CL = 15 pF,
14
from VEH to VEL
VEL = 0 V, VEH = 3 V
Propagation Delay
tEHL
Single Channel
20
ns
15
Time of Enable
from VEL to VEH
*JEDEC registered data for the 6N137.
**Ratings apply to all devices except otherwise noted in the Package column.
Parameter
Sym.
Device
Min.
Typ.
Units
Test Conditions
Fig.
Note
Logic High
|CMH| 6N137
10,000
V/
µs|V
CM| = 10 V
VCC = 5 V, IF = 0 mA,
15
1, 16,
Common
HCPL-2630
VO(MIN) = 2 V,
18, 19
Mode
HCPL-0600/0630
RL = 350 Ω, TA = 25°C
Transient
HCNW137
Immunity
HCPL-2601/2631
5,000
10,000
|VCM| = 50 V
HCPL-0601/0631
HCNW2601
HCPL-2611/4661
10,000 15,000
|VCM| = 1 kV
HCPL-0611/0661
HCNW2611
Logic Low
|CML|
6N137
10,000
V/
µs|V
CM| = 10 V
VCC = 5 V, IF = 7.5 mA,
15
1, 17,
Common
HCPL-2630
VO(MAX) = 0.8 V,
18, 19
Mode
HCPL-0600/0630
RL = 350 Ω, TA = 25°C
Transient
HCNW137
Immunity
HCPL-2601/2631
5,000
10,000
|VCM| = 50 V
HCPL-0601/0631
HCNW2601
HCPL-2611/4661
10,000 15,000
|VCM| = 1 kV
HCPL-0611/0661
HCNW2611


Podobny numer części - HCPL-261A

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Agilent(Hewlett-Packard...
HCPL-261A HP-HCPL-261A Datasheet
246Kb / 15P
   High CMR Line Receiver Optocouplers
HCPL-261A HP-HCPL-261A Datasheet
252Kb / 16P
   HCMOS Compatible, High CMR, 10 MBd Optocouplers
HCPL-261A HP-HCPL-261A Datasheet
159Kb / 15P
   遙쁂MR ?곲쳵?잞펷10MBd竊?鵝롥뀯?쎼깢?⒲깉?ャ깤?
logo
AVAGO TECHNOLOGIES LIMI...
HCPL-261A AVAGO-HCPL-261A Datasheet
422Kb / 17P
   HCMOS Compatible, High CMR, 10 MBd Optocouplers
HCPL-261A AVAGO-HCPL-261A Datasheet
398Kb / 17P
   HCMOS Compatible, High CMR, 10 MBd Optocouplers High speed: 10 MBd typical
More results

Podobny opis - HCPL-261A

ProducentNumer częściArkusz danychSzczegółowy opis
logo
AVAGO TECHNOLOGIES LIMI...
HCPL-2631-500E AVAGO-HCPL-2631-500E Datasheet
356Kb / 21P
   High CMR, High Speed TTL Compatible Optocouplers
HCPL-0611-500E AVAGO-HCPL-0611-500E Datasheet
431Kb / 21P
   High CMR, High Speed TTL Compatible Optocouplers
6N137 AVAGO-6N137 Datasheet
241Kb / 22P
   High CMR, High Speed TTL Compatible Optocouplers
HCPL-0600-000E AVAGO-HCPL-0600-000E Datasheet
356Kb / 21P
   High CMR, High Speed TTL Compatible Optocouplers
logo
Broadcom Corporation.
6N137 BOARDCOM-6N137 Datasheet
1Mb / 30P
   High CMR, High Speed TTL Compatible Optocouplers
logo
AVAGO TECHNOLOGIES LIMI...
HCPL-2631-000E AVAGO-HCPL-2631-000E Datasheet
431Kb / 21P
   High CMR, High Speed TTL Compatible Optocouplers
HCPL-0601-500E AVAGO-HCPL-0601-500E Datasheet
431Kb / 21P
   High CMR, High Speed TTL Compatible Optocouplers
HCPL-0630-500E AVAGO-HCPL-0630-500E Datasheet
431Kb / 21P
   High CMR, High Speed TTL Compatible Optocouplers
HCPL-0631-500E AVAGO-HCPL-0631-500E Datasheet
431Kb / 21P
   High CMR, High Speed TTL Compatible Optocouplers
HCPL-2630-000E AVAGO-HCPL-2630-000E Datasheet
206Kb / 22P
   High CMR, High Speed TTL Compatible Optocouplers
HCPL-0630-000E AVAGO-HCPL-0630-000E Datasheet
356Kb / 21P
   High CMR, High Speed TTL Compatible Optocouplers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com