Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

KSB834 Arkusz danych(PDF) 2 Page - Fairchild Semiconductor

Numer części KSB834
Szczegółowy opis  Low Frequency Power Amplifier
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  FAIRCHILD [Fairchild Semiconductor]
Strona internetowa  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

KSB834 Arkusz danych(HTML) 2 Page - Fairchild Semiconductor

  KSB834 Datasheet HTML 1Page - Fairchild Semiconductor KSB834 Datasheet HTML 2Page - Fairchild Semiconductor KSB834 Datasheet HTML 3Page - Fairchild Semiconductor KSB834 Datasheet HTML 4Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
©2001 Fairchild Semiconductor Corporation
Rev. A1, June 2001
Typical Characteristics
Figure 1. Static Characteristic
Figure 2. DC current Gain
Figure 3. Collector-Emitter Saturation Voltage
Figure 4. Base-Emitter On Voltage
Figure 5. Safe Operating Area
Figure 6. Power Derating
-0.0
-0.5
-1.0
-1.5
-2.0
-2.5
-3.0
-3.5
-4.0
-4.5
-5.0
-0.0
-0.5
-1.0
-1.5
-2.0
-2.5
-3.0
-3.5
-4.0
-4.5
-5.0
IB=-10mA
IB=-20mA
IB=-30mA
IB=-40mA
IB=-50mA
IB=-60mA
IB=-
70m
A
IB=-
80
m
A
EMITTER COMMON
TC=25℃
VCE(V), COLLECTOR-EMITTER VOLTAGE
-0.01
-0.1
-1
1
10
100
1000
EMITTER COMMON
VCE=-5V
IC(A), COLLECTOR CURRENT
-0.01
-0.1
-1
-0.01
-0.1
-1
-10
EMITTER COMMON
IC/IB=10
IC(A), COLLECTOR CURRENT
-0.0
-0.2
-0.4
-0.6
-0.8
-1.0
-1.2
-1.4
-1.6
-0.0
-0.5
-1.0
-1.5
-2.0
-2.5
-3.0
-3.5
-4.0
EMITTER COMMON
VCE=-5
VBE(V) BASE-EMITTER VOLTAGE
-1
-10
-100
-0.1
-1
-10
IC MAX. (Continous)
IC MAX. (Pulse)
VCE(V), COLLECTOR-EMITTER VOLTAGE
0
255075
100
125
150
175
0
5
10
15
20
25
30
35
40
TC(℃), CASE TEMPERATURE


Podobny numer części - KSB834

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Samsung semiconductor
KSB834 SAMSUNG-KSB834 Datasheet
238Kb / 6P
   PNP (LOW FREQUENCY POWER AMPLIFIER)
logo
Fairchild Semiconductor
KSB834 FAIRCHILD-KSB834 Datasheet
70Kb / 4P
   Low Frequency Power Amplifier
KSB834 FAIRCHILD-KSB834 Datasheet
28Kb / 3P
   Low Frequency Power Amplifier
KSB834W FAIRCHILD-KSB834W Datasheet
28Kb / 3P
   Low Frequency Power Amplifier
KSB834W FAIRCHILD-KSB834W Datasheet
33Kb / 3P
   Low Frequency Power Amplifier
More results

Podobny opis - KSB834

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Fairchild Semiconductor
KSB1366 FAIRCHILD-KSB1366 Datasheet
50Kb / 4P
   LOW FREQUENCY POWER AMPLIFIER
KSB834W FAIRCHILD-KSB834W Datasheet
28Kb / 3P
   Low Frequency Power Amplifier
KSD1589 FAIRCHILD-KSD1589 Datasheet
44Kb / 4P
   Low Frequency Power Amplifier
KSD261 FAIRCHILD-KSD261 Datasheet
38Kb / 4P
   Low Frequency Power Amplifier
KSD568 FAIRCHILD-KSD568 Datasheet
42Kb / 4P
   Low Frequency Power Amplifier
logo
Hitachi Semiconductor
2SJ48 HITACHI-2SJ48 Datasheet
192Kb / 3P
   LOW FREQUENCY POWER AMPLIFIER
2SB1401 HITACHI-2SB1401 Datasheet
34Kb / 5P
   Low frequency power amplifier
2SB856 HITACHI-2SB856 Datasheet
323Kb / 2P
   LOW FREQUENCY POWER AMPLIFIER
logo
Fairchild Semiconductor
KSC3488 FAIRCHILD-KSC3488 Datasheet
39Kb / 4P
   Low Frequency Power Amplifier
KSB1015YTU FAIRCHILD-KSB1015YTU Datasheet
55Kb / 4P
   Low Frequency Power Amplifier
logo
Unisonic Technologies
TA8227AP UTC-TA8227AP_15 Datasheet
333Kb / 9P
   LOW FREQUENCY POWER AMPLIFIER
More results


Html Pages

1 2 3 4


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com