Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

HCPL0454 Arkusz danych(PDF) 10 Page - Agilent(Hewlett-Packard)

Numer części HCPL0454
Szczegółowy opis  High CMR, High Speed Optocouplers
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  HP [Agilent(Hewlett-Packard)]
Strona internetowa  http://www.home.agilent.com
Logo HP - Agilent(Hewlett-Packard)

HCPL0454 Arkusz danych(HTML) 10 Page - Agilent(Hewlett-Packard)

Back Button HCPL0454 Datasheet HTML 6Page - Agilent(Hewlett-Packard) HCPL0454 Datasheet HTML 7Page - Agilent(Hewlett-Packard) HCPL0454 Datasheet HTML 8Page - Agilent(Hewlett-Packard) HCPL0454 Datasheet HTML 9Page - Agilent(Hewlett-Packard) HCPL0454 Datasheet HTML 10Page - Agilent(Hewlett-Packard) HCPL0454 Datasheet HTML 11Page - Agilent(Hewlett-Packard) HCPL0454 Datasheet HTML 12Page - Agilent(Hewlett-Packard) HCPL0454 Datasheet HTML 13Page - Agilent(Hewlett-Packard) HCPL0454 Datasheet HTML 14Page - Agilent(Hewlett-Packard) Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 16 page
background image
1-42
AC Switching Specifications
Over recommended temperature (TA = 0°C to 70°C) unless otherwise specified.
Parameter
Symbol
Min. Typ.
Max. Units
Test Conditions
Fig.
Note
Propagation
0.2
0.3
TA = 25°C
Pulse: f = 20 kHz,
6,
Delay Time
tPHL
µs
Duty Cycle = 10%,
8, 9
9
to Logic Low
0.2
0.5
IF = 16 mA, VCC = 5.0 V,
at Output
RL = 1.9 kΩ, CL = 15 pF,
VTHHL = 1.5 V
0.2
0.5
0.7
TA = 25°C
Pulse: f = 10 kHz,
6,
Duty Cycle = 50%,
10-14
10
0.1
0.5
1.0
IF = 12 mA, VCC = 15.0 V,
RL = 20 kΩ, CL = 100 pF,
VTHHL = 1.5 V
Propagation
0.3
0.5
TA = 25°C
Pulse: f = 20 kHz,
6,
Delay Time
tPLH
µs
Duty Cycle = 10%,
8, 9
9
to Logic
0.3
0.7
IF = 16 mA, VCC = 5.0 V,
High at
RL = 1.9 kΩ, CL = 15 pF,
Output
VTHLH = 1.5 V
0.3
0.8
1.1
TA = 25°C
Pulse: f = 10 kHz,
6,
Duty Cycle = 50%,
10-14
10
0.2
0.8
1.4
IF = 12 mA, VCC = 15.0 V,
RL = 20 kΩ, CL = 100 pF,
VTHLH = 2.0 V
Propagation
-0.4
0.3
0.9
TA = 25°C
Pulse: f = 10 kHz,
6,
Delay
tPLH-tPHL
µs
Duty Cycle = 50%,
10-14
15
Difference
-0.7
0.3
1.3
IF = 12 mA, VCC = 15.0 V,
Between
RL = 20 kΩ, CL = 100 pF,
Any 2 Parts
VTHHL = 1.5 V, VTHLH = 2.0 V
Common
VCC = 5.0 V, RL = 1.9 kΩ,
Mode
15
30
CL = 15 pF, IF = 0 mA
7
7, 9
Transient
|CMH|
kV/
µsT
A = 25°C
Immunity at
15
30
VCC = 15.0 V, RL = 20 kΩ,
Logic High
VCM =CL = 100 pF, IF = 0 mA
7
8, 10
Level Output
1500 VP-P
Common
VCC = 5.0 V, RL = 1.9 kΩ,
Mode
15
30
CL = 15 pF, IF = 16 mA
7
7, 9
Transient
|CML|
kV/
µsT
A = 25°C
Immunity at
10
30
VCC = 15.0 V, RL = 20 kΩ,
Logic Low
VCM =CL = 100 pF, IF = 12 mA
7
8, 10
Level Output
1500 VP-P
15
30
VCC = 15.0 V, RL = 20 kΩ,
7
8, 10
CL = 100 pF, IF = 16 mA
*All typicals at TA = 25°C.
7
8, 10


Podobny numer części - HCPL0454

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Fairchild Semiconductor
HCPL0452 FAIRCHILD-HCPL0452 Datasheet
545Kb / 9P
   High Speed Transistor Optocouplers
HCPL0452 FAIRCHILD-HCPL0452 Datasheet
551Kb / 9P
   High Speed Transistor Optocouplers
HCPL0452 FAIRCHILD-HCPL0452 Datasheet
551Kb / 9P
   High Speed Transistor Optocouplers
HCPL0452 FAIRCHILD-HCPL0452 Datasheet
551Kb / 9P
   High Speed Transistor Optocouplers
HCPL0452 FAIRCHILD-HCPL0452 Datasheet
335Kb / 12P
   Single Channel HCPL0452 HCPL0453 HCPL0500 HCPL0501
More results

Podobny opis - HCPL0454

ProducentNumer częściArkusz danychSzczegółowy opis
logo
AVAGO TECHNOLOGIES LIMI...
HCPL-4504 AVAGO-HCPL-4504 Datasheet
416Kb / 19P
   High CMR, High Speed Optocouplers
HCPL-4504-500E AVAGO-HCPL-4504-500E Datasheet
200Kb / 19P
   High CMR, High Speed Optocouplers
logo
Agilent(Hewlett-Packard...
HCPL-J454 HP-HCPL-J454 Datasheet
153Kb / 20P
   High CMR, High Speed Optocouplers
logo
AVAGO TECHNOLOGIES LIMI...
HCPL-4504-000E AVAGO-HCPL-4504-000E Datasheet
200Kb / 19P
   High CMR, High Speed Optocouplers
HCPL-2631-500E AVAGO-HCPL-2631-500E Datasheet
356Kb / 21P
   High CMR, High Speed TTL Compatible Optocouplers
HCPL-0611-500E AVAGO-HCPL-0611-500E Datasheet
431Kb / 21P
   High CMR, High Speed TTL Compatible Optocouplers
6N137 AVAGO-6N137 Datasheet
241Kb / 22P
   High CMR, High Speed TTL Compatible Optocouplers
HCPL-0600-000E AVAGO-HCPL-0600-000E Datasheet
356Kb / 21P
   High CMR, High Speed TTL Compatible Optocouplers
logo
Broadcom Corporation.
6N137 BOARDCOM-6N137 Datasheet
1Mb / 30P
   High CMR, High Speed TTL Compatible Optocouplers
logo
AVAGO TECHNOLOGIES LIMI...
HCPL-2631-000E AVAGO-HCPL-2631-000E Datasheet
431Kb / 21P
   High CMR, High Speed TTL Compatible Optocouplers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com