Zakładka z wyszukiwarką danych komponentów |
|
74HCT08PW Arkusz danych(PDF) 3 Page - NXP Semiconductors |
|
74HCT08PW Arkusz danych(HTML) 3 Page - NXP Semiconductors |
3 / 16 page 74HC_HCT08 All information provided in this document is subject to legal disclaimers. © NXP B.V. 2012. All rights reserved. Product data sheet Rev. 4 — 6 September 2012 3 of 16 NXP Semiconductors 74HC08; 74HCT08 Quad 2-input AND gate 5.2 Pin description 6. Functional description [1] H = HIGH voltage level; L = LOW voltage level; X = don’t care. 7. Limiting values [1] The input and output voltage ratings may be exceeded if the input and output current ratings are observed. [2] For DIP14 package: Ptot derates linearly with 12 mW/K above 70 C. For SO14 package: Ptot derates linearly with 8 mW/K above 70 C. For (T)SSOP14 packages: Ptot derates linearly with 5.5 mW/K above 60 C. For DHVQFN14 packages: Ptot derates linearly with 4.5 mW/K above 60 C. Table 2. Pin description Symbol Pin Description 1A to 4A 1, 4, 9, 12 data input 1B to 4B 2, 5, 10,13 data input 1Y to 4Y 3, 6, 8, 11 data output GND 7 ground (0 V) VCC 14 supply voltage Table 3. Function table[1] Input Output nA nB nY LLL LH L HL L HHH Table 4. Limiting values In accordance with the Absolute Maximum Rating System (IEC 60134). Voltages are referenced to GND (ground = 0 V). Symbol Parameter Conditions Min Max Unit VCC supply voltage 0.5 +7 V IIK input clamping current VI < 0.5 V or VI >VCC +0.5 V [1] - 20 mA IOK output clamping current VO < 0.5 V or VO >VCC +0.5 V [1] - 20 mA IO output current 0.5 V < V O < VCC +0.5 V - 25 mA ICC supply current - 50 mA IGND ground current 50 - mA Tstg storage temperature 65 +150 C Ptot total power dissipation [2] DIP14 package - 750 mW SO14, (T)SSOP14 and DHVQFN14 packages - 500 mW |
Podobny numer części - 74HCT08PW |
|
Podobny opis - 74HCT08PW |
|
|
Link URL |
Polityka prywatności |
ALLDATASHEET.PL |
Czy Alldatasheet okazała się pomocna? [ DONATE ] |
O Alldatasheet | Reklama | Kontakt | Polityka prywatności | Linki | Lista producentów All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |