Zakładka z wyszukiwarką danych komponentów |
|
74HCT08BQ Arkusz danych(PDF) 1 Page - NXP Semiconductors |
|
74HCT08BQ Arkusz danych(HTML) 1 Page - NXP Semiconductors |
1 / 16 page 1. General description The 74HC08; 74HCT08 is a quad 2-input AND gate. Inputs include clamp diodes. This enables the use of current limiting resistors to interface inputs to voltages in excess of VCC. 2. Features and benefits Complies with JEDEC standard JESD7A Complies with JEDEC standard JESD8-1A Input levels: For 74HC08: CMOS level For 74HCT08: TTL level ESD protection: HBM JESD22-A114F exceeds 2000 V MM JESD22-A115-A exceeds 200 V Multiple package options Specified from 40 C to +85 C and from 40 C to +125 C 3. Ordering information 74HC08; 74HCT08 Quad 2-input AND gate Rev. 4 — 6 September 2012 Product data sheet Table 1. Ordering information Type number Package Temperature range Name Description Version 74HC08N 40 C to +125 C DIP14 plastic dual in-line package; 14 leads (300 mil) SOT27-1 74HCT08N 74HC08D 40 C to +125 C SO14 plastic small outline package; 14 leads; body width 3.9 mm SOT108-1 74HCT08D 74HC08DB 40 C to +125 C SSOP14 plastic shrink small outline package; 14 leads; body width 5.3 mm SOT337-1 74HCT08DB 74HC08PW 40 C to +125 C TSSOP14 plastic thin shrink small outline package; 14 leads; body width 4.4 mm SOT402-1 74HCT08PW 74HC08BQ 40 C to +125 C DHVQFN14 plastic dual in-line compatible thermal enhanced very thin quad flat package; no leads; 14 terminals; body 2.5 3 0.85 mm SOT762-1 74HCT08BQ |
Podobny numer części - 74HCT08BQ |
|
Podobny opis - 74HCT08BQ |