Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

HLMP-1385 Arkusz danych(PDF) 3 Page - Agilent(Hewlett-Packard)

Numer części HLMP-1385
Szczegółowy opis  T-1 (3 mm) Diffused LED Lamps
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  HP [Agilent(Hewlett-Packard)]
Strona internetowa  http://www.home.agilent.com
Logo HP - Agilent(Hewlett-Packard)

HLMP-1385 Arkusz danych(HTML) 3 Page - Agilent(Hewlett-Packard)

  HLMP-1385 Datasheet HTML 1Page - Agilent(Hewlett-Packard) HLMP-1385 Datasheet HTML 2Page - Agilent(Hewlett-Packard) HLMP-1385 Datasheet HTML 3Page - Agilent(Hewlett-Packard) HLMP-1385 Datasheet HTML 4Page - Agilent(Hewlett-Packard) HLMP-1385 Datasheet HTML 5Page - Agilent(Hewlett-Packard) HLMP-1385 Datasheet HTML 6Page - Agilent(Hewlett-Packard)  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
1-136
Electrical Characteristics at TA = 25°C (cont.)
Device
Test
Symbol
Description
HLMP-
Min.
Typ.
Max.
Units
Conditions
2
θ1/2
Included Angle Between
All
60
Deg.
IF = 10 mA
Half Luminous Intensity
See Note 1
Points
λ
PEAK
Peak Wavelength
High Efficiency Red
635
nm
Measurement
Orange
600
at Peak
Yellow
583
Green
565
Emerald Green
558
λ
d
Dominant Wavelength
High Efficiency Red
626
nm
See Note 2
Orange
602
Yellow
585
Green
569
Emerald Green
560
∆λ
1/2
Spectral Line Halfwidth
High Efficiency Red
40
nm
Yellow
36
Green
28
Emerald Green
24
τ
s
Speed of Response
High Efficiency Red
90
ns
Orange
280
Yellow
90
Green
500
Emerald Green
3100
C
Capacitance
High Efficiency Red
11
pF
VF = 0;
Orange
4
f = 1 MHz
Yellow
15
Green
18
Emerald Green
35
R
θ
J-PIN
Thermal Resistance
All
290
°C/W
Junction to
Cathode Lead
VF
Forward Voltage
HER/Orange
1.5
1.9
2.4
V
IF = 10 mA
Yellow
1.5
2.0
2.4
Green
1.5
2.1
2.7
Emerald Green
2.1
2.7
VR
Reverse Breakdown
All
5.0
V
IR = 100 µA
Voltage
η
V
Luminous Efficacy
High Efficiency Red
145
lumens
See Note 3
Orange
380
Watt
Yellow
500
Green
595
Emerald Green
655
Notes:
1.
θ1/2 is the off-axis angle at which the luminous intensity is half the axial luminous intensity.
2. The dominant wavelength,
λ
d, is derived from the CIE chromaticity diagram and represents the single wavelength which defines the
color of the device.
3. Radiant intensity, Ie, in watts/steradian, may be found from the equation Ie= Ivv, where Iv is the luminous intensity in candelas and ηv
is the luminous efficacy in lumens/watt.


Podobny numer części - HLMP-1385

ProducentNumer częściArkusz danychSzczegółowy opis
logo
QT Optoelectronics
HLMP-1300 QT-HLMP-1300 Datasheet
237Kb / 3P
   DIFFUSED T-100 SOLID STATE LAMPS
logo
Fairchild Semiconductor
HLMP-1300 FAIRCHILD-HLMP-1300 Datasheet
260Kb / 4P
   DIFFUSED T-100 SOLID STATE LAMPS
logo
QT Optoelectronics
HLMP-1301 QT-HLMP-1301 Datasheet
237Kb / 3P
   DIFFUSED T-100 SOLID STATE LAMPS
logo
Fairchild Semiconductor
HLMP-1301 FAIRCHILD-HLMP-1301 Datasheet
260Kb / 4P
   DIFFUSED T-100 SOLID STATE LAMPS
logo
Agilent(Hewlett-Packard...
HLMP-1301 HP-HLMP-1301 Datasheet
208Kb / 12P
   T-1 (3 mm) Diffused LED Lamps
More results

Podobny opis - HLMP-1385

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Agilent(Hewlett-Packard...
HLMP-1301 HP-HLMP-1301 Datasheet
208Kb / 12P
   T-1 (3 mm) Diffused LED Lamps
logo
AVAGO TECHNOLOGIES LIMI...
HLMP-1301 AVAGO-HLMP-1301 Datasheet
1Mb / 13P
   T-1 (3 mm) Diffused LED Lamps
logo
Broadcom Corporation.
HLMP-1301 BOARDCOM-HLMP-1301 Datasheet
1Mb / 12P
   T-1 (3-mm) Diffused LED Lamps
logo
Agilent(Hewlett-Packard...
HLMP-3301 HP-HLMP-3301 Datasheet
215Kb / 11P
   T-1 3/4 (5 mm) Diffused LED Lamps
logo
Chicago Miniature Lamp,...
CMD5153 CML-CMD5153 Datasheet
65Kb / 1P
   T-1 3/4 Diffused LED Lamps
CMD6153 CML-CMD6153 Datasheet
65Kb / 1P
   T-1 3/4 Diffused LED Lamps
logo
Broadcom Corporation.
HLMP-YXXX BOARDCOM-HLMP-YXXX Datasheet
456Kb / 6P
   T-1 (3 mm) AlInGaP LED Lamps
logo
AVAGO TECHNOLOGIES LIMI...
HLMP-1503 AVAGO-HLMP-1503 Datasheet
1Mb / 13P
   T-1 3mm Diffused LED Lamps
logo
Agilent(Hewlett-Packard...
HLMP-DB25-B00XX HP-HLMP-DB25-B00XX Datasheet
217Kb / 6P
   T-1 3/4 (5 mm), T-1 (3 mm) Blue LED Lamps
logo
Chicago Miniature Lamp,...
CMD50640 CML-CMD50640 Datasheet
70Kb / 1P
   T-100 (T-1) Diffused Lens LED Lamps
More results


Html Pages

1 2 3 4 5 6


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com