Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

FAN5640 Arkusz danych(PDF) 8 Page - Fairchild Semiconductor

Numer części FAN5640
Szczegółowy opis  FAN5640 Dual High-Side Constant Current Source for High-Voltage Keypad LED Illumination
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  FAIRCHILD [Fairchild Semiconductor]
Strona internetowa  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FAN5640 Arkusz danych(HTML) 8 Page - Fairchild Semiconductor

Back Button FAN5640 Datasheet HTML 3Page - Fairchild Semiconductor FAN5640 Datasheet HTML 4Page - Fairchild Semiconductor FAN5640 Datasheet HTML 5Page - Fairchild Semiconductor FAN5640 Datasheet HTML 6Page - Fairchild Semiconductor FAN5640 Datasheet HTML 7Page - Fairchild Semiconductor FAN5640 Datasheet HTML 8Page - Fairchild Semiconductor FAN5640 Datasheet HTML 9Page - Fairchild Semiconductor FAN5640 Datasheet HTML 10Page - Fairchild Semiconductor FAN5640 Datasheet HTML 11Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 8 / 11 page
background image
© 2006 Fairchild Semiconductor Corporation
www.fairchildsemi.com
FAN5640 • Rev. 1.0.2
8
Application Information
Setting the Output Current Level
An internally generated reference current is mirrored on
the MOSFETs connected to the outputs IOUT1 and
IOUT2 (pins 1 and 6, respectively). The current mirror
ratio is 275 (typical). The voltage on pin 3 (RSET) is
0.475V in steady state; therefore, the programmed
current through each of the outputs is:
EXT
OUT
R
475
.
0
275
I
EQ. 1
where REXT is the external resistor connected from pin 3
to ground. Increasing this external programming resistor
reduces the output current. For the maximum rated
25mA rating of each output, the minimum value of the
external resistor is:
k
225
.
5
025
.
0
475
.
0
275
I
475
.
0
275
R
OUT
EXT
EQ. 2
The LED output current accuracy is ±10% for 25mA
current (see the Electrical Characteristics table). In the
worst-case scenario, the calculated value of IOUT can
lead to an error of ±10% in the LED current. Since the
tolerance of REXT also affects the LED current accuracy,
a precision resistor should be chosen to have the least
effect on the overall accuracy of the LED current
(see Figure 12).
Floating vs. Tied Outputs
Unused outputs can be left floating. The current through is
zero, regardless of the current programmed at pin 3.
However, ESD protection is enhanced if the unused
output pin is tied to VIN (pin 5).
If the two output pins are tied together, they can deliver
a combined 50mA for the same programming resistor of
5.225kΩ.
External Capacitors
Because the FAN5640 is stable without capacitors on
the outputs, no capacitors are recommended. Typical
input decoupling usually present on incoming supply
rails should suffice in most applications. If necessary, a
small input capacitance may be placed between the
input pin and ground without adverse effects.
Dropout Limitations
As for any LDO regulator, there are limitations on how
close the input and output rails can be to maintain
regulation. The minimum difference is referred to as the
dropout. The relevant information is provided in the
Typical Performance curve Dropout Voltage vs. LED
Current (see Figure 8). The equation for the data is:
64
I
V
35
.
0
V
OUT
DO
EQ. 3
This is equivalent to an RDS of 64Ω with an additional
offset of 350mV. This equation is helpful in determining
the minimum dissipation in the device and the lowest
input voltage for a given application.
Multiple LED Displays
For portable applications, the FAN5640 can be powered
from the output of any typical boost regulator. Multiple
LED displays can be created with the FAN5640 powered
from the output of the FAN5333, as shown in Figure 20.
Note that the output voltage of the FAN5333 depends
upon the number of LEDs in its output string. Being
conscious of the minimum dropout requirements of the
FAN5640; if three series LEDs are required to be
present at its output, then the FAN5333 should have
four series LEDs in its output string.
IOUT1
GND
RSET 3
2
1
4
6
5
R
EXT
GND
SHDN
C
IN
C
OUT
FB
VIN
SW
GND
SHDN
L
6.8µH to
10µH
IOUT2
VIN
EN
ON
OFF
4.7µF
to
10µF
V
IN
0.1µF
to
2.2µF
FAN5333
FAN5640
Figure 20. LED Display Example


Podobny numer części - FAN5640

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Fairchild Semiconductor
FAN5645 FAIRCHILD-FAN5645 Datasheet
352Kb / 10P
   Indicator LED Blinker with Single-Wire Interface
FAN5645MPX FAIRCHILD-FAN5645MPX Datasheet
352Kb / 10P
   Indicator LED Blinker with Single-Wire Interface
FAN5646 FAIRCHILD-FAN5646 Datasheet
398Kb / 2P
   Programmable Indicator ?쏶oft??LED Blinker with TinyWire??Single-Wire Interface
FAN5646S700X FAIRCHILD-FAN5646S700X Datasheet
398Kb / 2P
   Programmable Indicator ?쏶oft??LED Blinker with TinyWire??Single-Wire Interface
FAN5646S700X FAIRCHILD-FAN5646S700X_11 Datasheet
554Kb / 4P
   Programmable Indicator ?쏶oft??LED Blinker with TinyWire??Single-Wire Interface
More results

Podobny opis - FAN5640

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Lumileds Lighting Compa...
LXH8-FW27-Y LUMILEDS-LXH8-FW27-Y Datasheet
1Mb / 2P
   High-Efficacy, Illumination Grade LED light source
LXH7-FW30 LUMILEDS-LXH7-FW30 Datasheet
1Mb / 19P
   High-Efficacy, Illumination Grade LED light source
logo
ON Semiconductor
AND8109 ONSEMI-AND8109 Datasheet
32Kb / 2P
   LED CONSTANT CURRENT SOURCE SCHEME
January, 2003 ??Rev. 0
NCP1360 ONSEMI-NCP1360_V01 Datasheet
1Mb / 31P
   Low Power Offline Constant Current & Constant Voltage Primary Side PWM Current-Mode Controller with/without High Voltage Startup Current Source
March, 2022 - Rev. 8
logo
Suzhou Juyuan Microelec...
PL3536 PMICRO-PL3536 Datasheet
278Kb / 8P
   High-precision constant voltage/constant current, primary side control
V1.0
logo
NXP Semiconductors
PSSI2021SAY PHILIPS-PSSI2021SAY Datasheet
51Kb / 8P
   Constant current source
2001 May 07
logo
Infineon Technologies A...
TLD2311EL INFINEON-TLD2311EL Datasheet
1Mb / 34P
   3 Channel High Side Current Source Basic LED Driver
Rev. 1.0, 2013-08-08
TLD1314EL INFINEON-TLD1314EL Datasheet
1Mb / 29P
   3 Channel High Side Current Source Basic LED Driver
Rev. 1.0, 2013-08-08
TLD2314EL INFINEON-TLD2314EL Datasheet
1Mb / 31P
   3 Channel High Side Current Source Basic LED Driver
Rev. 1.0, 2013-08-08
TLD1124EL INFINEON-TLD1124EL Datasheet
1Mb / 29P
   1 Channel High Side Current Source Basic LED Driver
Rev. 1.0, 2013-08-08
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com