Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

HLMP-0400 Arkusz danych(PDF) 3 Page - Agilent(Hewlett-Packard)

Numer części HLMP-0400
Szczegółowy opis  2.5 mm x 7.6 mm Rectangular LED Lamps
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  HP [Agilent(Hewlett-Packard)]
Strona internetowa  http://www.home.agilent.com
Logo HP - Agilent(Hewlett-Packard)

HLMP-0400 Arkusz danych(HTML) 3 Page - Agilent(Hewlett-Packard)

  HLMP-0400 Datasheet HTML 1Page - Agilent(Hewlett-Packard) HLMP-0400 Datasheet HTML 2Page - Agilent(Hewlett-Packard) HLMP-0400 Datasheet HTML 3Page - Agilent(Hewlett-Packard) HLMP-0400 Datasheet HTML 4Page - Agilent(Hewlett-Packard)  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
1-151
Figure 1. Relative Intensity vs. Wavelength.
Electrical/Optical Characteristics at T
A
= 25
°C
HLMP
HLMP
HLMP
HLMP-R100
-0300/-0301
-0400/-0401
-0503/-0504
Test
Sym.
Description
Min. Typ. Max. Min. Typ. Max. Min. Typ. Max. Min. Typ. Max.
Units
Conditions
2
θ
1/2
Included Angle
Between Half
Luminous
100
100
100
100
Deg.
Note 1. Fig. 6
Intensity
Points
λ
P
Peak
645
635
583
565
nm
Measurement
Wavelength
at Peak
λ
d
Dominant
637
626
585
569
nm
Note 2
Wavelength
∆λ
1/2
Spectral Line
20
40
36
28
nm
Halfwidth
τ
s
Speed of
30
90
90
500
ns
Response
C
Capacitance
30
16
18
18
pF
V
F = 0;
f = 1 MHz
R
θ
J-PIN
Thermal
260
260
260
260
°C/W
Junction to
Resistance
Cathode Lead
V
F
Forward
1.8
2.2
1.9
2.6
2.1
2.6
2.2
3.0
V
I
F = 20 mA
Voltage
Figure 2.
V
R
Reverse
5.0
5.0
5.0
5.0
V
I
R = 100 µA
Breakdown
Voltage
η
v
Luminous
80
145
500
595
lm/W
Note 3
Efficacy
Notes:
1.
θ
1/2 is the off-axis angle at which the luminous intensity is half the axial luminous intensity.
2. The dominant wavelength,
λ
d, is derived from the CIE chromaticity diagram and represents the single wavelength which defines the
color of the device.
3. Radiant intensity, I
e, in watts/steradian, may be found from the equation Ie = Ivv, where Iv is the luminous intensity in candelas and ηv
is the luminous efficacy in lumens/watt.


Podobny numer części - HLMP-0400

ProducentNumer częściArkusz danychSzczegółowy opis
logo
QT Optoelectronics
HLMP-0400 QT-HLMP-0400 Datasheet
252Kb / 3P
   RECTANCULAR SOLID STATE LAMPS
logo
Fairchild Semiconductor
HLMP-0400 FAIRCHILD-HLMP-0400 Datasheet
36Kb / 4P
   2.5 X 7.4 mm RECTANGULAR SOLID STATE LAMPS
More results

Podobny opis - HLMP-0400

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Broadcom Corporation.
HLMP-R100 BOARDCOM-HLMP-R100 Datasheet
223Kb / 8P
   2.5 mm x 7.6 mm Rectangular LED Lamps
logo
Agilent(Hewlett-Packard...
HLMP-R100 HP-HLMP-R100_05 Datasheet
174Kb / 9P
   Agilent 2.5 mm x 7.6 mm Rectangular LED Lamps
logo
List of Unclassifed Man...
L173 ETC-L173 Datasheet
163Kb / 5P
   2.5 X 5 MM RECTANGULAR SOLID LAMPS
logo
Agilent(Hewlett-Packard...
HLMP-S100 HP-HLMP-S100_1 Datasheet
132Kb / 9P
   2 mm x 5 mm Rectangular LED Lamps
HLMP-S100 HP-HLMP-S100 Datasheet
151Kb / 4P
   2 mm x 5 mm Rectangular LED Lamps
logo
AVAGO TECHNOLOGIES LIMI...
HLMP-S501-C0000 AVAGO-HLMP-S501-C0000 Datasheet
424Kb / 8P
   2 mm x 5 mm Rectangular LED Lamps
logo
Broadcom Corporation.
HLMP-S100 BOARDCOM-HLMP-S100 Datasheet
255Kb / 8P
   2 mm x 5 mm Rectangular LED Lamps
logo
Fairchild Semiconductor
HLMP-0300 FAIRCHILD-HLMP-0300 Datasheet
36Kb / 4P
   2.5 X 7.4 mm RECTANGULAR SOLID STATE LAMPS
logo
Agilent(Hewlett-Packard...
HLMA-SH05 HP-HLMA-SH05 Datasheet
60Kb / 5P
   2 mm x 5 mm Rectangular AlInGaP Lamps
logo
List of Unclassifed Man...
L-117 ETC-L-117 Datasheet
119Kb / 4P
   2 X 5 MM BI COLOR RECTANGULAR LED LAMPS
More results


Html Pages

1 2 3 4


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com