Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

HLMP-4740C0000 Arkusz danych(PDF) 1 Page - Agilent(Hewlett-Packard)

Numer części HLMP-4740C0000
Szczegółowy opis  T-13/4 (5 mm), T-1 (3 mm), Low Current LED Lamps
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  HP [Agilent(Hewlett-Packard)]
Strona internetowa  http://www.home.agilent.com
Logo HP - Agilent(Hewlett-Packard)

HLMP-4740C0000 Arkusz danych(HTML) 1 Page - Agilent(Hewlett-Packard)

  HLMP-4740C0000 Datasheet HTML 1Page - Agilent(Hewlett-Packard) HLMP-4740C0000 Datasheet HTML 2Page - Agilent(Hewlett-Packard) HLMP-4740C0000 Datasheet HTML 3Page - Agilent(Hewlett-Packard) HLMP-4740C0000 Datasheet HTML 4Page - Agilent(Hewlett-Packard) HLMP-4740C0000 Datasheet HTML 5Page - Agilent(Hewlett-Packard) HLMP-4740C0000 Datasheet HTML 6Page - Agilent(Hewlett-Packard) HLMP-4740C0000 Datasheet HTML 7Page - Agilent(Hewlett-Packard) HLMP-4740C0000 Datasheet HTML 8Page - Agilent(Hewlett-Packard) HLMP-4740C0000 Datasheet HTML 9Page - Agilent(Hewlett-Packard) Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 10 page
background image
HLMP-7000, -7019, -7040
T-13/4 (5 mm), T-1 (3 mm), Low
Current LED Lamps
Technical Data
Features
• Low Power
• High Efficiency
• CMOS-MOS Compatible
• TTL Compatible
• Wide Viewing Angle
• Choice of Package Styles
• Choice of Colors
Applications
• Low Power DC Circuits
• Telecommunications
Indicators
• Portable Equipment
• Keyboard Indicators
Description
These tinted diffused LED lamps
are designed and optimized
specifically for low DC current
operation. Luminous intensity and
forward voltage are tested at
2 mA to assure consistent bright-
ness at TTL output current levels.
Package Dimensions
HLMP-4700, -4719, -4740
HLMP-1700, -1719, -1790
AB
HLMP-1700, -1719, -1790
HLMP-4700, -4719, -4740


Podobny numer części - HLMP-4740C0000

ProducentNumer częściArkusz danychSzczegółowy opis
logo
QT Optoelectronics
HLMP-4740 QT-HLMP-4740 Datasheet
183Kb / 2P
   LOW CURRENT T-100 & T-1 3/4 SOLID STATE LAMPS
logo
Fairchild Semiconductor
HLMP-4740 FAIRCHILD-HLMP-4740 Datasheet
164Kb / 3P
   LOW CURRENT T-100 & T-1 3/4 SOLID STATE LAMPS
logo
AVAGO TECHNOLOGIES LIMI...
HLMP-4740 AVAGO-HLMP-4740 Datasheet
291Kb / 10P
   T-13/4 (5 mm), T-1 (3 mm), Low Current LED Lamps High efficiency
HLMP-4740 AVAGO-HLMP-4740 Datasheet
294Kb / 10P
   Telecommunications indicators
HLMP-4740 AVAGO-HLMP-4740 Datasheet
294Kb / 10P
   Telecommunications indicators
More results

Podobny opis - HLMP-4740C0000

ProducentNumer częściArkusz danychSzczegółowy opis
logo
AVAGO TECHNOLOGIES LIMI...
HLMP-1700 AVAGO-HLMP-1700 Datasheet
410Kb / 10P
   T-13/4 (5 mm), T-1 (3 mm), Low Current LED Lamps
HLMP-1790 AVAGO-HLMP-1790 Datasheet
291Kb / 10P
   T-13/4 (5 mm), T-1 (3 mm), Low Current LED Lamps
logo
Broadcom Corporation.
HLMP-4700 BOARDCOM-HLMP-4700 Datasheet
293Kb / 10P
   T-13/4 (5 mm), T-1 (3 mm), Low Current LED Lamps
logo
AVAGO TECHNOLOGIES LIMI...
HLMP-4700 AVAGO-HLMP-4700 Datasheet
291Kb / 10P
   T-13/4 (5 mm), T-1 (3 mm), Low Current LED Lamps High efficiency
HLMP-3750-L00B2 AVAGO-HLMP-3750-L00B2 Datasheet
684Kb / 12P
   T-13/4 (5 mm), T-1 (3 mm), Ultra-Bright LED Lamps
logo
Agilent(Hewlett-Packard...
HLMP-3707 HP-HLMP-3707_05 Datasheet
255Kb / 11P
   T-13/4 (5 mm), T-1 (3 mm), Ultra-Bright LED Lamps
HLMP-3707 HP-HLMP-3707 Datasheet
225Kb / 10P
   T-13/4 (5 mm), T-1 (3 mm), Ultra-Bright LED Lamps
HLMP-D150 HP-HLMP-D150_1 Datasheet
387Kb / 7P
   T-13/4 (5 mm), T-1 (3 mm), Low Current, Double Heterojunction AlGaAs Red LED Lamps
logo
AVAGO TECHNOLOGIES LIMI...
HLMP-D150 AVAGO-HLMP-D150 Datasheet
316Kb / 9P
   T-13/4 (5 mm), T-1 (3 mm), Low Current, Double Heterojunction AlGaAs Red LED Lamps
logo
Agilent(Hewlett-Packard...
HLMP-D150 HP-HLMP-D150 Datasheet
107Kb / 6P
   T-13/4 (5 mm), T-1 (3 mm), Low Current, Double Heterojunction AlGaAs Red LED Lamps
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com