Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

ST211118 Arkusz danych(PDF) 1 Page - E-SWITCH

Numer części ST211118
Szczegółowy opis  ALL DIMENSIONS IN MM [INCH]
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  E-SWITCH [E-SWITCH]
Strona internetowa  http://www.e-switch.com
Logo E-SWITCH - E-SWITCH

ST211118 Arkusz danych(HTML) 1 Page - E-SWITCH

  ST211118 Datasheet HTML 1Page - E-SWITCH  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
ISOMETRIC
ISOMETRIC
TITLE
SCALE
DATE
DR
DWG
REV
THE INFORMATION CONTAINED IN THIS DOCUMENT IS PROPRIETARY
TO E-SWITCH AND IS NOT TO BE COPIED OR TRANSFERRED
SHEET
OF
REV
PCR NO
DESCRIPTION
DATE
BY
200MSP6T1B1M2REH
2:1
10/9/2007
ST211118
A
BF
1
1
P.C. MOUNTING
PANEL MOUNTING
WITHOUT LOCKING RING
WITH LOCKING RING
8.64
[.340 in]
3.30
[.130 in]
8.13
[.320 in]
5.08
[.200 in]
25~
POS. 1
POS. 3
9.40
[.370 in]
POS. 1
POS. 2
POS. 3
SWITCH FUNCTION
NONE
OFF
ON
OPEN
N/A
3-1
A
17739
RELEASED FOR PRODUCTION
10/9/07
BF
NOTE:
1. ALL DIMENSIONS IN MM [INCH]
2. GENERAL TOLERANCE: X.X=±0.4
X.XX=±0.25
3. TERMINAL NUMBERS FOR REF ONLY
4. PLATING MATERIAL: GOLD
5. RATING: 0.4VA MAX. @20V AC OR DC.
6. ELECTRIC LIFE: 30,000 MAKE-AND-BREAK CYCLES
AT FULL LOAD.
7. INSULATION RESISTANCE: 1,000 MEGA-OHM MIN.
8. DIELECTRIC STRENGTH: 1,000 V RMS @SEA LEVEL.
9. OPERATING TEMP.: -30°C to 85°C
10.
DENOTES CRITICAL PARAMETER.
11. 2002/95/EC (ROHS) COMPLIANT
12. HARDWARE TO BE SHIPPED BULK
T200001 - HEX NUT - QTY 2
T200000 - LOCK WASHER - QTY 1
T200002 - LOCK RING - QTY 1
10-48 UNS-2A
THREADS
E-LOGO ON
OPPOSITE SIDE
CIRCUIT: SPST
NO EPOXY ON TERMINALS
BELOW THIS SURFACE
1
3
3
1
.70
[.028 in]
5.59
[.220 in]
4.39
[.173 in] FLAT
n6.00
[.236 in]
5.08
[.200 in]
.51
[.020 in]
5.08
[.200 in]
n1.09
[.043 in]
n4.95
[.195 in]
4.55
[.179 in]
n4.95
[.195 in]
n4.76
[.187 in]
6.10
[.240 in]
2.54
[.100 in]


Podobny numer części - ST211118

ProducentNumer częściArkusz danychSzczegółowy opis
logo
E-SWITCH
ST211111 E-SWITCH-ST211111 Datasheet
118Kb / 1P
   ALL DIMENSIONS IN MM [INCH]
ST211115 E-SWITCH-ST211115 Datasheet
62Kb / 1P
   ALL DIMENSIONS IN MM [INCH]
ST211116 E-SWITCH-ST211116 Datasheet
90Kb / 1P
   ALL DIMENSIONS IN MM [INCH]
More results

Podobny opis - ST211118

ProducentNumer częściArkusz danychSzczegółowy opis
logo
E-SWITCH
T700203 E-SWITCH-T700203 Datasheet
35Kb / 1P
   ALL DIMENSIONS IN MM [INCH]
T700400 E-SWITCH-T700400 Datasheet
31Kb / 1P
   ALL DIMENSIONS IN MM [INCH]
B401000 E-SWITCH-B401000 Datasheet
154Kb / 1P
   ALL DIMENSIONS IN MM [INCH]
B401009 E-SWITCH-B401009 Datasheet
203Kb / 1P
   ALL DIMENSIONS IN MM [INCH]
B410001 E-SWITCH-B410001 Datasheet
197Kb / 1P
   ALL DIMENSIONS IN MM [INCH]
M300001 E-SWITCH-M300001 Datasheet
34Kb / 1P
   ALL DIMENSIONS IN MM [INCH]
M302431 E-SWITCH-M302431 Datasheet
176Kb / 1P
   ALL DIMENSIONS IN MM [INCH]
M304204 E-SWITCH-M304204 Datasheet
33Kb / 1P
   ALL DIMENSIONS IN MM [INCH]
M304211 E-SWITCH-M304211 Datasheet
35Kb / 1P
   ALL DIMENSIONS IN MM [INCH]
M304212 E-SWITCH-M304212 Datasheet
35Kb / 1P
   ALL DIMENSIONS IN MM [INCH]
M305213 E-SWITCH-M305213 Datasheet
141Kb / 1P
   ALL DIMENSIONS IN MM [INCH]
More results


Html Pages

1


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com