Zakładka z wyszukiwarką danych komponentów |
|
LSC2110-622 Arkusz danych(PDF) 5 Page - Agilent(Hewlett-Packard) |
|
LSC2110-622 Arkusz danych(HTML) 5 Page - Agilent(Hewlett-Packard) |
5 / 6 page 472 Performance Specifications (cont’d.) Ratings Parameter Symbol Test Conditions Min. Max. Units MONITOR Tc = -40 °C to +85°C, ∆T = +65°C (heating) PHOTODIODE ∆T = -40°C (cooling), CW, Pf = 2.5 mW Vr = 5 V (Note 1), unless otherwise specified Photocurrent Im 0.1 2.0 mA Responsivity R 0.04 0.8 A/W Dark Current Id Pf = 0 mW, Tc = ~25 °C, Rt = 10 kΩ -20 nA Tracking Error ∆R Im = Im @ (Pf = 2.5 mW, Tc = 25 °C) - ± 0.5 dB Note: 1. Monitor Photodiode will also operate under zero bias conditions. Fiber Pigtail: Tight jacketed, self-mode stripping, single mode fiber Parameter Minimum Maximum Units Length 1.0 - m Spot Size (Mode Radius) 4.5 5.5 µm Cladding Diameter 122 128 µm Core/Cladding Concentricity - 1.0 µm Secondary Jacket Diameter 0.8 1.0 mm Effective Cutoff Wavelength 1150 1240 nm Ratings Parameter Symbol Test Conditions Min. Max. Units THERMISTOR Tc = 25 °C, unless otherwise specified Resistance Rt 9.5 10.5 k Ω Temperature Coefficient of Rt ∆Rt/∆T Typ -4.4 %dR/ °C β Constant β 0 °C to 50°C Typ 3900 °K Ratings Parameter Symbol Test Conditions Min. Max. Units TEC Pf = 2.5 mW, unless otherwise specified TEC Cooling Current Ic ∆T = -40°C, Tc = 85°C - 1.0 A TEC Heating Current Ih ∆T = 65°C, Tc = -40°C - 1.0 A Voltage Vc ∆T = -40°C to 65°C - 2.0 V |
Podobny numer części - LSC2110-622 |
|
Podobny opis - LSC2110-622 |