Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

74FCT273CT Arkusz danych(PDF) 6 Page - Integrated Device Technology

Numer części 74FCT273CT
Szczegółowy opis  FAST CMOS OCTAL D FLIP-FLOP WITH MASTER RESET
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  IDT [Integrated Device Technology]
Strona internetowa  http://www.idt.com
Logo IDT - Integrated Device Technology

74FCT273CT Arkusz danych(HTML) 6 Page - Integrated Device Technology

  74FCT273CT Datasheet HTML 1Page - Integrated Device Technology 74FCT273CT Datasheet HTML 2Page - Integrated Device Technology 74FCT273CT Datasheet HTML 3Page - Integrated Device Technology 74FCT273CT Datasheet HTML 4Page - Integrated Device Technology 74FCT273CT Datasheet HTML 5Page - Integrated Device Technology 74FCT273CT Datasheet HTML 6Page - Integrated Device Technology 74FCT273CT Datasheet HTML 7Page - Integrated Device Technology  
Zoom Inzoom in Zoom Outzoom out
 6 / 7 page
background image
MILITARYANDINDUSTRIALTEMPERATURERANGES
6
IDT54/74FCT273T/AT/CT
FASTCMOSOCTALDFLIP-FLOPWITHMASTERRESET
Pulse
Generator
R T
D.U.T
.
V CC
VIN
C L
VOUT
50pF
500
500
7.0V
3V
1.5V
0V
3V
1.5V
0V
3V
1.5V
0V
3V
1.5V
0V
DATA
INPUT
TIMING
INPUT
ASYNCHRONOUS CONTROL
PRESET
CLEAR
ETC.
SYNCHRONOUS CONTROL
tSU
tH
tREM
tSU
tH
HIGH-LOW-HIGH
PULSE
LOW-HIGH-LOW
PULSE
tW
1.5V
1.5V
SAME PHASE
INPUT TRANSITION
3V
1.5V
0V
1.5V
VOH
tPLH
OUTPUT
OPPOSITE PHASE
INPUT TRANSITION
3V
1.5V
0V
tPLH
tPHL
tPHL
VOL
CONTROL
INPUT
3V
1.5V
0V
3.5V
0V
OUTPUT
NORMALLY
LOW
OUTPUT
NORMALLY
HIGH
SWITCH
CLOSED
SWITCH
OPEN
VOL
0.3V
0.3V
tPLZ
tPZL
tPZH
tPHZ
3.5V
0V
1.5V
1.5V
ENABLE
DISABLE
VOH
PRESET
CLEAR
CLOCK ENABLE
ETC.
Octal link
Octal link
Octal link
Octal link
Octal link
TEST CIRCUITS AND WAVEFORMS
Propagation Delay
Test Circuits for All Outputs
Enable and Disable Times
Set-Up, Hold, and Release Times
Pulse Width
NOTES:
1. Diagram shown for input Control Enable-LOW and input Control Disable-HIGH.
2. Pulse Generator for All Pulses: Rate
≤ 1.0MHz; tF ≤ 2.5ns; tR ≤ 2.5ns.
Test
Switch
Open Drain
Disable Low
Closed
Enable Low
All Other Tests
Open
SWITCH POSITION
DEFINITIONS:
CL = Load capacitance: includes jig and probe capacitance.
RT = Termination resistance: should be equal to ZOUT of the Pulse Generator.


Podobny numer części - 74FCT273CT

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Integrated Device Techn...
74FCT273CT IDT-74FCT273CT Datasheet
81Kb / 7P
   FAST CMOS OCTAL D FLIP-FLOP WITH MASTER RESET
74FCT273CT IDT-74FCT273CT Datasheet
81Kb / 7P
   FAST CMOS OCTAL D FLIP-FLOP WITH MASTER RESET
More results

Podobny opis - 74FCT273CT

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Pericom Semiconductor C...
P174FCT2273T PERICOM-P174FCT2273T Datasheet
49Kb / 4P
   Fast CMOS Octal D Flip-Flop with Master Reset
PI74FCT273T PERICOM-PI74FCT273T Datasheet
148Kb / 6P
   Fast CMOS Octal D Flip-Flop with Master Reset
logo
Integrated Device Techn...
IDT74FCT273T IDT-IDT74FCT273T Datasheet
109Kb / 7P
   FAST CMOS OCTAL D FLIP-FLOP WITH MASTER RESET
74ALVCH245PG IDT-74ALVCH245PG Datasheet
81Kb / 7P
   FAST CMOS OCTAL D FLIP-FLOP WITH MASTER RESET
74FCT244P IDT-74FCT244P Datasheet
81Kb / 7P
   FAST CMOS OCTAL D FLIP-FLOP WITH MASTER RESET
74FCT521CTQG IDT-74FCT521CTQG Datasheet
81Kb / 7P
   FAST CMOS OCTAL D FLIP-FLOP WITH MASTER RESET
IDT74FCT273 IDT-IDT74FCT273 Datasheet
60Kb / 7P
   FAST CMOS OCTAL FLIP-FLOP WITH MASTER RESET
logo
AVG Semiconductors(HITE...
DV74ACT174 AVG-DV74ACT174 Datasheet
310Kb / 4P
   Hex D Flip-flop with Master Reset
DV74ACT175 AVG-DV74ACT175 Datasheet
319Kb / 4P
   Quad D Flip-flop with Master Reset
logo
National Semiconductor ...
54F174DM NSC-54F174DM Datasheet
166Kb / 8P
   Hex D Flip-Flop with Master Reset
More results


Html Pages

1 2 3 4 5 6 7


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com