Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

2SC3693_2014 Arkusz danych(PDF) 1 Page - Quanzhou Jinmei Electronic Co.,Ltd.

Numer części 2SC3693_2014
Szczegółowy opis  Silicon NPN Transistors
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  JMNIC [Quanzhou Jinmei Electronic Co.,Ltd.]
Strona internetowa  http://www.jmnic.com
Logo JMNIC - Quanzhou Jinmei Electronic Co.,Ltd.

2SC3693_2014 Arkusz danych(HTML) 1 Page - Quanzhou Jinmei Electronic Co.,Ltd.

  2SC3693_2014 Datasheet HTML 1Page - Quanzhou Jinmei Electronic Co.,Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Power Transistors
www.jmnic.com
2SC3693
Silicon NPN Transistors
Features
B C E
﹒With TO-220Fa package
﹒High speed ,power switching applications
Absolute Maximum Ratings Tc=25℃
SYMBOL
PARAMETER
RATING
UNIT
VCBO
Collector to base voltage
100
V
VCEO
Collector to emitter voltage
60
V
VEBO
Emitter to base voltage
5
V
IC
Collector current
10
A
PC
Collector power dissipation
30
W
Tj
Junction temperature
150
Tstg
Storage temperature
-55~150
TO-220Fa
Electrical Characteristics Tc=25℃
SYMBOL
PARAMETER
CONDITIONS
MIN
Typ.
MAX
UNIT
ICBO
Collector cut-off current
VCB=60V; IE=0
10
uA
IEBO
Emitter cut-off current
VEB=5V; IC=0
10
uA
ICEO
Collector cut-off current
VCBO
Collector-base breakdown voltage
VCEO(SUS)
Collector-emitter Sustaining voltage
IC=30mA; IB=0
60
V
VEBO
Emitter-base breakdown voltage
VCE(sat-1)
Collector-emitter saturation voltages
IC=8A; IB=0.4A
0.5
V
VCE(sat-2)
Collector-emitter saturation voltages
hFE-1
Forward current transfer ratio
IC=2A; VCE=2V
100
400
hFE-2
Forward current transfer ratio
VBE(sat)1
Base-emitter saturation voltages
IC=8A; IB=0.4A
1.5
V
VBE(sat)2
Base-emitter saturation voltages
fT
Transition frepuency
IC=1A; VCE=10V
140
MHz
Cob
Collector Out put Capacitance
IC=0, VCB=10V f=1MHz
150
pF
JMnic


Podobny numer części - 2SC3693_2014

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Quanzhou Jinmei Electro...
2SC3693 JMNIC-2SC3693_15 Datasheet
33Kb / 1P
   Silicon NPN Transistors
More results

Podobny opis - 2SC3693_2014

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Seme LAB
2N5338X SEME-LAB-2N5338X Datasheet
15Kb / 2P
   NPN SILICON TRANSISTORS
2N5681 SEME-LAB-2N5681 Datasheet
22Kb / 2P
   NPN SILICON TRANSISTORS
logo
Micro Electronics
PN3641 MICRO-ELECTRONICS-PN3641 Datasheet
144Kb / 1P
   NPN SILICON TRANSISTORS
logo
STMicroelectronics
2N5681 STMICROELECTRONICS-2N5681 Datasheet
67Kb / 4P
   SILICON NPN TRANSISTORS
July 1997
logo
Quanzhou Jinmei Electro...
2SC4278 JMNIC-2SC4278_15 Datasheet
127Kb / 1P
   Silicon NPN Transistors
logo
Central Semiconductor C...
2N4400 CENTRAL-2N4400_15 Datasheet
707Kb / 4P
   SILICON NPN TRANSISTORS
2N2895 CENTRAL-2N2895_15 Datasheet
777Kb / 3P
   SILICON NPN TRANSISTORS
logo
Quanzhou Jinmei Electro...
2SD1026_2015 JMNIC-2SD1026_2015 Datasheet
37Kb / 1P
   Silicon NPN Transistors
logo
Central Semiconductor C...
2N3419 CENTRAL-2N3419 Datasheet
508Kb / 2P
   SILICON NPN TRANSISTORS
2N3583 CENTRAL-2N3583_15 Datasheet
344Kb / 2P
   SILICON NPN TRANSISTORS
logo
STMicroelectronics
BD135 STMICROELECTRONICS-BD135_01 Datasheet
76Kb / 4P
   NPN SILICON TRANSISTORS
More results


Html Pages

1


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com