Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

HLMP-3600OBA2 Arkusz danych(PDF) 3 Page - Agilent(Hewlett-Packard)

Numer części HLMP-3600OBA2
Szczegółowy opis  T-13/4 (5 mm), T-1 (3 mm), 5 Volt, 12 Volt, Integrated Resistor LED Lamps
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  HP [Agilent(Hewlett-Packard)]
Strona internetowa  http://www.home.agilent.com
Logo HP - Agilent(Hewlett-Packard)

HLMP-3600OBA2 Arkusz danych(HTML) 3 Page - Agilent(Hewlett-Packard)

  HLMP-3600OBA2 Datasheet HTML 1Page - Agilent(Hewlett-Packard) HLMP-3600OBA2 Datasheet HTML 2Page - Agilent(Hewlett-Packard) HLMP-3600OBA2 Datasheet HTML 3Page - Agilent(Hewlett-Packard) HLMP-3600OBA2 Datasheet HTML 4Page - Agilent(Hewlett-Packard) HLMP-3600OBA2 Datasheet HTML 5Page - Agilent(Hewlett-Packard) HLMP-3600OBA2 Datasheet HTML 6Page - Agilent(Hewlett-Packard) HLMP-3600OBA2 Datasheet HTML 7Page - Agilent(Hewlett-Packard) HLMP-3600OBA2 Datasheet HTML 8Page - Agilent(Hewlett-Packard)  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
3
Part Numbering System
HLMX-X
6
X
X
X
X
X
XX
Mechanical Option
00: Bulk
01: Tape & Reel, Crimped Leads
02: Tape & Reel, Straight Leads
A1,B1: Right Angle Housing, Uneven Leads
A2,B2: Right Angle Housing, Even Leads
Color Bin Options
0: Full color bin distribution
B: Color bin 2&3 only
D: Color bin 4&5 only
Maximum Iv Bin Options
0: Open (No. max. limit)
Others: Please refer to the Iv bin Table
Minimum Iv Bin Options
Please refer to the Iv bin Table
Operating Voltage
0: 5 V
1: 12 V
Color Options
0: GaP HER
2,5: GaP Yellow
4,8: GaP Green
Package Options
3: T-13/4 (5 mm)
1: T-1 (3 mm)
Absolute Maximum Ratings at TA = 25°C
Red/HER/
Red/HER/
Yellow
Yellow
Green
Green
5 Volt Lamps
12 Volt Lamps
5 Volt Lamps
12 Volt Lamps
DC Forward Voltage (TA = 25°C)
7.5 Volts[2]
15 Volts[3]
7.5 Volts[2]
15 Volts[3]
Reverse Voltage (IR = 100 µA)
5 Volts
5 Volts
5 Volts
5 Volts
Operating Temperature Range
-40
°C to 85°C
-40
°C to 85°C
-20
°C to 85°C
-20
°C to 85°C
Storage Temperature Range
-55
°C to 100°C
-55
°C to 100°C
-55
°C to 100°C
-55
°C to 100°C
Lead Soldering Temperature
260
°C for 5 seconds
Notes:
2. Derate from TA = 50°C at 0.071 V/°C, see Figure 3.
3. Derate from TA = 50°C at 0.086 V/°C, see Figure 4.


Podobny numer części - HLMP-3600OBA2

ProducentNumer częściArkusz danychSzczegółowy opis
logo
AVAGO TECHNOLOGIES LIMI...
HLMP-3600 AVAGO-HLMP-3600 Datasheet
141Kb / 9P
   T-13/4 (5 mm), T-1 (3 mm), 5 Volt, 12 Volt Integrated Resistor LED Lamps
HLMP-3600 AVAGO-HLMP-3600 Datasheet
202Kb / 8P
   T??3/4 (5 mm), T-1 (3 mm), 5 Volt, 12 Volt, Integrated Resistor LED Lamps
More results

Podobny opis - HLMP-3600OBA2

ProducentNumer częściArkusz danychSzczegółowy opis
logo
AVAGO TECHNOLOGIES LIMI...
HLMP-1600 AVAGO-HLMP-1600_07 Datasheet
141Kb / 9P
   T-13/4 (5 mm), T-1 (3 mm), 5 Volt, 12 Volt Integrated Resistor LED Lamps
HLMP-1600 AVAGO-HLMP-1600 Datasheet
202Kb / 8P
   T??3/4 (5 mm), T-1 (3 mm), 5 Volt, 12 Volt, Integrated Resistor LED Lamps
logo
Broadcom Corporation.
HLMP-1600 BOARDCOM-HLMP-1600 Datasheet
230Kb / 8P
   T??3/4 (5 mm), T-1 (3 mm), 5 Volt, 12 Volt, Integrated Resistor LED Lamps
logo
QT Optoelectronics
MR3050 QT-MR3050 Datasheet
264Kb / 3P
   INTEGRATED T-1 3/4 RESISTOR LAMPS 5 VOLT AND 12 VOLT SERIES
MR5060 QT-MR5060 Datasheet
261Kb / 3P
   INTEGRATED T-1 RESISTOR LAMPS 5 VOLT AND 12 VOLT SERIES
logo
AVAGO TECHNOLOGIES LIMI...
HLMP-3750-L00B2 AVAGO-HLMP-3750-L00B2 Datasheet
684Kb / 12P
   T-13/4 (5 mm), T-1 (3 mm), Ultra-Bright LED Lamps
logo
Agilent(Hewlett-Packard...
HLMP-4700 HP-HLMP-4700 Datasheet
192Kb / 10P
   T-13/4 (5 mm), T-1 (3 mm), Low Current LED Lamps
HLMP-3707 HP-HLMP-3707_05 Datasheet
255Kb / 11P
   T-13/4 (5 mm), T-1 (3 mm), Ultra-Bright LED Lamps
logo
AVAGO TECHNOLOGIES LIMI...
HLMP-1700 AVAGO-HLMP-1700 Datasheet
410Kb / 10P
   T-13/4 (5 mm), T-1 (3 mm), Low Current LED Lamps
HLMP-1790 AVAGO-HLMP-1790 Datasheet
291Kb / 10P
   T-13/4 (5 mm), T-1 (3 mm), Low Current LED Lamps
More results


Html Pages

1 2 3 4 5 6 7 8


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com