Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

74FCT374A Arkusz danych(PDF) 2 Page - Integrated Device Technology

Numer części 74FCT374A
Szczegółowy opis  FAST CMOS OCTAL D REGISTERS (3-STATE)
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  IDT [Integrated Device Technology]
Strona internetowa  http://www.idt.com
Logo IDT - Integrated Device Technology

74FCT374A Arkusz danych(HTML) 2 Page - Integrated Device Technology

  74FCT374A Datasheet HTML 1Page - Integrated Device Technology 74FCT374A Datasheet HTML 2Page - Integrated Device Technology 74FCT374A Datasheet HTML 3Page - Integrated Device Technology 74FCT374A Datasheet HTML 4Page - Integrated Device Technology 74FCT374A Datasheet HTML 5Page - Integrated Device Technology 74FCT374A Datasheet HTML 6Page - Integrated Device Technology 74FCT374A Datasheet HTML 7Page - Integrated Device Technology  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
MILITARYANDCOMMERCIAL TEMPERATURERANGES
2
IDT54/74FCT374/A/C
FAST CMOS OCTAL D REGISTERS (3-STATE)
PIN CONFIGURATION
CERDIP/ SOIC
TOP VIEW
LCC
TOP VIEW
Symbol
Rating
Commercial
Military
Unit
VTERM(2)
Terminal Voltage
–0.5 to +7
–0.5 to +7
V
with Respect to GND
VTERM(3)
Terminal Voltage
–0.5 to VCC
–0.5 to VCC
V
with Respect to GND
TA
Operating Temperature
0 to +70
–55 to +125
°C
TBIAS
Temperature under BIAS
–55 to +125
–65 to +135
°C
TSTG
Storage Temperature
–55 to +125
–65 to +150
°C
PT
Power Dissipation
0.5
0.5
W
IOUT
DC Output Current
120
120
mA
ABSOLUTE MAXIMUM RATINGS(1)
NOTES:
1. Stresses greater than those listed under ABSOLUTE MAXIMUM RATINGS may cause
permanent damage to the device. This is a stress rating only and functional operation
of the device at these or any other conditions above those indicated in the operational
sections of this specification is not implied. Exposure to absolute maximum rating
conditions for extended periods may affect reliability. No terminal voltage may exceed
Vcc by +0.5V unless otherwise noted.
2. Input and Vcc terminals only.
3. Output and I/O terminals only.
Symbol
Parameter(1)
Conditions
Typ.
Max.
Unit
CIN
Input Capacitance
VIN = 0V
6
10
pF
COUT
Output Capacitance
VOUT = 0V
8
12
pF
CAPACITANCE (TA= +25°C, F = 1.0MHz)
NOTE:
1. This parameter is measured at characterization but not tested.
1
2
3
4
5
7
9
6
8
10
11
12
13
14
15
16
17
18
19
20
O6
D7
D6
O5
D5
INDEX
D1
O1
D3
O2
D2
2
3
1
16
15
14
11
19
18
20
17
13
12
5
6
7
4
8
9
10
D1
O0
D0
VCC
O1
D3
O2
D2
O3
GND
O7
O6
D7
D6
O5
O4
D5
D4
CP
OE
NOTE:
1. H = HIGH Voltage Level
X = Don’t Care
L = LOW Voltage Level
Z = High Impedance
NC = No Change
↑ = LOW-to-HIGH transition
FUNCTION TABLE(1)
Inputs
Outputs
Internal
Function
OE
CP
Dx
Qx
Qx
High-Z
H
L
X
Z
N C
HH
X
Z
N C
Load
L
LL
H
Register
L
HH
L
H
LZ
H
H
HZ
L
Pin Names
Description
Dx
D flip-flop data inputs
C P
Clock Pulse for the register. Enters data on LOW-to-
HIGH transition.
Ox
3-State Outputs (TRUE)
O x
3-State Outputs (INVERTED)
OE
Active LOW 3-State Output Enable Input
PIN DESCRIPTION


Podobny numer części - 74FCT374A

ProducentNumer częściArkusz danychSzczegółowy opis
logo
National Semiconductor ...
74FCT374ADCQB NSC-74FCT374ADCQB Datasheet
213Kb / 8P
   Octal D Flip-Flop with TRI-STATE Outputs
74FCT374ADCQR NSC-74FCT374ADCQR Datasheet
213Kb / 8P
   Octal D Flip-Flop with TRI-STATE Outputs
74FCT374ADCX NSC-74FCT374ADCX Datasheet
213Kb / 8P
   Octal D Flip-Flop with TRI-STATE Outputs
74FCT374ADMQB NSC-74FCT374ADMQB Datasheet
213Kb / 8P
   Octal D Flip-Flop with TRI-STATE Outputs
74FCT374ADMQR NSC-74FCT374ADMQR Datasheet
213Kb / 8P
   Octal D Flip-Flop with TRI-STATE Outputs
More results

Podobny opis - 74FCT374A

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Integrated Device Techn...
IDT5474FCT374A IDT-IDT5474FCT374A Datasheet
91Kb / 7P
   FAST CMOS OCTAL D REGISTERS (3-STATE)
74FCT574T IDT-74FCT574T Datasheet
57Kb / 7P
   FAST CMOS OCTAL D REGISTERS (3-STATE)
IDT54 IDT-IDT54 Datasheet
57Kb / 7P
   FAST CMOS OCTAL D REGISTERS (3-STATE)
logo
Pericom Semiconductor C...
PI74FCT374T PERICOM-PI74FCT374T Datasheet
163Kb / 9P
   Fast CMOS Octal D Registers (3-State)
logo
Integrated Device Techn...
IDT74FCT574 IDT-IDT74FCT574 Datasheet
144Kb / 7P
   FAST CMOS OCTAL D REGISTERS (3-STATE)
IDT54FCT374DB IDT-IDT54FCT374DB Datasheet
88Kb / 7P
   FAST CMOS OCTAL D REGISTERS (3-STATE)
IDT74FCT646T IDT-IDT74FCT646T Datasheet
189Kb / 9P
   FAST CMOS OCTAL TRANSCEIVER/ REGISTERS (3-STATE)
IDT74FCT3574 IDT-IDT74FCT3574 Datasheet
108Kb / 7P
   3.3V CMOS OCTAL D REGISTERS (3-STATE)
IDT74FCT2374AT IDT-IDT74FCT2374AT Datasheet
74Kb / 7P
   FAST CMOS OCTAL D REGISTER (3-STATE)
logo
Renesas Technology Corp
IDT74FCT2374AT RENESAS-IDT74FCT2374AT Datasheet
244Kb / 8P
   FAST CMOS OCTAL D REGISTER (3-STATE)
SEPTEMBER 2009
More results


Html Pages

1 2 3 4 5 6 7


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com