Zakładka z wyszukiwarką danych komponentów |
|
HLMP-1700D00A1 Arkusz danych(PDF) 5 Page - Agilent(Hewlett-Packard) |
|
HLMP-1700D00A1 Arkusz danych(HTML) 5 Page - Agilent(Hewlett-Packard) |
5 / 10 page 5 Absolute Maximum Ratings Parameter Maximum Rating Units Power Dissipation Red 24 mW (Derate linearly from 92 °C at 1.0 mA/°C) Yellow 36 Green 24 DC and Peak Forward Current 7 mA Transient Forward Current (10 µs Pulse)[1] 500 mA Reverse Voltage (IR = 50 µA) 5.0 V Operating Temperature Range Red/Yellow -55 °C to 100°C Green -20 °C to 100°C Storage Temperature Range -55 °C to +100°C Lead Soldering Temperature 260 °C for 5 seconds [1.6 mm (0.063 in.) from body] Note: 1. The transient peak current is the maximum non-recurring peak current the devices can withstand without damaging the LED die and wire bonds. It is not recommended that the device be operated at peak currents beyond the Absolute Maximum Peak Forward Current. Figure 2. Forward Current vs. Forward Voltage. Figure 3. Relative Luminous Intensity vs. Forward Current. Figure 1. Relative Intensity vs. Wavelength. 0 0 VOLTAGE – V 1.5 6 0.5 1.0 2.5 2 4 8 10 2.0 RED YELLOW GREEN |
Podobny numer części - HLMP-1700D00A1 |
|
Podobny opis - HLMP-1700D00A1 |
|
|
Link URL |
Polityka prywatności |
ALLDATASHEET.PL |
Czy Alldatasheet okazała się pomocna? [ DONATE ] |
O Alldatasheet | Reklama | Kontakt | Polityka prywatności | Linki | Lista producentów All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |