Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

74HCT04D Arkusz danych(PDF) 1 Page - NXP Semiconductors

Numer części 74HCT04D
Szczegółowy opis  Hex inverter
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  PHILIPS [NXP Semiconductors]
Strona internetowa  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

74HCT04D Arkusz danych(HTML) 1 Page - NXP Semiconductors

  74HCT04D Datasheet HTML 1Page - NXP Semiconductors 74HCT04D Datasheet HTML 2Page - NXP Semiconductors 74HCT04D Datasheet HTML 3Page - NXP Semiconductors 74HCT04D Datasheet HTML 4Page - NXP Semiconductors 74HCT04D Datasheet HTML 5Page - NXP Semiconductors 74HCT04D Datasheet HTML 6Page - NXP Semiconductors 74HCT04D Datasheet HTML 7Page - NXP Semiconductors 74HCT04D Datasheet HTML 8Page - NXP Semiconductors 74HCT04D Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 17 page
background image
1.
General description
The 74HC04; 74HCT04 is a hex inverter. The inputs include clamp diodes that enable the
use of current limiting resistors to interface inputs to voltages in excess of VCC.
2.
Features and benefits
Complies with JEDEC standard JESD7A
Complies with JEDEC standard JESD8-1A
Input levels:
For 74HC04: CMOS level
For 74HCT04: TTL level
ESD protection:
HBM JESD22-A114F exceeds 2000 V
MM JESD22-A115-A exceeds 200 V
Multiple package options
Specified from
40 C to +85 C and from 40 C to +125 C
3.
Ordering information
74HC04; 74HCT04
Hex inverter
Rev. 4 — 3 August 2012
Product data sheet
Table 1.
Ordering information
Type number
Package
Temperature range
Name
Description
Version
74HC04N
40 C to +125 C
DIP14
plastic dual in-line package; 14 leads (300 mil)
SOT27-1
74HCT04N
74HC04D
40 C to +125 C
SO14
plastic small outline package; 14 leads; body width
3.9 mm
SOT108-1
74HCT04D
74HC04DB
40 C to +125 C
SSOP14
plastic shrink small outline package; 14 leads; body
width 5.3 mm
SOT337-1
74HCT04DB
74HC04PW
40 C to +125 C
TSSOP14
plastic thin shrink small outline package; 14 leads;
body width 4.4 mm
SOT402-1
74HCT04PW
74HC04BQ
40 C to +125 C
DHVQFN14
plastic dual in-line compatible thermal enhanced very
thin quad flat package; no leads; 14 terminals;
body 2.5
 3  0.85 mm
SOT762-1
74HCT04BQ


Podobny numer części - 74HCT04D

ProducentNumer częściArkusz danychSzczegółowy opis
logo
NXP Semiconductors
74HCT04D PHILIPS-74HCT04D Datasheet
109Kb / 20P
   Hex inverter
2003 Jul 23
74HCT04D PHILIPS-74HCT04D Datasheet
33Kb / 5P
   Hex inverter
2003 Jul 23
logo
SHENZHEN FUMAN ELECTRON...
74HCT04D FUMAN-74HCT04D Datasheet
622Kb / 18P
   Complies with JEDEC standard no. 8 1A
logo
Toshiba Semiconductor
74HCT04D TOSHIBA-74HCT04D Datasheet
183Kb / 7P
   CMOS Digital Integrated Circuits Silicon Monolithic
2020-11-17 Rev.3.0
logo
Nexperia B.V. All right...
74HCT04D NEXPERIA-74HCT04D Datasheet
263Kb / 15P
   Hex inverter
Rev. 9 - 9 February 2023
More results

Podobny opis - 74HCT04D

ProducentNumer częściArkusz danychSzczegółowy opis
logo
NXP Semiconductors
74LVC04A PHILIPS-74LVC04A Datasheet
87Kb / 10P
   Hex inverter
1997 Jun 30
logo
Texas Instruments
74AC11004 TI-74AC11004 Datasheet
75Kb / 5P
[Old version datasheet]   HEX INVERTER
REVISED APRIL 1996
logo
Fairchild Semiconductor
74AC04 FAIRCHILD-74AC04 Datasheet
104Kb / 8P
   Hex Inverter
74VHCT04A FAIRCHILD-74VHCT04A Datasheet
128Kb / 8P
   Hex Inverter
MM74HC04 FAIRCHILD-MM74HC04 Datasheet
77Kb / 6P
   Hex Inverter
MM74HCU04 FAIRCHILD-MM74HCU04 Datasheet
81Kb / 6P
   Hex Inverter
logo
NXP Semiconductors
74HC04 PHILIPS-74HC04 Datasheet
33Kb / 5P
   Hex inverter
2003 Jul 23
logo
STMicroelectronics
HCC4069UB STMICROELECTRONICS-HCC4069UB Datasheet
283Kb / 12P
   HEX INVERTER
logo
Motorola, Inc
74LS04 MOTOROLA-74LS04 Datasheet
34Kb / 2P
   HEX INVERTER
logo
NXP Semiconductors
74ALS04B PHILIPS-74ALS04B Datasheet
100Kb / 8P
   Hex inverter
1991 Feb 08
logo
STMicroelectronics
74AC04 STMICROELECTRONICS-74AC04_01 Datasheet
176Kb / 8P
   HEX INVERTER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com