Zakładka z wyszukiwarką danych komponentów |
|
74HCT04N Arkusz danych(PDF) 2 Page - NXP Semiconductors |
|
74HCT04N Arkusz danych(HTML) 2 Page - NXP Semiconductors |
2 / 17 page 74HC_HCT04 All information provided in this document is subject to legal disclaimers. © NXP B.V. 2012. All rights reserved. Product data sheet Rev. 4 — 3 August 2012 2 of 17 NXP Semiconductors 74HC04; 74HCT04 Hex inverter 4. Functional diagram 5. Pinning information Fig 1. Logic symbol Fig 2. IEC logic symbol Fig 3. Logic diagram (one inverter) mna342 1A 1Y 1 2 2A 2Y 3 4 3A 3Y 5 6 4A 4Y 9 8 5A 5Y 11 10 6A 6Y 13 12 1 1 2 mna343 3 1 4 5 1 6 9 1 8 11 1 10 13 1 12 mna341 A Y (1) The die substrate is attached to the exposed die pad using conductive die attach material. It cannot be used as a supply pin or input. Fig 4. Pin configuration DIP14, SO14 and (T)SSOP14 Fig 5. Pin configuration DHVQFN14 04 1A VCC 1Y 6A 2A 6Y 2Y 5A 3A 5Y 3Y 4A GND 4Y 001aac441 1 2 3 4 5 6 7 8 10 9 12 11 14 13 001aac442 04 GND(1) Transparent top view 3Y 4A 3A 5Y 2Y 5A 2A 6Y 1Y 6A 6 9 5 10 4 11 3 12 2 13 terminal 1 index area |
Podobny numer części - 74HCT04N |
|
Podobny opis - 74HCT04N |