Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

74HCT04DB Arkusz danych(PDF) 3 Page - NXP Semiconductors

Numer części 74HCT04DB
Szczegółowy opis  Hex inverter
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  PHILIPS [NXP Semiconductors]
Strona internetowa  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

74HCT04DB Arkusz danych(HTML) 3 Page - NXP Semiconductors

  74HCT04DB Datasheet HTML 1Page - NXP Semiconductors 74HCT04DB Datasheet HTML 2Page - NXP Semiconductors 74HCT04DB Datasheet HTML 3Page - NXP Semiconductors 74HCT04DB Datasheet HTML 4Page - NXP Semiconductors 74HCT04DB Datasheet HTML 5Page - NXP Semiconductors 74HCT04DB Datasheet HTML 6Page - NXP Semiconductors 74HCT04DB Datasheet HTML 7Page - NXP Semiconductors 74HCT04DB Datasheet HTML 8Page - NXP Semiconductors 74HCT04DB Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 17 page
background image
74HC_HCT04
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2012. All rights reserved.
Product data sheet
Rev. 4 — 3 August 2012
3 of 17
NXP Semiconductors
74HC04; 74HCT04
Hex inverter
5.1 Pin description
6.
Functional description
7.
Limiting values
Table 2.
Pin description
Symbol
Pin
Description
1A
1
data input
1Y
2
data output
2A
3
data input
2Y
4
data output
3A
5
data input
3Y
6
data output
GND
7
ground (0 V)
4Y
8
data output
4A
9
data input
5Y
10
data output
5A
11
data input
6Y
12
data output
6A
13
data input
VCC
14
supply voltage
Table 3.
Function table
H = HIGH voltage level; L = LOW voltage level
Input
Output
nA
nY
LH
HL
Table 4.
Limiting values
In accordance with the Absolute Maximum Rating System (IEC 60134). Voltages are referenced to GND (ground = 0 V).
Symbol
Parameter
Conditions
Min
Max
Unit
VCC
supply voltage
0.5
+7
V
IIK
input clamping current
VI < 0.5 V or VI >VCC +0.5 V
[1] -
20
mA
IOK
output clamping current
VO < 0.5 V or VO >VCC +0.5 V
[1] -
20
mA
IO
output current
0.5 V < V
O < VCC +0.5 V
-
25
mA
ICC
supply current
-
50
mA
IGND
ground current
50
-
mA
Tstg
storage temperature
65
+150
C
Ptot
total power dissipation
[2]
DIP14 package
-
750
mW
SO14, (T)SSOP14 and
DHVQFN14 packages
-
500
mW


Podobny numer części - 74HCT04DB

ProducentNumer częściArkusz danychSzczegółowy opis
logo
NXP Semiconductors
74HCT04DB PHILIPS-74HCT04DB Datasheet
109Kb / 20P
   Hex inverter
2003 Jul 23
74HCT04DB PHILIPS-74HCT04DB Datasheet
33Kb / 5P
   Hex inverter
2003 Jul 23
logo
SHENZHEN FUMAN ELECTRON...
74HCT04DB FUMAN-74HCT04DB Datasheet
622Kb / 18P
   Complies with JEDEC standard no. 8 1A
logo
NXP Semiconductors
74HCT04DB-Q100 NXP-74HCT04DB-Q100 Datasheet
132Kb / 16P
   Hex inverter
Rev. 2-10 April 2013
logo
Nexperia B.V. All right...
74HCT04DB-Q100 NEXPERIA-74HCT04DB-Q100 Datasheet
710Kb / 16P
   Hex inverter
More results

Podobny opis - 74HCT04DB

ProducentNumer częściArkusz danychSzczegółowy opis
logo
NXP Semiconductors
74LVC04A PHILIPS-74LVC04A Datasheet
87Kb / 10P
   Hex inverter
1997 Jun 30
logo
Texas Instruments
74AC11004 TI-74AC11004 Datasheet
75Kb / 5P
[Old version datasheet]   HEX INVERTER
REVISED APRIL 1996
logo
Fairchild Semiconductor
74AC04 FAIRCHILD-74AC04 Datasheet
104Kb / 8P
   Hex Inverter
74VHCT04A FAIRCHILD-74VHCT04A Datasheet
128Kb / 8P
   Hex Inverter
MM74HC04 FAIRCHILD-MM74HC04 Datasheet
77Kb / 6P
   Hex Inverter
MM74HCU04 FAIRCHILD-MM74HCU04 Datasheet
81Kb / 6P
   Hex Inverter
logo
NXP Semiconductors
74HC04 PHILIPS-74HC04 Datasheet
33Kb / 5P
   Hex inverter
2003 Jul 23
logo
STMicroelectronics
HCC4069UB STMICROELECTRONICS-HCC4069UB Datasheet
283Kb / 12P
   HEX INVERTER
logo
Motorola, Inc
74LS04 MOTOROLA-74LS04 Datasheet
34Kb / 2P
   HEX INVERTER
logo
NXP Semiconductors
74ALS04B PHILIPS-74ALS04B Datasheet
100Kb / 8P
   Hex inverter
1991 Feb 08
logo
STMicroelectronics
74AC04 STMICROELECTRONICS-74AC04_01 Datasheet
176Kb / 8P
   HEX INVERTER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com