Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

74HCT123D Arkusz danych(PDF) 1 Page - NXP Semiconductors

Numer części 74HCT123D
Szczegółowy opis  Dual retriggerable monostable multivibrator with reset
Download  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  PHILIPS [NXP Semiconductors]
Strona internetowa  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

74HCT123D Arkusz danych(HTML) 1 Page - NXP Semiconductors

  74HCT123D Datasheet HTML 1Page - NXP Semiconductors 74HCT123D Datasheet HTML 2Page - NXP Semiconductors 74HCT123D Datasheet HTML 3Page - NXP Semiconductors 74HCT123D Datasheet HTML 4Page - NXP Semiconductors 74HCT123D Datasheet HTML 5Page - NXP Semiconductors 74HCT123D Datasheet HTML 6Page - NXP Semiconductors 74HCT123D Datasheet HTML 7Page - NXP Semiconductors 74HCT123D Datasheet HTML 8Page - NXP Semiconductors 74HCT123D Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 25 page
background image
1.
General description
The 74HC123; 74HCT123 are high-speed Si-gate CMOS devices and are pin compatible
with Low-power Schottky TTL (LSTTL). They are specified in compliance with JEDEC
standard no. 7A.
The 74HC123; 74HCT123 are dual retriggerable monostable multivibrators with output
pulse width control by three methods:
1. The basic pulse is programmed by selection of an external resistor (REXT) and
capacitor (CEXT).
2. Once triggered, the basic output pulse width may be extended by retriggering the
gated active LOW-going edge input (nA) or the active HIGH-going edge input (nB). By
repeating this process, the output pulse period (nQ = HIGH, nQ = LOW) can be made
as long as desired. Alternatively an output delay can be terminated at any time by a
LOW-going edge on input nRD, which also inhibits the triggering.
3. An internal connection from nRD to the input gates makes it possible to trigger the
circuit by a HIGH-going signal at input nRD as shown in the function table.
Schmitt-trigger action in the nA and nB inputs, makes the circuit highly tolerant to slower
input rise and fall times.
The 74HC123; 74HCT123 are identical to the 74HC423; 74HCT423 but can be triggered
via the reset input.
2.
Features and benefits
DC triggered from active HIGH or active LOW inputs
Retriggerable for very long pulses up to 100 % duty factor
Direct reset terminates output pulse
Schmitt-trigger action on all inputs except for the reset input
ESD protection:
HBM JESD22-A114F exceeds 2000 V
MM JESD22-A115-A exceeds 200 V
Specified from
40 Cto+85 C and from 40 Cto+125 C
74HC123; 74HCT123
Dual retriggerable monostable multivibrator with reset
Rev. 8 — 16 December 2011
Product data sheet


Podobny numer części - 74HCT123D

ProducentNumer częściArkusz danychSzczegółowy opis
logo
NXP Semiconductors
74HCT123D PHILIPS-74HCT123D Datasheet
124Kb / 17P
   Dual retriggerable monostable multivibrator with reset
1998 Jul 08
74HCT123D NXP-74HCT123D Datasheet
155Kb / 24P
   Dual retriggerable monostable multivibrator with reset
Rev. 05-13 July 2009
logo
Nexperia B.V. All right...
74HCT123D NEXPERIA-74HCT123D Datasheet
322Kb / 20P
   Dual retriggerable monostable multivibrator with reset
Rev. 12 - 11 August 2021
74HCT123D-Q100 NEXPERIA-74HCT123D-Q100 Datasheet
846Kb / 23P
   Dual retriggerable monostable multivibrator with reset
74HCT123D-Q100 NEXPERIA-74HCT123D-Q100 Datasheet
315Kb / 20P
   Dual retriggerable monostable multivibrator with reset
Rev. 3.1 - 3 September 2020
More results

Podobny opis - 74HCT123D

ProducentNumer częściArkusz danychSzczegółowy opis
logo
NXP Semiconductors
74LV123 NXP-74LV123 Datasheet
134Kb / 23P
   Dual retriggerable monostable multivibrator with reset
Rev. 05-8 November 2007
74AHC123A PHILIPS-74AHC123A Datasheet
111Kb / 24P
   Dual retriggerable monostable multivibrator with reset
2000 Mar 15
74HC_HCT123 PHILIPS-74HC_HCT123_15 Datasheet
267Kb / 25P
   Dual retriggerable monostable multivibrator with reset
Rev. 9-19 January 2015
logo
Nexperia B.V. All right...
74LV123 NEXPERIA-74LV123 Datasheet
310Kb / 19P
   Dual retriggerable monostable multivibrator with reset
Rev. 9 - 13 September 2021
74AHC123A-Q100 NEXPERIA-74AHC123A-Q100 Datasheet
303Kb / 20P
   Dual retriggerable monostable multivibrator with reset
Rev. 2 - 17 June 2020
logo
NXP Semiconductors
74AHC123A-Q100 NXP-74AHC123A-Q100 Datasheet
326Kb / 22P
   Dual retriggerable monostable multivibrator with reset
Rev. 1-23 May 2013
74LV423 PHILIPS-74LV423 Datasheet
156Kb / 16P
   Dual retriggerable monostable multivibrator with reset
1997 Feb 04
74AHC_AHCT123A PHILIPS-74AHC_AHCT123A_15 Datasheet
315Kb / 22P
   Dual retriggerable monostable multivibrator with reset
Rev. 4-8 November 2011
logo
Nexperia B.V. All right...
74AHCT123A NEXPERIA-74AHCT123A Datasheet
302Kb / 19P
   Dual retriggerable monostable multivibrator with reset
Rev. 5 - 17 June 2020
logo
NXP Semiconductors
74LV123 PHILIPS-74LV123 Datasheet
145Kb / 16P
   Dual retriggerable monostable multivibrator with reset
1998 Apr 20
74HC423D.653 NXP-74HC423D.653 Datasheet
295Kb / 24P
   Dual retriggerable monostable multivibrator with reset
Rev. 6-19 December 2011
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com