Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

74HCT123D Arkusz danych(PDF) 10 Page - NXP Semiconductors

Numer części 74HCT123D
Szczegółowy opis  Dual retriggerable monostable multivibrator with reset
Download  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  PHILIPS [NXP Semiconductors]
Strona internetowa  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

74HCT123D Arkusz danych(HTML) 10 Page - NXP Semiconductors

Back Button 74HCT123D Datasheet HTML 6Page - NXP Semiconductors 74HCT123D Datasheet HTML 7Page - NXP Semiconductors 74HCT123D Datasheet HTML 8Page - NXP Semiconductors 74HCT123D Datasheet HTML 9Page - NXP Semiconductors 74HCT123D Datasheet HTML 10Page - NXP Semiconductors 74HCT123D Datasheet HTML 11Page - NXP Semiconductors 74HCT123D Datasheet HTML 12Page - NXP Semiconductors 74HCT123D Datasheet HTML 13Page - NXP Semiconductors 74HCT123D Datasheet HTML 14Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 25 page
background image
74HC_HCT123
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2011. All rights reserved.
Product data sheet
Rev. 8 — 16 December 2011
10 of 25
NXP Semiconductors
74HC123; 74HCT123
Dual retriggerable monostable multivibrator with reset
[1]
tpd is the same as tPHL and tPLH; tt is the same as tTHL and tTLH
[2]
For other REXT and CEXT combinations see Figure 7. If CEXT > 10 nF, the next formula is valid.
tW =K  REXT  CEXT, where:
tW = typical output pulse width in ns;
REXT = external resistor in k;
CEXT = external capacitor in pF;
K = constant = 0.45 for VCC = 5.0 V and 0.55 for VCC =2.0 V.
The inherent test jig and pin capacitance at pins 15 and 7 (nREXT/CEXT) is approximately 7 pF.
[3]
The time to retrigger the monostable multivibrator depends on the values of REXT and CEXT. The output pulse width will only be
extended when the time between the active-going edges of the trigger input pulses meets the minimum retrigger time. If CEXT >10 pF,
the next formula (at VCC = 5.0 V) for the setup time of a retrigger pulse is valid:
trtrig = 30 + 0.19  REXT  CEXT0.9 +13  REXT1.05, where:
trtrig = retrigger time in ns;
CEXT = external capacitor in pF; REXT = external resistor in k.
The inherent test jig and pin capacitance at pins 15 and 7 (nREXT/CEXT) is 7 pF.
[4]
When the device is powered-up, initiate the device via a reset pulse, when CEXT <50pF.
[5]
CPD is used to determine the dynamic power dissipation (PD in W).
PD =CPD  VCC2  fi + (CL  VCC2  fo) + 0.75  CEXT  VCC2  fo +D  16  VCC where:
fi = input frequency in MHz;
fo = output frequency in MHz;
D = duty factor in %;
CL = output load capacitance in pF;
VCC = supply voltage in V;
CEXT = timing capacitance in pF;
(C
L  VCC
2
 f
o) sum of outputs.
tW
pulse width
VCC = 4.5 V
nA LOW; see Figure 10
20
3
-
25
-
30
-
ns
nB HIGH; see Figure 10
20
5
-
25
-
30
-
ns
nRD LOW; see Figure 11
20
7
-
25
-
30
-
ns
nQ HIGH and nQ LOW;
VCC =5.0 V;
see Figure 10 and 11
[2]
CEXT = 100 nF;
REXT = 10 k
-450
-
-
-
-
-
s
CEXT = 0 pF;
REXT =5 k
-75-
-
-
-
-
ns
trtrig
retrigger time
nA,nB; CEXT = 0 pF;
REXT = 5 k; VCC = 5.0 V;
see Figure 10
[3][4]
-110
-
-
-
-
-
ns
REXT
external timing
resistor
VCC = 5.0 V; see Figure 7
2-
1000
-
-
-
-
k
CEXT
external timing
capacitor
VCC = 5.0 V; see Figure 7
[4]
--
-
-
-
-
-
pF
CPD
power
dissipation
capacitance
per monostable;
VI = GND to VCC
[5]
-56-
-
-
-
-
pF
Table 7.
Dynamic characteristics …continued
Voltages are referenced to GND (ground = 0 V); CL = 50 pF unless otherwise specified; for test circuit see Figure 12.
Symbol Parameter
Conditions
25
C
40 C to +85 C 40 C to +125 C Unit
Min
Typ
Max
Min
Max
Min
Max


Podobny numer części - 74HCT123D

ProducentNumer częściArkusz danychSzczegółowy opis
logo
NXP Semiconductors
74HCT123D PHILIPS-74HCT123D Datasheet
124Kb / 17P
   Dual retriggerable monostable multivibrator with reset
1998 Jul 08
74HCT123D NXP-74HCT123D Datasheet
155Kb / 24P
   Dual retriggerable monostable multivibrator with reset
Rev. 05-13 July 2009
logo
Nexperia B.V. All right...
74HCT123D NEXPERIA-74HCT123D Datasheet
322Kb / 20P
   Dual retriggerable monostable multivibrator with reset
Rev. 12 - 11 August 2021
74HCT123D-Q100 NEXPERIA-74HCT123D-Q100 Datasheet
846Kb / 23P
   Dual retriggerable monostable multivibrator with reset
74HCT123D-Q100 NEXPERIA-74HCT123D-Q100 Datasheet
315Kb / 20P
   Dual retriggerable monostable multivibrator with reset
Rev. 3.1 - 3 September 2020
More results

Podobny opis - 74HCT123D

ProducentNumer częściArkusz danychSzczegółowy opis
logo
NXP Semiconductors
74LV123 NXP-74LV123 Datasheet
134Kb / 23P
   Dual retriggerable monostable multivibrator with reset
Rev. 05-8 November 2007
74AHC123A PHILIPS-74AHC123A Datasheet
111Kb / 24P
   Dual retriggerable monostable multivibrator with reset
2000 Mar 15
74HC_HCT123 PHILIPS-74HC_HCT123_15 Datasheet
267Kb / 25P
   Dual retriggerable monostable multivibrator with reset
Rev. 9-19 January 2015
logo
Nexperia B.V. All right...
74LV123 NEXPERIA-74LV123 Datasheet
310Kb / 19P
   Dual retriggerable monostable multivibrator with reset
Rev. 9 - 13 September 2021
74AHC123A-Q100 NEXPERIA-74AHC123A-Q100 Datasheet
303Kb / 20P
   Dual retriggerable monostable multivibrator with reset
Rev. 2 - 17 June 2020
logo
NXP Semiconductors
74AHC123A-Q100 NXP-74AHC123A-Q100 Datasheet
326Kb / 22P
   Dual retriggerable monostable multivibrator with reset
Rev. 1-23 May 2013
74LV423 PHILIPS-74LV423 Datasheet
156Kb / 16P
   Dual retriggerable monostable multivibrator with reset
1997 Feb 04
74AHC_AHCT123A PHILIPS-74AHC_AHCT123A_15 Datasheet
315Kb / 22P
   Dual retriggerable monostable multivibrator with reset
Rev. 4-8 November 2011
logo
Nexperia B.V. All right...
74AHCT123A NEXPERIA-74AHCT123A Datasheet
302Kb / 19P
   Dual retriggerable monostable multivibrator with reset
Rev. 5 - 17 June 2020
logo
NXP Semiconductors
74LV123 PHILIPS-74LV123 Datasheet
145Kb / 16P
   Dual retriggerable monostable multivibrator with reset
1998 Apr 20
74HC423D.653 NXP-74HC423D.653 Datasheet
295Kb / 24P
   Dual retriggerable monostable multivibrator with reset
Rev. 6-19 December 2011
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com