Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

74LVC1G14GS Arkusz danych(PDF) 5 Page - NXP Semiconductors

Numer części 74LVC1G14GS
Szczegółowy opis  Single Schmitt-trigger inverter
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  PHILIPS [NXP Semiconductors]
Strona internetowa  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

74LVC1G14GS Arkusz danych(HTML) 5 Page - NXP Semiconductors

  74LVC1G14GS Datasheet HTML 1Page - NXP Semiconductors 74LVC1G14GS Datasheet HTML 2Page - NXP Semiconductors 74LVC1G14GS Datasheet HTML 3Page - NXP Semiconductors 74LVC1G14GS Datasheet HTML 4Page - NXP Semiconductors 74LVC1G14GS Datasheet HTML 5Page - NXP Semiconductors 74LVC1G14GS Datasheet HTML 6Page - NXP Semiconductors 74LVC1G14GS Datasheet HTML 7Page - NXP Semiconductors 74LVC1G14GS Datasheet HTML 8Page - NXP Semiconductors 74LVC1G14GS Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 20 page
background image
74LVC1G14
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2012. All rights reserved.
Product data sheet
Rev. 12 — 6 August 2012
5 of 20
NXP Semiconductors
74LVC1G14
Single Schmitt-trigger inverter
11. Static characteristics
[1]
All typical values are measured at maximum VCC and Tamb = 25 C.
Table 7.
Static characteristics
At recommended operating conditions; voltages are referenced to GND (ground = 0 V).
Symbol
Parameter
Conditions
40 C to +85 C
40 C to +125 C Unit
Min
Typ[1]
Max
Min
Max
VOH
HIGH-level
output voltage
VI = VT+ or VT
IO = 100 A;
VCC = 1.65 V to 5.5 V
VCC  0.1
-
-
VCC  0.1
-
V
IO = 4 mA; VCC = 1.65 V
1.2
1.54
-
0.95
-
V
IO = 8 mA; VCC = 2.3 V
1.9
2.15
-
1.7
-
V
IO = 12 mA; VCC = 2.7 V
2.2
2.50
-
1.9
-
V
IO = 24 mA; VCC = 3.0 V
2.3
2.62
-
2.0
-
V
IO = 32 mA; VCC = 4.5 V
3.8
4.11
-
3.4
-
V
VOL
LOW-level
output voltage
VI = VT+ or VT
IO = 100 A;
VCC = 1.65 V to 5.5 V
-
-
0.10
-
0.10
V
IO = 4 mA; VCC = 1.65 V
-
0.07
0.45
-
0.70
V
IO = 8 mA; VCC = 2.3 V
-
0.12
0.30
-
0.45
V
IO = 12 mA; VCC = 2.7 V
-
0.17
0.40
-
0.60
V
IO = 24 mA; VCC = 3.0 V
-
0.33
0.55
-
0.80
V
IO = 32 mA; VCC = 4.5 V
-
0.39
0.55
-
0.80
V
II
input leakage
current
VI = 5.5 V or GND;
VCC =0 V to 5.5 V
-
0.1
5-
100
A
IOFF
power-off
leakage
current
VI or VO = 5.5 V; VCC = 0 V
-
0.1
10
-
200
A
ICC
supply current
VI = 5.5 V or GND; IO = 0 A;
VCC = 1.65 V to 5.5 V
-
0.1
10
-
200
A
I
CC
additional
supply current
VI = VCC  0.6 V; IO = 0 A;
VCC = 2.3 V to 5.5 V
-
5
500
-
5000
A
CI
input
capacitance
VCC = 3.3 V; VI =GND to VCC
-5.0
-
-
-
pF
Table 8.
Transfer characteristics
Voltages are referenced to GND (ground = 0 V); for load circuit see Figure 9.
Symbol Parameter
Conditions
40 C to +85 C
40 C to +125 C
Unit
Min
Typ[1]
Max
Min
Max
VT+
positive-going
threshold voltage
see Figure 10 and Figure 11
VCC = 1.8 V
0.82
1.0
1.14
0.79
1.14
V
VCC = 2.3 V
1.03
1.2
1.40
1.00
1.40
V
VCC = 3.0 V
1.29
1.5
1.71
1.26
1.71
V
VCC = 4.5 V
1.84
2.1
2.36
1.81
2.36
V
VCC = 5.5 V
2.19
2.5
2.79
2.16
2.79
V


Podobny numer części - 74LVC1G14GS

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Nexperia B.V. All right...
74LVC1G14GS NEXPERIA-74LVC1G14GS Datasheet
290Kb / 19P
   Single Schmitt-trigger inverter
Rev. 17 - 20 January 2022
More results

Podobny opis - 74LVC1G14GS

ProducentNumer częściArkusz danychSzczegółowy opis
logo
ON Semiconductor
NLU1G14 ONSEMI-NLU1G14_12 Datasheet
137Kb / 10P
   Single Schmitt-Trigger Inverter
July, 2012 ??Rev. 2
logo
Unisonic Technologies
U74AHCT1G14 UTC-U74AHCT1G14 Datasheet
198Kb / 4P
   SINGLE SCHMITT-TRIGGER INVERTER
logo
NXP Semiconductors
74LVC1G14 NXP-74LVC1G14 Datasheet
99Kb / 16P
   Single Schmitt-trigger inverter
Rev. 07-18 July 2007
74LVC1G14 PHILIPS-74LVC1G14 Datasheet
100Kb / 17P
   Single Schmitt-trigger inverter
2004 Sep 10
logo
Texas Instruments
SN74AUC1G14-EP TI-SN74AUC1G14-EP Datasheet
158Kb / 9P
[Old version datasheet]   SINGLE SCHMITT-TRIGGER INVERTER
SN74AUC1G14 TI-SN74AUC1G14 Datasheet
320Kb / 13P
[Old version datasheet]   SINGLE SCHMITT TRIGGER INVERTER
SN74LVC1G14 TI1-SN74LVC1G14_15 Datasheet
1Mb / 27P
[Old version datasheet]   Single Schmitt-Trigger Inverter
logo
Unisonic Technologies
U74LVC1G14 UTC-U74LVC1G14_V01 Datasheet
181Kb / 5P
   SINGLE SCHMITT-TRIGGER INVERTER
logo
Diodes Incorporated
74AHC1G14Q DIODES-74AHC1G14Q Datasheet
662Kb / 9P
   SINGLE SCHMITT-TRIGGER INVERTER
March 2022 Rev. 2 - 2
logo
NXP Semiconductors
74LVC1G14GW.125 NXP-74LVC1G14GW.125 Datasheet
368Kb / 20P
   Single Schmitt-trigger inverter
Rev. 12-6 August 2012
logo
ON Semiconductor
MC74VHC1G14 ONSEMI-MC74VHC1G14_13 Datasheet
121Kb / 6P
   Single Schmitt-Trigger Inverter
February, 2013 ??Rev. 19
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com