Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

DAC10FX Arkusz danych(PDF) 5 Page - Analog Devices

Numer części DAC10FX
Szczegółowy opis  10-Bit High Speed Multiplying D/A Converter (Universal Digital Logic Interface)
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  AD [Analog Devices]
Strona internetowa  http://www.analog.com
Logo AD - Analog Devices

DAC10FX Arkusz danych(HTML) 5 Page - Analog Devices

  DAC10FX Datasheet HTML 1Page - Analog Devices DAC10FX Datasheet HTML 2Page - Analog Devices DAC10FX Datasheet HTML 3Page - Analog Devices DAC10FX Datasheet HTML 4Page - Analog Devices DAC10FX Datasheet HTML 5Page - Analog Devices DAC10FX Datasheet HTML 6Page - Analog Devices DAC10FX Datasheet HTML 7Page - Analog Devices DAC10FX Datasheet HTML 8Page - Analog Devices DAC10FX Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 10 page
background image
CAUTION
ESD (electrostatic discharge) sensitive device. Electrostatic charges as high as 4000 V readily
accumulate on the human body and test equipment and can discharge without detection.
BASIC CONNECTIONS
0mA
1.0mA
2.0mA
IOUT
IOUT
(0000000000)
(11111111111)
IREF = 2mA
Figure 1. True and Complementary
Output Operations
V+, POSITIVE POWER SUPPLY – VDC
10
3
0
02
20
46
8
10
12
14
16 18
9
4
2
1
6
5
8
7
ALL BITS "HIGH" OR "LOW"
I–
I+
Figure 4. Power Supply Current
vs. V+
0.1 F
CC
318
V+
0.01 F
15
COMP
B1
5
6
B2 B3
7
8
B4
9
B5
10
B6
11
B7
12
B8
13
B9
14
B10
VLC
1
IFR =
+VREF
RREF
1023
1024
2
IO + IO = IFR FOR ALL
LOGIC STATES
+VREF
RREF
(R16)
IREF
R17
16
MSB
LSB
FOR FIXED REFERENCE,
TTL OPERATION,
TYPICAL VALUES ARE:
VREF = +10.000V
RREF = 5.000k
R15 = RREF
CC = 0.01 F
VLC = 0V (GROUND)
IO
IO
4
2
17
DAC10
V–
Figure 7. Basic Positive Reference Operation
Typical Performance Characteristics–DAC10
–5–
REV. D
WARNING!
ESD SENSITIVE DEVICE
V– = –15V, V– = –10V
TA = TMIN TO TMAX
ALL BITS ON
OUTPUT VOLTAGE – Volts
8.0
0
–14 –10
18
–6
–2
2
6
10
14
7.2
4.8
4.0
2.4
0.8
6.4
5.6
3.2
1.6
IREF = 1mA
IREF = 2mA
IREF = 0.2mA
Figure 2. Output Current vs. Output
Voltage (Output Voltage Compliance)
10
3
0
0
–20
–4
–8
–12
–16
9
4
2
1
6
5
8
7
V–, NEGATIVE POWER SUPPLY – VDC
BITS MAY BE HIGH OR LOW
I – WITH IREF = 2mA
I – WITH IREF = 1mA
I – WITH IREF = 0.2mA
I – WITH IREF = 0.2mA
Figure 5. Power Supply Current
vs. V–
TEMPERATURE – C
+28
–12
–50
FOR OTHER V– OR IREF
SEE OUTPUT CURRENT
vs. OUTPUT VOLTAGE
CURVE
SHADED AREA INDICATES
PERMISSABLE OUTPUT
VOLTAGE RANGE
FOR V– = –15V
IREF
2.0mA
0
+50
+100
+150
+24
+4
0
–4
–8
+20
+16
+8
+12
Figure 3. Output Voltage Compliance
vs. Temperature
TEMPERATURE – C
10
0
–50
0
+50
+100
+150
9
4
3
2
1
8
7
5
6
ALL BITS MAY BE "HIGH" OR "LOW"
V+ = +15V
I+
I–
IREF = 2.0mA
V– = –15V
Figure 6. Power Supply Current vs.
Temperature
DAC10
DAC10
16
17
16
17
VIN
VIN
IIN
RREF
R17
(OPTIONAL)
RIN
IREF
+VREF
RREF
RREF
R17
+VREF
IREF
PEAK NEGATIVE SWING OF IIN
+VREF MUST BE ABOVE PEAK POSITIVE SWING OF VIN
HIGH INPUT
IMPEDANCE
Figure 8. Accommodating Bipolar References


Podobny numer części - DAC10FX

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Analog Devices
DAC10FX AD-DAC10FX Datasheet
300Kb / 10P
   10-Bit High Speed Multiplying D/A Converter Universal Digital Logic Interface
REV. D
More results

Podobny opis - DAC10FX

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Analog Devices
DAC10 AD-DAC10 Datasheet
300Kb / 10P
   10-Bit High Speed Multiplying D/A Converter Universal Digital Logic Interface
REV. D
DAC08 AD-DAC08 Datasheet
260Kb / 12P
   8-Bit, High Speed, Multiplying D/A Converter (Universal Digital Logic Interface)
REV. A
DAC08CP AD-DAC08CP Datasheet
218Kb / 12P
   8-Bit, High-Speed, Multiplying D/A Converter (Universal Digital Logic Interface)
REV. B
DAC08CSZ AD-DAC08CSZ Datasheet
224Kb / 12P
   8-Bit, High-Speed, Multiplying D/A Converter (Universal Digital Logic Interface)
REV. B
DAC08Q-883C AD-DAC08Q-883C Datasheet
584Kb / 20P
   8-Bit, High Speed, Multiplying D/A Converter (Universal Digital Logic Interface)
REV. C
logo
List of Unclassifed Man...
DAC20 ETC1-DAC20 Datasheet
601Kb / 8P
   2 - DIGIT BCD HIGH - SPEED MULTIPLYING D / A CONVERTER ( UNIVERSAL DIGITAL LOGIC INTERFACE )
logo
NXP Semiconductors
MC3410 PHILIPS-MC3410 Datasheet
80Kb / 8P
   10-Bit high-speed multiplying D/A converter
August 31, 1994
NE5410 PHILIPS-NE5410 Datasheet
104Kb / 9P
   10-Bit high-speed multiplying D/A converter
August 31, 1994
DAC-08 PHILIPS-DAC-08 Datasheet
162Kb / 16P
   8-bit high-speed multiplying D/A converter
2001 Aug 03
logo
Intersil Corporation
AD7533 INTERSIL-AD7533 Datasheet
268Kb / 8P
   10-Bit Multiplying D/A Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com