Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

2SD1026_2015 Arkusz danych(PDF) 1 Page - Quanzhou Jinmei Electronic Co.,Ltd.

Numer części 2SD1026_2015
Szczegółowy opis  Silicon NPN Transistors
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  JMNIC [Quanzhou Jinmei Electronic Co.,Ltd.]
Strona internetowa  http://www.jmnic.com
Logo JMNIC - Quanzhou Jinmei Electronic Co.,Ltd.

2SD1026_2015 Arkusz danych(HTML) 1 Page - Quanzhou Jinmei Electronic Co.,Ltd.

  2SD1026_2015 Datasheet HTML 1Page - Quanzhou Jinmei Electronic Co.,Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Product Specification
www.jmnic.com
2SD1026
Silicon NPN Transistors
Features
B
C
E
﹒With TO-247 package
﹒Darlington transistor
Absolute Maximum Ratings Tc=25℃
Electrical Characteristics Tc=25℃
SYMBOL
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNIT
ICBO
Collector cut-off current
VCB=100V; IE=0
0.1
mA
ICEO
Collector breakdown voltage
VCE=100V; IB=0
0.1
mA
IEBO
Emitter cut-off current
VEB=7V; IC=0
5
mA
VCBO
Collector-base breakdown voltage
VCEO
Collector-emitter breakdown voltage
IC=30mA; IB=0
100
V
VEBO
Emitter-base breakdown voltage
VCE(sat-1)
Collector-emitter saturation voltages
IC=10A; IB=20mA
1.5
V
VCE(sat-2)
Collector-emitter saturation voltages
hFE-1
Forward current transfer ratio
IC=10A; VCE=3V
1500
30000
hFE-2
Forward current transfer ratio
VBE(sat-1)
Base-emitter saturation voltages
IC=10A; IB=20mA
2.0
V
VBE(sat-2)
Base-emitter saturation voltages
fT
Transition frepuency at f=1MHz
IC=1.5A; VCE=10V
20
MHz
JMnic
SYMBOL
PARAMETER
RATING
UNIT
VCBO
Collector to base voltage
100
V
VCEO
Collector to emitter voltage
100
V
VEBO
Emitter to base voltage
7
V
IB
Base current
1
A
IC
Collector current
15
A
PC
Collector power dissipation
100
W
Tj
Junction temperature
150
Tstg
Storage temperature
-55~150
TO-247


Podobny numer części - 2SD1026_2015

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Quanzhou Jinmei Electro...
2SD1026 JMNIC-2SD1026_15 Datasheet
37Kb / 1P
   Silicon NPN Transistors
More results

Podobny opis - 2SD1026_2015

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Seme LAB
2N5338X SEME-LAB-2N5338X Datasheet
15Kb / 2P
   NPN SILICON TRANSISTORS
2N5681 SEME-LAB-2N5681 Datasheet
22Kb / 2P
   NPN SILICON TRANSISTORS
logo
Micro Electronics
PN3641 MICRO-ELECTRONICS-PN3641 Datasheet
144Kb / 1P
   NPN SILICON TRANSISTORS
logo
STMicroelectronics
2N5681 STMICROELECTRONICS-2N5681 Datasheet
67Kb / 4P
   SILICON NPN TRANSISTORS
July 1997
logo
Quanzhou Jinmei Electro...
2SC4278 JMNIC-2SC4278_15 Datasheet
127Kb / 1P
   Silicon NPN Transistors
logo
Central Semiconductor C...
2N4400 CENTRAL-2N4400_15 Datasheet
707Kb / 4P
   SILICON NPN TRANSISTORS
2N2895 CENTRAL-2N2895_15 Datasheet
777Kb / 3P
   SILICON NPN TRANSISTORS
2N3419 CENTRAL-2N3419 Datasheet
508Kb / 2P
   SILICON NPN TRANSISTORS
2N3583 CENTRAL-2N3583_15 Datasheet
344Kb / 2P
   SILICON NPN TRANSISTORS
logo
STMicroelectronics
BD135 STMICROELECTRONICS-BD135_01 Datasheet
76Kb / 4P
   NPN SILICON TRANSISTORS
More results


Html Pages

1


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com