Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

HLMP-1620OOB2 Arkusz danych(PDF) 4 Page - Agilent(Hewlett-Packard)

Numer części HLMP-1620OOB2
Szczegółowy opis  T-13/4 (5 mm), T-1 (3 mm), 5 Volt, 12 Volt, Integrated Resistor LED Lamps
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  HP [Agilent(Hewlett-Packard)]
Strona internetowa  http://www.home.agilent.com
Logo HP - Agilent(Hewlett-Packard)

HLMP-1620OOB2 Arkusz danych(HTML) 4 Page - Agilent(Hewlett-Packard)

  HLMP-1620OOB2 Datasheet HTML 1Page - Agilent(Hewlett-Packard) HLMP-1620OOB2 Datasheet HTML 2Page - Agilent(Hewlett-Packard) HLMP-1620OOB2 Datasheet HTML 3Page - Agilent(Hewlett-Packard) HLMP-1620OOB2 Datasheet HTML 4Page - Agilent(Hewlett-Packard) HLMP-1620OOB2 Datasheet HTML 5Page - Agilent(Hewlett-Packard) HLMP-1620OOB2 Datasheet HTML 6Page - Agilent(Hewlett-Packard) HLMP-1620OOB2 Datasheet HTML 7Page - Agilent(Hewlett-Packard) HLMP-1620OOB2 Datasheet HTML 8Page - Agilent(Hewlett-Packard)  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
4
Electrical/Optical Characteristics at TA = 25°C
High
Efficiency Red
Yellow
Green
Symbol
Description
Min.
Typ.
Max.
Min.
Typ.
Max.
Min.
Typ.
Max.
Unit
Condition
λ
P
Peak
635
583
565
nm
Wavelength
λ
d
Dominant
626
585
569
nm
Note 4
Wavelength
∆λ1/2
Spectral Line
40
36
28
nm
Halfwidth
R
θ
J-PIN
Thermal
290
290
290
°C/W Junction to
Resistance
Cathode Lead
(Note 6)
R
θ
J-PIN
Thermal
210
210
210
°C/W Junction to
Resistance
Cathode Lead
(Note 7)
IF
Forward
13
20
13
20
13
20
mA
VF = 12 V
Current
12 V Devices
IF
Forward
10
15
10
15
10
15
mA
VF = 5 V
Current
5 V Devices
η
V
Luminous
145
500
595
lumen Note 2
Efficacy
/Watt
V
R
Reverse
5.0
5.0
5.0
V
I
R = 100 µA
Breakdown
Voltage
Test
Notes:
4. The dominant wavelength,
λ
d, is derived from the CIE chromaticity diagram and represents the single wavelength which defines the
color of the device.
5. Radiant intensity, I
e, in watts/steradian, may be found from the equation Ie = lVV, where lV is the luminous intensity in candelas and
η
V is the luminous efficacy in lumens/Watt.
6. For Figure A package type.
7. For Figure B package type.


Podobny numer części - HLMP-1620OOB2

ProducentNumer częściArkusz danychSzczegółowy opis
logo
AVAGO TECHNOLOGIES LIMI...
HLMP-1620 AVAGO-HLMP-1620 Datasheet
141Kb / 9P
   T-13/4 (5 mm), T-1 (3 mm), 5 Volt, 12 Volt Integrated Resistor LED Lamps
HLMP-1620 AVAGO-HLMP-1620 Datasheet
202Kb / 8P
   T??3/4 (5 mm), T-1 (3 mm), 5 Volt, 12 Volt, Integrated Resistor LED Lamps
More results

Podobny opis - HLMP-1620OOB2

ProducentNumer częściArkusz danychSzczegółowy opis
logo
AVAGO TECHNOLOGIES LIMI...
HLMP-1600 AVAGO-HLMP-1600_07 Datasheet
141Kb / 9P
   T-13/4 (5 mm), T-1 (3 mm), 5 Volt, 12 Volt Integrated Resistor LED Lamps
HLMP-1600 AVAGO-HLMP-1600 Datasheet
202Kb / 8P
   T??3/4 (5 mm), T-1 (3 mm), 5 Volt, 12 Volt, Integrated Resistor LED Lamps
logo
Broadcom Corporation.
HLMP-1600 BOARDCOM-HLMP-1600 Datasheet
230Kb / 8P
   T??3/4 (5 mm), T-1 (3 mm), 5 Volt, 12 Volt, Integrated Resistor LED Lamps
logo
QT Optoelectronics
MR3050 QT-MR3050 Datasheet
264Kb / 3P
   INTEGRATED T-1 3/4 RESISTOR LAMPS 5 VOLT AND 12 VOLT SERIES
MR5060 QT-MR5060 Datasheet
261Kb / 3P
   INTEGRATED T-1 RESISTOR LAMPS 5 VOLT AND 12 VOLT SERIES
logo
AVAGO TECHNOLOGIES LIMI...
HLMP-3750-L00B2 AVAGO-HLMP-3750-L00B2 Datasheet
684Kb / 12P
   T-13/4 (5 mm), T-1 (3 mm), Ultra-Bright LED Lamps
logo
Agilent(Hewlett-Packard...
HLMP-4700 HP-HLMP-4700 Datasheet
192Kb / 10P
   T-13/4 (5 mm), T-1 (3 mm), Low Current LED Lamps
HLMP-3707 HP-HLMP-3707_05 Datasheet
255Kb / 11P
   T-13/4 (5 mm), T-1 (3 mm), Ultra-Bright LED Lamps
logo
AVAGO TECHNOLOGIES LIMI...
HLMP-1700 AVAGO-HLMP-1700 Datasheet
410Kb / 10P
   T-13/4 (5 mm), T-1 (3 mm), Low Current LED Lamps
HLMP-1790 AVAGO-HLMP-1790 Datasheet
291Kb / 10P
   T-13/4 (5 mm), T-1 (3 mm), Low Current LED Lamps
More results


Html Pages

1 2 3 4 5 6 7 8


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com