Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

HLMP-1320-ZP000 Arkusz danych(PDF) 4 Page - Agilent(Hewlett-Packard)

Numer części HLMP-1320-ZP000
Szczegółowy opis  T-1 (3 mm) High Intensity LED Lamps
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  HP [Agilent(Hewlett-Packard)]
Strona internetowa  http://www.home.agilent.com
Logo HP - Agilent(Hewlett-Packard)

HLMP-1320-ZP000 Arkusz danych(HTML) 4 Page - Agilent(Hewlett-Packard)

  HLMP-1320-ZP000 Datasheet HTML 1Page - Agilent(Hewlett-Packard) HLMP-1320-ZP000 Datasheet HTML 2Page - Agilent(Hewlett-Packard) HLMP-1320-ZP000 Datasheet HTML 3Page - Agilent(Hewlett-Packard) HLMP-1320-ZP000 Datasheet HTML 4Page - Agilent(Hewlett-Packard) HLMP-1320-ZP000 Datasheet HTML 5Page - Agilent(Hewlett-Packard) HLMP-1320-ZP000 Datasheet HTML 6Page - Agilent(Hewlett-Packard) HLMP-1320-ZP000 Datasheet HTML 7Page - Agilent(Hewlett-Packard) HLMP-1320-ZP000 Datasheet HTML 8Page - Agilent(Hewlett-Packard)  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
4
Figure 3. Relative Luminous Intensity
vs. DC Forward Current.
Figure 2. Forward Current vs.
Forward Voltage Characteristics.
Figure 4. Relative Efficiency
(Luminous Intensity per Unit
Current) vs. Peak LED Current.
Figure 5. Maximum Tolerable Peak
Current vs. Pulse Duration. (IDC MAX
as per MAX Ratings).
Figure 6. Relative Luminous Intensity vs. Angular Displacement.
Figure 1. Relative Intensity vs. Wavelength.
T-1 High Efficiency Red Non-Diffused


Podobny numer części - HLMP-1320-ZP000

ProducentNumer częściArkusz danychSzczegółowy opis
logo
QT Optoelectronics
HLMP-1320 QT-HLMP-1320 Datasheet
244Kb / 3P
   CLEAR LENS T-100 SOLID STATE LAMPS
More results

Podobny opis - HLMP-1320-ZP000

ProducentNumer częściArkusz danychSzczegółowy opis
logo
AVAGO TECHNOLOGIES LIMI...
HLMP-1321 AVAGO-HLMP-1321 Datasheet
242Kb / 9P
   T-1 (3 mm) High Intensity LED Lamps
HLMP-3519 AVAGO-HLMP-3519 Datasheet
326Kb / 10P
   T-1 3/4 (5mm) High Intensity LED Lamps
logo
Agilent(Hewlett-Packard...
HLMP-D101 HP-HLMP-D101 Datasheet
144Kb / 7P
   T-1 3/4 (5 mm), T-1 (3 mm), High Intensity, Double Heterojunction AlGaAs Red LED Lamps
HLMP-331X HP-HLMP-331X Datasheet
203Kb / 10P
   T-13/4 (5 mm) High Intensity LED Lamps
logo
Broadcom Corporation.
HLMP-1301 BOARDCOM-HLMP-1301 Datasheet
1Mb / 12P
   T-1 (3-mm) Diffused LED Lamps
logo
Agilent(Hewlett-Packard...
HLMP-1385 HP-HLMP-1385 Datasheet
179Kb / 6P
   T-1 (3 mm) Diffused LED Lamps
HLMP-1301 HP-HLMP-1301 Datasheet
208Kb / 12P
   T-1 (3 mm) Diffused LED Lamps
logo
AVAGO TECHNOLOGIES LIMI...
HLMP-1301 AVAGO-HLMP-1301 Datasheet
1Mb / 13P
   T-1 (3 mm) Diffused LED Lamps
logo
Broadcom Corporation.
HLMP-YXXX BOARDCOM-HLMP-YXXX Datasheet
456Kb / 6P
   T-1 (3 mm) AlInGaP LED Lamps
logo
AVAGO TECHNOLOGIES LIMI...
HLMP-KA45 AVAGO-HLMP-KA45 Datasheet
240Kb / 7P
   T-1 (3 mm) High Intensity InGaN Lamp
More results


Html Pages

1 2 3 4 5 6 7 8


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com