Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

BAP64-04_2015 Arkusz danych(PDF) 2 Page - Quanzhou Jinmei Electronic Co.,Ltd.

Numer części BAP64-04_2015
Szczegółowy opis  Silicon PIN diode
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  JMNIC [Quanzhou Jinmei Electronic Co.,Ltd.]
Strona internetowa  http://www.jmnic.com
Logo JMNIC - Quanzhou Jinmei Electronic Co.,Ltd.

BAP64-04_2015 Arkusz danych(HTML) 2 Page - Quanzhou Jinmei Electronic Co.,Ltd.

  BAP64-04_2015 Datasheet HTML 1Page - Quanzhou Jinmei Electronic Co.,Ltd. BAP64-04_2015 Datasheet HTML 2Page - Quanzhou Jinmei Electronic Co.,Ltd. BAP64-04_2015 Datasheet HTML 3Page - Quanzhou Jinmei Electronic Co.,Ltd. BAP64-04_2015 Datasheet HTML 4Page - Quanzhou Jinmei Electronic Co.,Ltd. BAP64-04_2015 Datasheet HTML 5Page - Quanzhou Jinmei Electronic Co.,Ltd. BAP64-04_2015 Datasheet HTML 6Page - Quanzhou Jinmei Electronic Co.,Ltd. BAP64-04_2015 Datasheet HTML 7Page - Quanzhou Jinmei Electronic Co.,Ltd. BAP64-04_2015 Datasheet HTML 8Page - Quanzhou Jinmei Electronic Co.,Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
1999 Sep 21
2
Philips Semiconductors
Product specification
Silicon PIN diode
BAP64-04
FEATURES
• High voltage, current controlled
• RF resistor for RF attenuators and switches
• Low diode capacitance
• Low diode forward resistance
• Low series inductance
• For applications up to 3 GHz.
APPLICATIONS
• RF attenuators and switches.
DESCRIPTION
Two planar PIN diodes in series configuration in a SOT23
small plastic SMD package.
PINNING
PIN
DESCRIPTION
1
anode
2
cathode
3
common connection
handbook, halfpage
21
3
MAM232
1
2
3
Marking code: 4Kp.
Fig.1 Simplified outline (SOT23) and symbol.
LIMITING VALUES
In accordance with the Absolute Maximum Rating System (IEC 134).
SYMBOL
PARAMETER
CONDITIONS
MIN.
MAX.
UNIT
Per diode
VR
continuous reverse voltage
175
V
IF
continuous forward current
100
mA
Ptot
total power dissipation
Ts =90 °C
250
mW
Tstg
storage temperature
−65
+150
°C
Tj
junction temperature
−65
+150
°C


Podobny numer części - BAP64-04_2015

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Guangdong Kexin Industr...
BAP64-04-3 KEXIN-BAP64-04-3 Datasheet
1Mb / 3P
   High voltage, current controlled
BAP64-04-HF KEXIN-BAP64-04-HF Datasheet
1Mb / 3P
   PIN Diodes
BAP64-04-HF-3 KEXIN-BAP64-04-HF-3 Datasheet
1Mb / 3P
   PIN Diodes
logo
NXP Semiconductors
BAP64-04W PHILIPS-BAP64-04W Datasheet
63Kb / 8P
   Silicon PIN diode
2001 Jan 29
BAP64-04W NXP-BAP64-04W Datasheet
9Mb / 130P
   RF Manual 16th edition
June 2012
More results

Podobny opis - BAP64-04_2015

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Leshan Radio Company
MMBV3700LT1 LRC-MMBV3700LT1 Datasheet
57Kb / 2P
   Silicon Pin Diode
logo
NXP Semiconductors
BAP70-02 PHILIPS-BAP70-02 Datasheet
53Kb / 8P
   Silicon PIN diode
2002 Aug 06
BAP1321-01 PHILIPS-BAP1321-01 Datasheet
75Kb / 7P
   Silicon PIN diode
2001 Nov 01
logo
Siemens Semiconductor G...
BA886 SIEMENS-BA886 Datasheet
26Kb / 2P
   Silicon PIN Diode
logo
NXP Semiconductors
BAP1321-03 PHILIPS-BAP1321-03 Datasheet
66Kb / 7P
   Silicon PIN diode
2004 Feb 17
logo
Vishay Siliconix
S391D VISHAY-S391D Datasheet
45Kb / 3P
   Silicon PIN Diode
Rev. 2, 09-Apr-99
S392D VISHAY-S392D Datasheet
46Kb / 3P
   Silicon PIN Diode
Rev. 2, 09-Apr-99
logo
Leshan Radio Company
BAP65-02 LRC-BAP65-02 Datasheet
108Kb / 2P
   Silicon PIN diode
logo
NXP Semiconductors
BAP64-02 PHILIPS-BAP64-02 Datasheet
53Kb / 8P
   Silicon PIN diode
1999 Sep 21
logo
Quanzhou Jinmei Electro...
BAP70-05_2015 JMNIC-BAP70-05_2015 Datasheet
55Kb / 7P
   Silicon PIN diode
BAP1321-02_2015 JMNIC-BAP1321-02_2015 Datasheet
73Kb / 8P
   Silicon PIN diode
More results


Html Pages

1 2 3 4 5 6 7 8


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com