Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

BF1108_2015 Arkusz danych(PDF) 7 Page - Quanzhou Jinmei Electronic Co.,Ltd.

Numer części BF1108_2015
Szczegółowy opis  Silicon RF switches
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  JMNIC [Quanzhou Jinmei Electronic Co.,Ltd.]
Strona internetowa  http://www.jmnic.com
Logo JMNIC - Quanzhou Jinmei Electronic Co.,Ltd.

BF1108_2015 Arkusz danych(HTML) 7 Page - Quanzhou Jinmei Electronic Co.,Ltd.

Back Button BF1108_2015 Datasheet HTML 3Page - Quanzhou Jinmei Electronic Co.,Ltd. BF1108_2015 Datasheet HTML 4Page - Quanzhou Jinmei Electronic Co.,Ltd. BF1108_2015 Datasheet HTML 5Page - Quanzhou Jinmei Electronic Co.,Ltd. BF1108_2015 Datasheet HTML 6Page - Quanzhou Jinmei Electronic Co.,Ltd. BF1108_2015 Datasheet HTML 7Page - Quanzhou Jinmei Electronic Co.,Ltd. BF1108_2015 Datasheet HTML 8Page - Quanzhou Jinmei Electronic Co.,Ltd. BF1108_2015 Datasheet HTML 9Page - Quanzhou Jinmei Electronic Co.,Ltd. BF1108_2015 Datasheet HTML 10Page - Quanzhou Jinmei Electronic Co.,Ltd. BF1108_2015 Datasheet HTML 11Page - Quanzhou Jinmei Electronic Co.,Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 12 page
background image
1999 Nov 18
7
Philips Semiconductors
Product specification
Silicon RF switches
BF1108; BF1108R
UNIT
A
REFERENCES
OUTLINE
VERSION
EUROPEAN
PROJECTION
ISSUE DATE
IEC
JEDEC
EIAJ
mm
1.1
0.9
A1
max
0.1
b1
0.88
0.78
c
0.15
0.09
D
3.0
2.8
E
1.4
1.2
HE
y
w
v
Q
2.5
2.1
0.55
0.25
0.45
0.25
e
1.9
e1
1.7
Lp
0.1
0.1
0.2
bp
0.48
0.38
DIMENSIONS (mm are the original dimensions)
SOT143R
SC-61B
97-03-10
99-09-13
0
1
2 mm
scale
Plastic surface mounted package; reverse pinning; 4 leads
SOT143R
D
HE
E
A
B
v M A
X
A
A1
Lp
Q
detail X
c
y
w M
e1
e
B
1
2
4
3
b1
bp


Podobny numer części - BF1108_2015

ProducentNumer częściArkusz danychSzczegółowy opis
logo
NXP Semiconductors
BF1108R PHILIPS-BF1108R Datasheet
61Kb / 12P
   Silicon RF switches
1999 Nov 18
BF1108R NXP-BF1108R Datasheet
72Kb / 10P
   Silicon RF switches
Rev. 04-29 May 2008
BF1108R NXP-BF1108R Datasheet
9Mb / 130P
   RF Manual 16th edition
June 2012
BF1108W NXP-BF1108W Datasheet
9Mb / 130P
   RF Manual 16th edition
June 2012
BF1108WR NXP-BF1108WR Datasheet
9Mb / 130P
   RF Manual 16th edition
June 2012
More results

Podobny opis - BF1108_2015

ProducentNumer częściArkusz danychSzczegółowy opis
logo
NXP Semiconductors
BF1108 PHILIPS-BF1108 Datasheet
61Kb / 12P
   Silicon RF switches
1999 Nov 18
BF1108 NXP-BF1108 Datasheet
72Kb / 10P
   Silicon RF switches
Rev. 04-29 May 2008
logo
Quanzhou Jinmei Electro...
BF1108 JMNIC-BF1108_15 Datasheet
73Kb / 12P
   Silicon RF switches
logo
Murata Manufacturing Co...
LMSP43AA-191 MURATA-LMSP43AA-191 Datasheet
181Kb / 1P
   RF Diode Switches
logo
Magnetrol International...
80-5212-322 MAGNETROL-80-5212-322 Datasheet
409Kb / 28P
   RF Point Level Switches
80-5212-302 MAGNETROL-80-5212-302 Datasheet
126Kb / 4P
   Kotron짰 RF Point Level Switches
logo
Maxim Integrated Produc...
IH5341 MAXIM-IH5341 Datasheet
337Kb / 4P
   Dual/Quad RF/Video Switches
19-0946; Rev 1a; 12/94
logo
New Jersey Semi-Conduct...
MBS4991 NJSEMI-MBS4991 Datasheet
80Kb / 2P
   Silicon Bidirectional Switches
logo
Hirose Electric
HCS2-150-F HIROSE-HCS2-150-F Datasheet
50Kb / 3P
   RF Coaxial Switches (DC to 15 GHz)
logo
Siemens Semiconductor G...
BXY44 SIEMENS-BXY44 Datasheet
135Kb / 8P
   HiRel Silicon PIN Diode (HiRel Discrete and Microwave Semiconductor Current controlled RF resistor for RF attenuators and switches)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com