Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

BF1206_2015 Arkusz danych(PDF) 8 Page - Quanzhou Jinmei Electronic Co.,Ltd.

Numer części BF1206_2015
Szczegółowy opis  Dual N-channel dual-gate MOS-FET
Download  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  JMNIC [Quanzhou Jinmei Electronic Co.,Ltd.]
Strona internetowa  http://www.jmnic.com
Logo JMNIC - Quanzhou Jinmei Electronic Co.,Ltd.

BF1206_2015 Arkusz danych(HTML) 8 Page - Quanzhou Jinmei Electronic Co.,Ltd.

Back Button BF1206_2015 Datasheet HTML 4Page - Quanzhou Jinmei Electronic Co.,Ltd. BF1206_2015 Datasheet HTML 5Page - Quanzhou Jinmei Electronic Co.,Ltd. BF1206_2015 Datasheet HTML 6Page - Quanzhou Jinmei Electronic Co.,Ltd. BF1206_2015 Datasheet HTML 7Page - Quanzhou Jinmei Electronic Co.,Ltd. BF1206_2015 Datasheet HTML 8Page - Quanzhou Jinmei Electronic Co.,Ltd. BF1206_2015 Datasheet HTML 9Page - Quanzhou Jinmei Electronic Co.,Ltd. BF1206_2015 Datasheet HTML 10Page - Quanzhou Jinmei Electronic Co.,Ltd. BF1206_2015 Datasheet HTML 11Page - Quanzhou Jinmei Electronic Co.,Ltd. BF1206_2015 Datasheet HTML 12Page - Quanzhou Jinmei Electronic Co.,Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 21 page
background image
2003 Nov 17
8
Philips Semiconductors
Product specification
Dual N-channel dual-gate MOS-FET
BF1206
handbook, halfpage
02
(1)
(2)
(3)
(5)
(7)
3
VGG = VDS (V)
ID
(mA)
8
40
0
32
6
24
16
8
MLE288
(4)
(6)
Fig.9
Drain current as a function of gate 1 (VGG)
and drain supply voltage; typical values;
amplifier a.
VG2-S = 4 V; Tj =25 °C; RG1 = 150 kΩ (connected to VGG); see Fig.35.
(1) RG1 =56kΩ.
(2) RG1 =68kΩ.
(3) RG1 =82kΩ.
(4) RG1 =91kΩ.
(5) RG1 = 100 kΩ.
(6) RG1 = 120 kΩ.
(7) RG1 = 150 kΩ.
handbook, halfpage
02
VG2-S(V)
ID
(mA)
46
20
0
16
12
8
4
MLE292
(1)
(4)
(5)
(3)
(2)
Fig.10 Drain current as a function of gate 2
voltage; typical values; amplifier a.
VDS = 5 V; Tj =25 °C; RG1 =91kΩ (connected to VGG); see Fig.35.
(1) VGG =5V.
(2) VGG = 4.5 V.
(3) VGG =4V.
(4) VGG = 3.5 V.
(5) VGG =3V.


Podobny numer części - BF1206_2015

ProducentNumer częściArkusz danychSzczegółowy opis
logo
NXP Semiconductors
BF1206F PHILIPS-BF1206F Datasheet
201Kb / 20P
   Dual N-channel dual gate MOSFET
Rev. 01-30 January 2006
logo
Quanzhou Jinmei Electro...
BF1206F JMNIC-BF1206F_15 Datasheet
213Kb / 17P
   Dual N-channel dual gate MOSFET
BF1206F_2015 JMNIC-BF1206F_2015 Datasheet
213Kb / 17P
   Dual N-channel dual gate MOSFET
BF1206 JMNIC-BF1206_15 Datasheet
192Kb / 21P
   Dual N-channel dual-gate MOS-FET
More results

Podobny opis - BF1206_2015

ProducentNumer częściArkusz danychSzczegółowy opis
logo
NXP Semiconductors
BF1102 PHILIPS-BF1102 Datasheet
154Kb / 12P
   Dual N-channel dual gate MOS-FET
1999 Jul 08
BF1203 PHILIPS-BF1203 Datasheet
166Kb / 20P
   Dual N-channel dual gate MOS-FET
2001 Apr 25
logo
Quanzhou Jinmei Electro...
BF1203_2015 JMNIC-BF1203_2015 Datasheet
172Kb / 20P
   Dual N-channel dual gate MOS-FET
logo
NXP Semiconductors
BF1204 PHILIPS-BF1204 Datasheet
110Kb / 12P
   Dual N-channel dual gate MOS-FET
2001 Apr 25
BF1205 PHILIPS-BF1205 Datasheet
185Kb / 24P
   Dual N-channel dual gate MOS-FET
2003 Sep 30
BF1206 PHILIPS-BF1206 Datasheet
186Kb / 21P
   Dual N-channel dual-gate MOS-FET
2003 Nov 17
logo
Quanzhou Jinmei Electro...
BF1205C_2015 JMNIC-BF1205C_2015 Datasheet
179Kb / 22P
   Dual N-channel dual gate MOS-FET
BF1205C JMNIC-BF1205C_15 Datasheet
179Kb / 22P
   Dual N-channel dual gate MOS-FET
BF1206 JMNIC-BF1206_15 Datasheet
192Kb / 21P
   Dual N-channel dual-gate MOS-FET
logo
NXP Semiconductors
BF1205C PHILIPS-BF1205C Datasheet
171Kb / 22P
   Dual N-channel dual gate MOS-FET
Rev. 01-18 May 2004
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com