Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

STPS5L25B-TR Arkusz danych(PDF) 4 Page - STMicroelectronics

Numer części STPS5L25B-TR
Szczegółowy opis  Low drop power Schottky rectifier
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  STMICROELECTRONICS [STMicroelectronics]
Strona internetowa  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STPS5L25B-TR Arkusz danych(HTML) 4 Page - STMicroelectronics

  STPS5L25B-TR Datasheet HTML 1Page - STMicroelectronics STPS5L25B-TR Datasheet HTML 2Page - STMicroelectronics STPS5L25B-TR Datasheet HTML 3Page - STMicroelectronics STPS5L25B-TR Datasheet HTML 4Page - STMicroelectronics STPS5L25B-TR Datasheet HTML 5Page - STMicroelectronics STPS5L25B-TR Datasheet HTML 6Page - STMicroelectronics STPS5L25B-TR Datasheet HTML 7Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
Characteristics
STPS5L25
4/7
Figure 7.
Reverse leakage current versus
reverse voltage applied (typical
values)
Figure 8.
Junction capacitance versus
reverse voltage applied (typical
values)
0
5
10
15
20
25
1E-3
1E-2
1E-1
1E+0
1E+1
1E+2
3E+2
IR(mA)
Tj=125°C
Tj=25°C
Tj=150°C
VR(V)
12
5
10
20
30
100
200
500
1000
2000
VR(V)
C(pF)
F=1MHz
Tj=25°C
Figure 9.
Forward voltage drop versus
forward current (maximum values)
Figure 10.
Thermal resistance junction to
ambient versus copper surface
under tab (Epoxy printed circuit
board FR4, copper thickness:
35 µm)
IFM(A)
0.0
0.2
0.4
0.6
0.8
1.0
1.2
1.4
1.6
1.8
2.0
0.1
1.0
10.0
100.0
VFM(V)
Typical values
Tj=150°C
Tj=125°C
Tj=25°C
0
2
4
6
8
1012
14
1618
20
0
20
40
60
80
100
S(Cu) (cm²)
Rth(j-a) (°C/W)


Podobny numer części - STPS5L25B-TR

ProducentNumer częściArkusz danychSzczegółowy opis
logo
STMicroelectronics
STPS5L25B-1 STMICROELECTRONICS-STPS5L25B-1 Datasheet
67Kb / 5P
   LOW DROP POWER SCHOTTKY RECTIFIER
More results

Podobny opis - STPS5L25B-TR

ProducentNumer częściArkusz danychSzczegółowy opis
logo
STMicroelectronics
1N581X STMICROELECTRONICS-1N581X Datasheet
61Kb / 5P
   LOW DROP POWER SCHOTTKY RECTIFIER
July 2003 - Ed: 4A
STPS3L25S STMICROELECTRONICS-STPS3L25S Datasheet
55Kb / 4P
   LOW DROP POWER SCHOTTKY RECTIFIER
STPS40L45CT STMICROELECTRONICS-STPS40L45CT Datasheet
71Kb / 5P
   LOW DROP POWER SCHOTTKY RECTIFIER
STPS10L40CT STMICROELECTRONICS-STPS10L40CT Datasheet
82Kb / 6P
   LOW DROP POWER SCHOTTKY RECTIFIER
STPS1L40A STMICROELECTRONICS-STPS1L40A Datasheet
76Kb / 5P
   LOW DROP POWER SCHOTTKY RECTIFIER
STPS41L30CG STMICROELECTRONICS-STPS41L30CG Datasheet
99Kb / 6P
   LOW DROP POWER SCHOTTKY RECTIFIER
STPS80L30CY STMICROELECTRONICS-STPS80L30CY Datasheet
24Kb / 3P
   LOW DROP POWER SCHOTTKY RECTIFIER
1N5817 STMICROELECTRONICS-1N5817 Datasheet
107Kb / 7P
   Low drop power Schottky rectifier
STPS10L40C STMICROELECTRONICS-STPS10L40C Datasheet
145Kb / 9P
   Low drop power Schottky rectifier
STPS5L25 STMICROELECTRONICS-STPS5L25_08 Datasheet
88Kb / 7P
   Low drop power Schottky rectifier
More results


Html Pages

1 2 3 4 5 6 7


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com