Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

TSC695F Arkusz danych(PDF) 7 Page - ATMEL Corporation

Numer części TSC695F
Szczegółowy opis  Integer Unit Based on SPARC V7 High-performance RISC Architecture
Download  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  ATMEL [ATMEL Corporation]
Strona internetowa  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

TSC695F Arkusz danych(HTML) 7 Page - ATMEL Corporation

Back Button TSC695F_14 Datasheet HTML 3Page - ATMEL Corporation TSC695F_14 Datasheet HTML 4Page - ATMEL Corporation TSC695F_14 Datasheet HTML 5Page - ATMEL Corporation TSC695F_14 Datasheet HTML 6Page - ATMEL Corporation TSC695F_14 Datasheet HTML 7Page - ATMEL Corporation TSC695F_14 Datasheet HTML 8Page - ATMEL Corporation TSC695F_14 Datasheet HTML 9Page - ATMEL Corporation TSC695F_14 Datasheet HTML 10Page - ATMEL Corporation TSC695F_14 Datasheet HTML 11Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 42 page
background image
7
TSC695F
4118J–AERO–08/04
Wait-state and Time-out
Generator
It is possible to control the wait-state generation by programming a Wait-state Configu-
ration Register. The maximum programmable number of wait-states is applied by
default at reset.
It is possible to program the number of wait-states for the following combinations:
RAM read and write
PROM read and write (i.e. EEPROM or Flash write)
Exchange Memory read/write
Four individual I/O peripherals read/write
A bus time-out function of 256 system clock cycles is provided for the bus ready con-
trolled memory areas, i.e., the Extended PROM, Exchange Memory, Extended RAM,
Memory Configuration Register
MCNFR
0x 01F8 0010
I/O Configuration Register
IOCNFR
0x 01F8 0014
Waitstate Configuration Register
WSCNFR
0x 01F8 0018
Access Protection Segment 1 Base Register
APS1BR
0x 01F8 0020
Access Protection Segment 1 End Register
APS1ER
0x 01F8 0024
Access Protection Segment 2 Base Register
APS2BR
0x 01F8 0028
Access Protection Segment 2 End Register
APS2ER
0x 01F8 002C
Interrupt Shape Register
INTSHR
0x 01F8 0044
Interrupt Pending Register
INTPDR
0x 01F8 0048
Interrupt Mask Register
INTMKR
0x 01F8 004C
Interrupt Clear Register
INTCLR
0x 01F8 0050
Interrupt Force Register
INTFCR
0x 01F8 0054
Watchdog Timer Register
WDOGTR
0x 01F8 0060
Watchdog Timer Trap Door Set
WDOGST
0x 01F8 0064
Real Time Clock Timer <Counter> Register
RTCCR
0x 01F8 0080
Real Time Clock Timer <Scaler> Register
RTCSR
0x 01F8 0084
General Purpose Timer <Counter> Register
GPTCR
0x 01F8 0088
General Purpose Timer <Scaler> Register
GPTSR
0x 01F8 008C
Timers Control Register
TIMCTR
0x 01F8 0098
General Purpose Interface Configuration Register
GPICNFR
0x 01F8 00A8
General Purpose Interface Data Register
GPIDATR
0x 01F8 00AC
UART ’A’ Rx & Tx Register
UARTAR
0x 01F8 00E0
UART ’B’ Rx & Tx Register
UARTBR
0x 01F8 00E4
UART Status Register
UARTSR
0x 01F8 00E8
Table 3. System Registers Address Map (Continued)
System Register Name
Address


Podobny numer części - TSC695F_14

ProducentNumer częściArkusz danychSzczegółowy opis
logo
ATMEL Corporation
TSC695F-25MA ATMEL-TSC695F-25MA Datasheet
2Mb / 42P
   Rad-Hard 32-bit SPARC Embedded Processor
TSC695F-25MA ATMEL-TSC695F-25MA Datasheet
2Mb / 42P
   Rad-Hard 32-bit SPARC Embedded Processor
TSC695F-25MA-E ATMEL-TSC695F-25MA-E Datasheet
2Mb / 42P
   Rad-Hard 32-bit SPARC Embedded Processor
TSC695F-25MA-E ATMEL-TSC695F-25MA-E Datasheet
2Mb / 42P
   Rad-Hard 32-bit SPARC Embedded Processor
TSC695F-25MB-E ATMEL-TSC695F-25MB-E Datasheet
2Mb / 42P
   Rad-Hard 32-bit SPARC Embedded Processor
More results

Podobny opis - TSC695F_14

ProducentNumer częściArkusz danychSzczegółowy opis
logo
ATMEL Corporation
TSC695FL ATMEL-TSC695FL_14 Datasheet
3Mb / 42P
   Integer Unit Based on SPARC V7 High-performance RISC Architecture
AT697F ATMEL-AT697F_14 Datasheet
7Mb / 176P
   SPARC V8 High Performance Low-power 32-bit Architecture
AT91M42800A ATMEL-AT91M42800A_14 Datasheet
423Kb / 27P
   High-performance 32-bit RISC Architecture
AT91M40800 ATMEL-AT91M40800_14 Datasheet
248Kb / 18P
   High-performance 32-bit RISC Architecture
AT91R40008 ATMEL-AT91R40008_14 Datasheet
275Kb / 19P
   High-performance 32-bit RISC Architecture
AT91SAM ATMEL-AT91SAM_14 Datasheet
728Kb / 50P
   High-performance 32-bit RISC Architecture
AT91SAM7A3 ATMEL-AT91SAM7A3_14 Datasheet
466Kb / 39P
   High-performance 32-bit RISC Architecture
AT91SAM7XC512 ATMEL-AT91SAM7XC512_14 Datasheet
764Kb / 47P
   High-performance 32-bit RISC Architecture
AT91M55800A ATMEL-AT91M55800A_14 Datasheet
505Kb / 256P
   High-performance 32-bit RISC Architecture
SAM7SE512 ATMEL-SAM7SE512_14 Datasheet
818Kb / 47P
   High-performance 32-bit RISC Architecture
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com