Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

BD3941HFP-TR Arkusz danych(PDF) 7 Page - Rohm

Numer części BD3941HFP-TR
Szczegółowy opis  Power Management LSI Series for Automotive Body Control
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  ROHM [Rohm]
Strona internetowa  http://www.rohm.com
Logo ROHM - Rohm

BD3941HFP-TR Arkusz danych(HTML) 7 Page - Rohm

  BD3941HFP-TR Datasheet HTML 1Page - Rohm BD3941HFP-TR Datasheet HTML 2Page - Rohm BD3941HFP-TR Datasheet HTML 3Page - Rohm BD3941HFP-TR Datasheet HTML 4Page - Rohm BD3941HFP-TR Datasheet HTML 5Page - Rohm BD3941HFP-TR Datasheet HTML 6Page - Rohm BD3941HFP-TR Datasheet HTML 7Page - Rohm BD3941HFP-TR Datasheet HTML 8Page - Rohm BD3941HFP-TR Datasheet HTML 9Page - Rohm  
Zoom Inzoom in Zoom Outzoom out
 7 / 9 page
background image
7/8
9) Applications or inspection processes with modes where the potentials of the Vcc pin and other pins may be reversed from their normal
states may cause damage to the IC's internal circuitry or elements.
Use an output pin capacitance of 1,000
µF or lower in case Vcc is shorted with the GND pin while the external capacitor is charged. It is
recommended to insert a diode for preventing back current flow in series with Vcc or bypass diodes between Vcc and each pin.
Fig. 23
10)
Thermal shutdown circuit (TSD)
This IC incorporates a built-in thermal shutdown circuit for the protection from thermal destruction. The IC should be used within the
specified power dissipation range. However, in the event that the IC continues to be operated in excess of its power dissipation limits, the
attendant rise in the chip’s temperature Tj will trigger the thermal shutdown circuit to turn off all output power elements. The circuit will
automatically reset once the chip’s temperature Tj drops. Operation of the thermal shutdown circuit presumes that the IC’s absolute
maximum ratings have been exceeded. Application designs should never make use of the thermal shutdown circuit. (See Fig.8)
11)
Overcurrent protection circuit (OCP)
The IC incorporates a built-in overcurrent protection circuit that operates according to the output current capacity. This circuit serves to
protect the IC from damage when the load is shorted. The protection circuit is designed to limit current flow by not latching in the event of
a large and instantaneous current flow originating from a large capacitor or other component. However, while this protection circuit is
effective in preventing damage due to sudden and unexpected accidents, it is not compatible with continuous operation or use during
transitional periods. At the time of thermal designing, keep in mind that the current capability has negative characteristics to temperatures.
(See Fig. 3.)
12) Overvoltage protection circuit (OVP)
Overvoltage protection is designed to turn off all output when the voltage differential between the VCC and GND pins exceeds
approximately 30 V (typ.). Use caution when determining the power supply voltage range to use. (See Fig. 6)
Selecting a model name when ordering
ROHM model
name
Part number
3940: 3.3 V output
3941: 5.0 V output
Packaging type
FP : TO252-3
HFP : HRP5
T : TO220FP-3
Taping
E2 : Reel-wound embossed taping
B D
1
9
3
4
P
F
E 2
<Tape and Reel information>
Embossed carrier tape
E2
(The direction is the 1pin of product is at the lower left when you hold
reel on the left hand and you pull out the tape on the right hand)
Tape
Quantity
Direction
of feed
2000pcs
Reel
1pin
x x x x
x x x x
x x x x
x x x x
x x x x
x x x x
TO252-3
<Dimension>
(Unit:mm)
6.5
±0.2
C0.5
2
13
0.65
0.65
2.3
±0.2 2.3±0.2
0.5
±0.1
2.3
±0.2
0.5
±0.1
5.1
+0.2
−0.1
0.75
1.0
±0.2
FIN
When you order , please order in times the amount of package quantity.
Direction of feed
Vcc
Bypass diode
Diode for preventing back current flow
Pin


Podobny numer części - BD3941HFP-TR

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Rohm
BD3941HFP ROHM-BD3941HFP Datasheet
340Kb / 6P
   Reference Voltage Regulator
BD3941HFP ROHM-BD3941HFP Datasheet
669Kb / 9P
   Power Management LSI Series for Automotive Body Control
More results

Podobny opis - BD3941HFP-TR

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Rohm
BD3940FP-E2 ROHM-BD3940FP-E2 Datasheet
669Kb / 9P
   Power Management LSI Series for Automotive Body Control
BD6941FM ROHM-BD6941FM_09 Datasheet
327Kb / 9P
   Power Management IC Series for Automotive Body Control Motor Driver
BD8105FV ROHM-BD8105FV_09 Datasheet
357Kb / 13P
   Power Management IC Series for Automotive Body Control LED Driver
BD7185AGWL ROHM-BD7185AGWL Datasheet
1Mb / 79P
   Power Management LSI
BH6955GU ROHM-BH6955GU Datasheet
385Kb / 6P
   Power management LSI for mobile phone
BH6056GU ROHM-BH6056GU Datasheet
354Kb / 6P
   Power management LSI for mobile phone
BD71801GWL ROHM-BD71801GWL Datasheet
2Mb / 79P
   Power Management LSI for Mobile Phone
BH6054GU ROHM-BH6054GU Datasheet
394Kb / 6P
   Power management LSI for mobile phone
BH6176GU ROHM-BH6176GU_11 Datasheet
177Kb / 5P
   Silicon Monolithic Integrated Circuit Power Management LSI for MultiMedia LSI on Cellular
logo
STMicroelectronics
L9177A STMICROELECTRONICS-L9177A Datasheet
974Kb / 55P
   Automotive engine management control IC for small engines
November 2020 Rev 5
More results


Html Pages

1 2 3 4 5 6 7 8 9


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com