Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

IRF6722SPBF Arkusz danych(PDF) 4 Page - International Rectifier

Numer części IRF6722SPBF
Szczegółowy opis  RoHS Compliant Containing No Lead and Bromide
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  IRF [International Rectifier]
Strona internetowa  http://www.irf.com
Logo IRF - International Rectifier

IRF6722SPBF Arkusz danych(HTML) 4 Page - International Rectifier

  IRF6722SPBF Datasheet HTML 1Page - International Rectifier IRF6722SPBF Datasheet HTML 2Page - International Rectifier IRF6722SPBF Datasheet HTML 3Page - International Rectifier IRF6722SPBF Datasheet HTML 4Page - International Rectifier IRF6722SPBF Datasheet HTML 5Page - International Rectifier IRF6722SPBF Datasheet HTML 6Page - International Rectifier IRF6722SPBF Datasheet HTML 7Page - International Rectifier IRF6722SPBF Datasheet HTML 8Page - International Rectifier IRF6722SPBF Datasheet HTML 9Page - International Rectifier  
Zoom Inzoom in Zoom Outzoom out
 4 / 9 page
background image
IRF6722SPbF
4
www.irf.com
Fig 5. Typical Output Characteristics
Fig 4. Typical Output Characteristics
Fig 6. Typical Transfer Characteristics
Fig 7. Normalized On-Resistance vs. Temperature
Fig 8. Typical Capacitance vs.Drain-to-Source Voltage
Fig 9. Typical On-Resistance vs.
Drain Current and Gate Voltage
0.1
1
10
100
1000
VDS, Drain-to-Source Voltage (V)
0.1
1
10
100
1000
VGS
TOP
10V
5.0V
4.5V
4.0V
3.5V
3.0V
2.8V
BOTTOM
2.5V
≤60µs PULSE WIDTH
Tj = 25°C
2.5V
0.1
1
10
100
1000
VDS, Drain-to-Source Voltage (V)
0.1
1
10
100
1000
2.5V
≤60µs PULSE WIDTH
Tj = 150°C
VGS
TOP
10V
5.0V
4.5V
4.0V
3.5V
3.0V
2.8V
BOTTOM
2.5V
1
2
3
4
5
6
VGS, Gate-to-Source Voltage (V)
0.1
1
10
100
1000
TJ = 150°C
TJ = 25°C
TJ = -40°C
VDS = 15V
≤60µs PULSE WIDTH
-60 -40 -20 0 20 40 60 80 100 120 140 160
TJ , Junction Temperature (°C)
0.5
1.0
1.5
2.0
ID = 13A
VGS = 10V
VGS = 4.5V
1
10
100
VDS, Drain-to-Source Voltage (V)
100
1000
10000
VGS = 0V,
f = 1 MHZ
Ciss = Cgs + Cgd, C ds SHORTED
Crss = Cgd
Coss = Cds + Cgd
Coss
Crss
Ciss
0
20
40
60
80
100
120
ID, Drain Current (A)
0
5
10
15
20
25
30
TJ = 25°C
Vgs = 3.5V
Vgs = 4.0V
Vgs = 4.5V
Vgs = 5.0V
Vgs = 8.0V
Vgs = 10V


Podobny numer części - IRF6722SPBF

ProducentNumer częściArkusz danychSzczegółowy opis
logo
International Rectifier
IRF6722SPBF IRF-IRF6722SPBF Datasheet
260Kb / 9P
   DirectFET Power MOSFET
More results

Podobny opis - IRF6722SPBF

ProducentNumer częściArkusz danychSzczegółowy opis
logo
International Rectifier
IRF6713STR1PBF IRF-IRF6713STR1PBF Datasheet
236Kb / 9P
   ROHS Compliant Containing No Lead and Bromide
IRF8308MTRPBF IRF-IRF8308MTRPBF Datasheet
277Kb / 9P
   RoHs Compliant Containing No Lead and Bromide
IRF6894MTRPBF IRF-IRF6894MTRPBF Datasheet
253Kb / 9P
   RoHs Compliant Containing No Lead and Bromide
IRF6894MPBF IRF-IRF6894MPBF_15 Datasheet
253Kb / 9P
   RoHs Compliant Containing No Lead and Bromide
IRF6718L2PBF IRF-IRF6718L2PBF_15 Datasheet
236Kb / 10P
   RoHS Compliant Containing No Lead and Bromide
IRF6726MPBF IRF-IRF6726MPBF_15 Datasheet
262Kb / 9P
   RoHS Compliant Containing No Lead and Bromide
IRF6802SDPBF IRF-IRF6802SDPBF_15 Datasheet
281Kb / 9P
   RoHs Compliant Containing No Lead and Bromide
IRF6633TR1 IRF-IRF6633TR1 Datasheet
263Kb / 10P
   RoHs Compliant Containing No Lead and Bromide
IRF8308MTR1PBF IRF-IRF8308MTR1PBF Datasheet
271Kb / 10P
   RoHs Compliant Containing No Lead and Bromide
IRF6802SDPBF IRF-IRF6802SDPBF Datasheet
230Kb / 9P
   RoHs Compliant Containing No Lead and Bromide
More results


Html Pages

1 2 3 4 5 6 7 8 9


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com