Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

TS83C51RB2 Arkusz danych(PDF) 7 Page - ATMEL Corporation

Numer części TS83C51RB2
Szczegółowy opis  2 extra 8-bit I/O ports available on RD2 with high pin count packages
Download  86 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  ATMEL [ATMEL Corporation]
Strona internetowa  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

TS83C51RB2 Arkusz danych(HTML) 7 Page - ATMEL Corporation

Back Button TS83C51RB2_14 Datasheet HTML 3Page - ATMEL Corporation TS83C51RB2_14 Datasheet HTML 4Page - ATMEL Corporation TS83C51RB2_14 Datasheet HTML 5Page - ATMEL Corporation TS83C51RB2_14 Datasheet HTML 6Page - ATMEL Corporation TS83C51RB2_14 Datasheet HTML 7Page - ATMEL Corporation TS83C51RB2_14 Datasheet HTML 8Page - ATMEL Corporation TS83C51RB2_14 Datasheet HTML 9Page - ATMEL Corporation TS83C51RB2_14 Datasheet HTML 10Page - ATMEL Corporation TS83C51RB2_14 Datasheet HTML 11Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 86 page
background image
7
4188F–8051–01/08
AT/TS8xC51Rx2
12
10
15
14
13
11
16
17
18
19
20
21
22
23
24
25
26
P5.5
P0.3/AD3
P0.2/AD2
P5.6
P0.1/AD1
P0.0/AD0
P5.7
VCC
NIC
P1.0/T2
P4.0
P1.1/T2EX
P1.2
P1.3
P4.1
P1.4
P4.2
2
3
5
6
7
4
1 68 67 66 65 64 63
60
59
58
57
56
55
36 37 38 39 40 41
29 30 31 32 33 34 35
27 28
42 43
48
49
50
51
52
53
54
P5.0
P2.4/A12
P2.3/A11
P4.7
P2.2/A10
P2.1/A9
P2.0/A8
VSS
P4.6
P4.5
XTAL1
XTAL2
NIC
PLCC 68
8
9
62 61
44
45
46
47
P4.4
P3.6/WR
P4.3
P3.7/RD
58
50
51
52
53
54
55
56
57
59
60
61
62
63
64
49
VSS
P2.3/A11
P4.7
P2.2/A10
P2.1/A9
P2.0/A8
P4.6
P4.5
NIC
XTAL1
XTAL2
P3.7/RD
P4.4
P4.3
P2.4/A12
P3.6/WR
42
34
35
36
37
38
39
40
41
43
44
45
46
47
48
33
P1.0/T2
P0.3/AD3
P0.2/AD2
P5.6
P0.1/AD1
P0.0/AD0
P5.7
VCC
VSS
P4.0
P1.1/T2EX
P1.2
P1.3
P4.1
P1.4
P5.5
7
15
14
13
12
11
10
9
8
6
5
4
3
2
1
16
26
18 19 20 21 22 23 24 25
27 28 29 30 31 32
17
VQFP64 1.4
NIC: No InternalConnection


Podobny numer części - TS83C51RB2_14

ProducentNumer częściArkusz danychSzczegółowy opis
logo
International Rectifier
TS83C51RB2-LCA IRF-TS83C51RB2-LCA Datasheet
805Kb / 85P
   High Performance 8-bit Microcontroller
logo
ATMEL Corporation
TS83C51RB2-LCA ATMEL-TS83C51RB2-LCA Datasheet
1Mb / 83P
   High Performance 8-bit Microcontroller
TS83C51RB2-LCA ATMEL-TS83C51RB2-LCA Datasheet
995Kb / 86P
   High Performance 8-bit Microcontroller
logo
International Rectifier
TS83C51RB2-LCB IRF-TS83C51RB2-LCB Datasheet
805Kb / 85P
   High Performance 8-bit Microcontroller
logo
ATMEL Corporation
TS83C51RB2-LCB ATMEL-TS83C51RB2-LCB Datasheet
1Mb / 83P
   High Performance 8-bit Microcontroller
More results

Podobny opis - TS83C51RB2_14

ProducentNumer częściArkusz danychSzczegółowy opis
logo
ATMEL Corporation
TS87C51RC2 ATMEL-TS87C51RC2_14 Datasheet
996Kb / 86P
   2 extra 8-bit I/O ports available on RD2 with high pin count packages
TS87C51RD2 ATMEL-TS87C51RD2_14 Datasheet
996Kb / 86P
   extra 8-bit I/O ports available on RD2 with high pin count packages
TS83C51RD2 ATMEL-TS83C51RD2_14 Datasheet
996Kb / 86P
   extra 8-bit I/O ports available on RD2 with high pin count packages
TS83C51RC2 ATMEL-TS83C51RC2_14 Datasheet
996Kb / 86P
   extra 8-bit I/O ports available on RD2 with high pin count packages
AT89C51IC2 ATMEL-AT89C51IC2_14 Datasheet
1Mb / 147P
   Four 8-bit I/O ports 2 I/O 2-wire Interface (TWI) Pins
AT87C5103 ATMEL-AT87C5103_04 Datasheet
697Kb / 64P
   Low-pin Count 8-bit Microcontroller
T83C5101 ATMEL-T83C5101_03 Datasheet
740Kb / 58P
   8-bit Low Pin Count Microcontrollers
T83C5101 ATMEL-T83C5101_08 Datasheet
678Kb / 58P
   8-bit Low Pin Count Microcontrollers
AT87C5103_0306 ATMEL-AT87C5103_0306 Datasheet
522Kb / 64P
   Low-pin Count 8-bit Microcontroller
AT87C5103 ATMEL-AT87C5103_08 Datasheet
579Kb / 64P
   Low-pin Count 8-bit Microcontroller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com