Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

MC-7847_2015 Arkusz danych(PDF) 6 Page - Quanzhou Jinmei Electronic Co.,Ltd.

Numer części MC-7847_2015
Szczegółowy opis  870 MHz CATV 25 dB POWER DOUBLER AMPLIFIER
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  JMNIC [Quanzhou Jinmei Electronic Co.,Ltd.]
Strona internetowa  http://www.jmnic.com
Logo JMNIC - Quanzhou Jinmei Electronic Co.,Ltd.

MC-7847_2015 Arkusz danych(HTML) 6 Page - Quanzhou Jinmei Electronic Co.,Ltd.

  MC-7847_2015 Datasheet HTML 1Page - Quanzhou Jinmei Electronic Co.,Ltd. MC-7847_2015 Datasheet HTML 2Page - Quanzhou Jinmei Electronic Co.,Ltd. MC-7847_2015 Datasheet HTML 3Page - Quanzhou Jinmei Electronic Co.,Ltd. MC-7847_2015 Datasheet HTML 4Page - Quanzhou Jinmei Electronic Co.,Ltd. MC-7847_2015 Datasheet HTML 5Page - Quanzhou Jinmei Electronic Co.,Ltd. MC-7847_2015 Datasheet HTML 6Page - Quanzhou Jinmei Electronic Co.,Ltd.  
Zoom Inzoom in Zoom Outzoom out
 6 / 6 page
background image
MC-7847
SAFETY INFORMATION ON THIS PRODUCT
Caution
GaAs Products
The product contains gallium arsenide, GaAs.
GaAs vapor and powder are hazardous to human health if inhaled or ingested.
• Do not destroy or burn the product.
• Do not cut or cleave off any part of the product.
• Do not crush or chemically dissolve the product.
• Do not put the product in the mouth.
Follow related laws and ordinances for disposal. The product should be excluded from general
industrial waste or household garbage.
NEC Compound Semiconductor Devices Hong Kong Limited
Hong Kong Head Office
Taipei Branch Office
Korea Branch Office
TEL: +852-3107-7303
TEL: +886-2-8712-0478
TEL: +82-2-528-0301
FAX: +852-3107-7309
FAX: +886-2-2545-3859
FAX: +82-2-528-0302
NEC Electron Devices European Operations
http://www.nec.de/
TEL: +49-211-6503-101 FAX: +49-211-6503-487
California Eastern Laboratories, Inc.
http://www.cel.com/
TEL: +1-408-988-3500 FAX: +1-408-988-0279
0110
NEC Compound Semiconductor Devices, Ltd.
5th Sales Group, Sales Division TEL: +81-3-3798-6372 FAX: +81-3-3798-6783 E-mail: salesinfo@csd-nec.com
Business issue
NEC Compound Semiconductor Devices, Ltd.
http://www.csd-nec.com/
Sales Engineering Group, Sales Division
E-mail: techinfo@csd-nec.com FAX: +81-44-435-1918
Technical issue


Podobny numer części - MC-7847_2015

ProducentNumer częściArkusz danychSzczegółowy opis
logo
California Eastern Labs
MC-7847-AZ CEL-MC-7847-AZ Datasheet
291Kb / 7P
   870 MHz CATV 25 dB POWER DOUBLER AMPLIFIER
logo
Renesas Technology Corp
MC-7847-AZ RENESAS-MC-7847-AZ Datasheet
191Kb / 8P
   GaAs MULTI-CHIP MODULE
2006
logo
NEC
MC-7847-KC NEC-MC-7847-KC Datasheet
94Kb / 2P
   25 dB POWER DOUBLER AM PLI FI ER
logo
California Eastern Labs
MC-7847-KC CEL-MC-7847-KC Datasheet
229Kb / 3P
   NECs 870 MHz GaAs CATV 25 dB POWER DOUBLER AMPLIFIER
MC-7847-KC-AZ CEL-MC-7847-KC-AZ Datasheet
229Kb / 3P
   NECs 870 MHz GaAs CATV 25 dB POWER DOUBLER AMPLIFIER
More results

Podobny opis - MC-7847_2015

ProducentNumer częściArkusz danychSzczegółowy opis
logo
California Eastern Labs
MC-7884 CEL-MC-7884_06 Datasheet
290Kb / 7P
   870 MHz CATV 25 dB POWER DOUBLER AMPLIFIER
MC-7847 CEL-MC-7847 Datasheet
291Kb / 7P
   870 MHz CATV 25 dB POWER DOUBLER AMPLIFIER
logo
ANADIGICS, Inc
ACA3748 ANADIGICS-ACA3748 Datasheet
433Kb / 4P
   870 MHz, 25 dB Gain CATV Power Doubler Amplifier
logo
Skyworks Solutions Inc.
ACA3748 SKYWORKS-ACA3748 Datasheet
531Kb / 6P
   870 MHz, 25 dB Gain CATV Power Doubler Amplifier
logo
ANADIGICS, Inc
ACA3747 ANADIGICS-ACA3747 Datasheet
607Kb / 6P
   870 MHz, 25 dB Gain CATV Power Doubler Amplifier
logo
California Eastern Labs
MC-7847-KC CEL-MC-7847-KC_07 Datasheet
229Kb / 3P
   NECs 870 MHz GaAs CATV 25 dB POWER DOUBLER AMPLIFIER
logo
Quanzhou Jinmei Electro...
MC-7845_2015 JMNIC-MC-7845_2015 Datasheet
41Kb / 6P
   870 MHz CATV 18 dB POWER DOUBLER AMPLIFIER
MC-7846_2015 JMNIC-MC-7846_2015 Datasheet
41Kb / 6P
   870 MHz CATV 22 dB POWER DOUBLER AMPLIFIER
logo
California Eastern Labs
MC-7881 CEL-MC-7881 Datasheet
290Kb / 7P
   870 MHz CATV 18 dB POWER DOUBLER AMPLIFIER
MC-7882 CEL-MC-7882 Datasheet
290Kb / 7P
   870 MHz CATV 20 dB POWER DOUBLER AMPLIFIER
More results


Html Pages

1 2 3 4 5 6


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com