Zakładka z wyszukiwarką danych komponentów |
|
74HC00-Q100 Arkusz danych(PDF) 1 Page - NXP Semiconductors |
|
74HC00-Q100 Arkusz danych(HTML) 1 Page - NXP Semiconductors |
1 / 15 page 1. General description The 74HC00-Q100; 74HCT00-Q100 are high-speed Si-gate CMOS devices that comply with JEDEC standard no. 7A. They are pin compatible with Low-power Schottky TTL (LSTTL). The 74HC00-Q100; 74HCT00-Q100 provides a quad 2-input NAND function. This product has been qualified to the Automotive Electronics Council (AEC) standard Q100 (Grade 1) and is suitable for use in automotive applications. 2. Features and benefits Automotive product qualification in accordance with AEC-Q100 (Grade 1) Specified from 40 C to +85 C and from 40 C to +125 C Input levels: For 74HC00-Q100: CMOS level For 74HCT00-Q100: TTL level ESD protection: MIL-STD-883, method 3015 exceeds 2000 V HBM JESD22-A114F exceeds 2000 V MM JESD22-A115-A exceeds 200 V (C = 200 pf, R = 0 ) Multiple package options 74HC00-Q100; 74HCT00-Q100 Quad 2-input NAND gate Rev. 1 — 12 July 2012 Product data sheet |
Podobny numer części - 74HC00-Q100 |
|
Podobny opis - 74HC00-Q100 |