Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

SL5500S Arkusz danych(PDF) 3 Page - Fairchild Semiconductor

Numer części SL5500S
Szczegółowy opis  6-PIN PHOTOTRANSISTOR OPTOCOUPLERS
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  FAIRCHILD [Fairchild Semiconductor]
Strona internetowa  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

SL5500S Arkusz danych(HTML) 3 Page - Fairchild Semiconductor

  SL5500S Datasheet HTML 1Page - Fairchild Semiconductor SL5500S Datasheet HTML 2Page - Fairchild Semiconductor SL5500S Datasheet HTML 3Page - Fairchild Semiconductor SL5500S Datasheet HTML 4Page - Fairchild Semiconductor SL5500S Datasheet HTML 5Page - Fairchild Semiconductor SL5500S Datasheet HTML 6Page - Fairchild Semiconductor SL5500S Datasheet HTML 7Page - Fairchild Semiconductor SL5500S Datasheet HTML 8Page - Fairchild Semiconductor SL5500S Datasheet HTML 9Page - Fairchild Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 10 page
background image
6/30/03
Page 3 of 10
© 2003 Fairchild Semiconductor Corporation
6-PIN PHOTOTRANSISTOR
OPTOCOUPLERS
SL5500
SL5501
SL5504
SL5511
*Typical values at TA = 25°C
ELECTRICAL CHARACTERISTICS (TA = 25°C Unless otherwise specified.)
INDIVIDUAL COMPONENT CHARACTERISTICS
Parameters
Test Conditions
Symbol
Device
Min
Typ*
Max
Units
EMITTER
Input Forward Voltage
IF = 20 mA, TA = 25 to 70°C
VF
All
1.23
1.3
V
IF = 2 mA
1.10
1.2
V
Reverse Current
VR = 3 V, TA = 25 to 70°C
IR
All
0.001
10
µA
DETECTOR
VCE = 10 V
ICEO
All
150
nA
Leakage Current
Collector to Emitter
VCE = 30 V
0.005
10
µA
VCE = 10 V, TA = 70°C
500
nA
VCB = 30 V
ICBO
0.001
50
µA
Breakdown Voltage
Collector to Emitter
IC = 10 µA, IF = 0
BVCEO
SL5500, SL5501, SL5511
30
100
V
SL5504
80
110
Collector to Base
IC = 10 µA, IF = 0
BVCBO
SL5500, SL5501, SL5511
30
120
V
SL5504
120
150
Emitter to Collector
IE = 10 µA, IF = 0
BVECO
All
7
10
V
Emitter to Base
IE = 10 µA, IF = 0
BVEBO
All
7
10
V
ISOLATION CHARACTERISTICS
Characteristic
Test Conditions
Symbol
Min
Typ*
Max
Units
Input-Output Isolation Voltage (note 1)
f = 60Hz, T = 1 min.
VISO
5300
VAC(RMS)
Isolation Resistance
VI-O = ±500 VDC
RISO
110
T
Isolation Capacitance
f = 1 MHz, V = 0V
CISO
0.6
1.3
pF


Podobny numer części - SL5500S

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Fairchild Semiconductor
SL5500SD FAIRCHILD-SL5500SD Datasheet
524Kb / 10P
   6-PIN PHOTOTRANSISTOR OPTOCOUPLERS
More results

Podobny opis - SL5500S

ProducentNumer częściArkusz danychSzczegółowy opis
logo
QT Optoelectronics
CNX82AW QT-CNX82AW Datasheet
40Kb / 4P
   6-pin phototransistor optocouplers
logo
Fairchild Semiconductor
SL5500 FAIRCHILD-SL5500 Datasheet
525Kb / 10P
   6-PIN PHOTOTRANSISTOR OPTOCOUPLERS
CNX35U FAIRCHILD-CNX35U Datasheet
146Kb / 8P
   6-PIN PHOTOTRANSISTOR OPTOCOUPLERS
SL5501SD FAIRCHILD-SL5501SD Datasheet
534Kb / 10P
   6-PIN PHOTOTRANSISTOR OPTOCOUPLERS
SL5500SD FAIRCHILD-SL5500SD Datasheet
524Kb / 10P
   6-PIN PHOTOTRANSISTOR OPTOCOUPLERS
SL5582W FAIRCHILD-SL5582W Datasheet
395Kb / 7P
   6-PIN PHOTOTRANSISTOR OPTOCOUPLERS
CNX82A FAIRCHILD-CNX82A_1 Datasheet
390Kb / 7P
   6-PIN PHOTOTRANSISTOR OPTOCOUPLERS
CNX82A FAIRCHILD-CNX82A Datasheet
64Kb / 5P
   6-PIN PHOTOTRANSISTOR OPTOCOUPLERS
logo
ON Semiconductor
H11AV1M ONSEMI-H11AV1M Datasheet
415Kb / 11P
   6-Pin DIP Phototransistor Optocouplers
March, 2020 ??Rev. 2
logo
Fairchild Semiconductor
MOC8204 FAIRCHILD-MOC8204 Datasheet
115Kb / 6P
   GENERAL PURPOSE 6-PIN PHOTOTRANSISTOR OPTOCOUPLERS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com