Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

HLMP-1321-ZZ000 Arkusz danych(PDF) 1 Page - Agilent(Hewlett-Packard)

Numer części HLMP-1321-ZZ000
Szczegółowy opis  T-1 (3 mm) High Intensity LED Lamps
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  HP [Agilent(Hewlett-Packard)]
Strona internetowa  http://www.home.agilent.com
Logo HP - Agilent(Hewlett-Packard)

HLMP-1321-ZZ000 Arkusz danych(HTML) 1 Page - Agilent(Hewlett-Packard)

  HLMP-1321-ZZ000 Datasheet HTML 1Page - Agilent(Hewlett-Packard) HLMP-1321-ZZ000 Datasheet HTML 2Page - Agilent(Hewlett-Packard) HLMP-1321-ZZ000 Datasheet HTML 3Page - Agilent(Hewlett-Packard) HLMP-1321-ZZ000 Datasheet HTML 4Page - Agilent(Hewlett-Packard) HLMP-1321-ZZ000 Datasheet HTML 5Page - Agilent(Hewlett-Packard) HLMP-1321-ZZ000 Datasheet HTML 6Page - Agilent(Hewlett-Packard) HLMP-1321-ZZ000 Datasheet HTML 7Page - Agilent(Hewlett-Packard) HLMP-1321-ZZ000 Datasheet HTML 8Page - Agilent(Hewlett-Packard)  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
T-1 (3 mm) High Intensity
LED Lamps
Technical Data
Features
• High Intensity
• Choice of 3 Bright Colors
High Efficiency Red
Yellow
High Performance Green
• Popular T-1 Diameter
Package
• Selected Minimum
Intensities
• Narrow Viewing Angle
• General Purpose Leads
• Reliable and Rugged
• Available on Tape and Reel
• For more information,
please refer to Tape and
Reel Option Data Sheet
Description
This family of T-1 lamps is
specially designed for applica-
tions requiring higher on-axis
intensity than is achievable with a
standard lamp. The light
generated is focused to a narrow
beam to achieve this effect.
HLMP-132x Series
HLMP-142x Series
HLMP-152x Series
Package Dimensions
Selection Guide
Luminous Intensity
Part
Package
Iv (mcd) @ 10 mA
Number
Description
Color
Min.
Max.
HLMP-1320-G00xx
8.6
HLMP-1320 GH0xx
8.6
27.6
HLMP-1321
8.6
HLMP-1321-G00xx
8.6
HLMP-1321-HI0xx
13.8
44.0
HLMP-1420
9.2
HLMP-1420-F00xx
9.2
HLMP-1421
9.2
HLMP-1421-F00xx
9.2
HLMP-1421-FG0xx
9.2
29.4
HLMP-1520
6.7
HLMP-1520-E00xx
6.7
HLMP-1521
6.7
HLMP-1521-E00xx
6.7
HLMP-1521-EF0xx
6.7
21.2
High
Efficiency
Red
Untinted,
Nondiffused
Tinted,
Nondiffused
Yellow
Microtinted,
Nondiffused
Tinted,
Nondiffused
Microtinted,
Nondiffused
Tinted,
Nondiffused
Green


Podobny numer części - HLMP-1321-ZZ000

ProducentNumer częściArkusz danychSzczegółowy opis
logo
AVAGO TECHNOLOGIES LIMI...
HLMP-1321-G00 AVAGO-HLMP-1321-G00 Datasheet
242Kb / 9P
   T-1 (3 mm) High Intensity LED Lamps
More results

Podobny opis - HLMP-1321-ZZ000

ProducentNumer częściArkusz danychSzczegółowy opis
logo
AVAGO TECHNOLOGIES LIMI...
HLMP-1321 AVAGO-HLMP-1321 Datasheet
242Kb / 9P
   T-1 (3 mm) High Intensity LED Lamps
HLMP-3519 AVAGO-HLMP-3519 Datasheet
326Kb / 10P
   T-1 3/4 (5mm) High Intensity LED Lamps
logo
Agilent(Hewlett-Packard...
HLMP-D101 HP-HLMP-D101 Datasheet
144Kb / 7P
   T-1 3/4 (5 mm), T-1 (3 mm), High Intensity, Double Heterojunction AlGaAs Red LED Lamps
HLMP-331X HP-HLMP-331X Datasheet
203Kb / 10P
   T-13/4 (5 mm) High Intensity LED Lamps
logo
Broadcom Corporation.
HLMP-1301 BOARDCOM-HLMP-1301 Datasheet
1Mb / 12P
   T-1 (3-mm) Diffused LED Lamps
logo
Agilent(Hewlett-Packard...
HLMP-1385 HP-HLMP-1385 Datasheet
179Kb / 6P
   T-1 (3 mm) Diffused LED Lamps
HLMP-1301 HP-HLMP-1301 Datasheet
208Kb / 12P
   T-1 (3 mm) Diffused LED Lamps
logo
AVAGO TECHNOLOGIES LIMI...
HLMP-1301 AVAGO-HLMP-1301 Datasheet
1Mb / 13P
   T-1 (3 mm) Diffused LED Lamps
logo
Broadcom Corporation.
HLMP-YXXX BOARDCOM-HLMP-YXXX Datasheet
456Kb / 6P
   T-1 (3 mm) AlInGaP LED Lamps
logo
AVAGO TECHNOLOGIES LIMI...
HLMP-KA45 AVAGO-HLMP-KA45 Datasheet
240Kb / 7P
   T-1 (3 mm) High Intensity InGaN Lamp
More results


Html Pages

1 2 3 4 5 6 7 8


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com