Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

AD9623 Arkusz danych(PDF) 6 Page - Analog Devices

Numer części AD9623
Szczegółowy opis  Wideband Voltage Feedback Amplifier
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  AD [Analog Devices]
Strona internetowa  http://www.analog.com
Logo AD - Analog Devices

AD9623 Arkusz danych(HTML) 6 Page - Analog Devices

  AD9623_15 Datasheet HTML 1Page - Analog Devices AD9623_15 Datasheet HTML 2Page - Analog Devices AD9623_15 Datasheet HTML 3Page - Analog Devices AD9623_15 Datasheet HTML 4Page - Analog Devices AD9623_15 Datasheet HTML 5Page - Analog Devices AD9623_15 Datasheet HTML 6Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 6 / 6 page
background image
OBSOLETE
AD9623
REV. 0
–6–
90
10
30
50
70
NONINVERTING GAIN
TO 0.01%
R
LOAD = 100
V
OUT = 2Vp-p
4
68
10
12
14
Figure 18. Settling Time vs.
Noninverting Gain
0
0.2V
–0.2V
5ns/DIV
R
LOAD = 100
V
OUT = 0.4Vp-p
INPUT RISE/FALL TIME = 1.6ns
Figure 17. Small Signal Pulse
Response
0
2V
–2V
5ns/DIV
R
LOAD = 100
V
OUT = 5Vp-p
INPUT RISE/FALL TIME = 1.6ns
Figure 16. Large Signal Pulse
Response
OUTLINE DIMENSIONS
Dimensions shown in inches and (mm).
Cerdip (Suffix Q)
0.015 (0.38)
0.008 (0.20)
0.005 (0.13) MIN
0.055 (1.4) MAX
1
PIN 1
4
5
8
0.310 (7.87)
0.220 (5.59)
0.405 (10.29) MAX
0.200
(5.08)
MAX
SEATING
PLANE
0.023 (0.58)
0.014 (0.36)
0.070 (1.78)
0.030 (0.76)
0.060 (1.52)
0.015 (0.38)
0.150
(3.81)
MIN
0.200 (5.08)
0.125 (3.18)
0.100
(2.54)
BSC
0
° TO 15°
0.320 (8.13)
0.290 (7.37)
Plastic DIP (Suffix N)
0.240 (6.096)
0.260 (6.604)
4
5
8
1
SEATING
PLANE
0.200
(5.08)
MAX
0.360 (9.144)
0.400 (10.16)
0.016 (0.406)
0.020(0.508)
0.045 (1.143)
0.065 (2.667)
0.100
(2.54)
BSC
0.290 (7.366)
0.310 (7.874)
0.015 (0.381)
0.008 (0.204)
0.120 (3.048)
0.140 (3.556)
0.140
(3.556)
MIN
0°-15°
PIN 1
Plastic SOIC (Suffix R)
1
4
5
8
0.050
(1.27)
TYP
0.188 (4.75)
0.196 (5.00)
0.150 (3.80)
0.158 (4.00)
0.228 (5.80)
0.244 (6.20)
0.014 (0.36)
0.018 (0.46)
0.181 (4.60)
0.206 (5.20)
0.053 (1.35)
0.069 (1.75)
0.020 (0.50)
0.045 (1.15)
0.007 (0.18)
0.015 (0.38)
0.004 (0.10)
0.010 (0.25)


Podobny numer części - AD9623_15

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Analog Devices
AD9623 AD-AD9623 Datasheet
45Kb / 2P
   Wideband Voltage Feedback Amplifier
REV. 0
More results

Podobny opis - AD9623_15

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Analog Devices
AD9624 AD-AD9624_15 Datasheet
269Kb / 6P
   Wideband Voltage Feedback Amplifier
REV. 0
AD9621 AD-AD9621_15 Datasheet
265Kb / 6P
   Wideband Voltage Feedback Amplifier
REV. 0
AD9621 AD-AD9621 Datasheet
305Kb / 6P
   Wideband Voltage Feedback Amplifier
REV. 0
AD9621 AD-AD9621 Datasheet
45Kb / 2P
   Wideband Voltage Feedback Amplifier
REV. 0
AD9622 AD-AD9622_15 Datasheet
278Kb / 6P
   Wideband Voltage Feedback Amplifier
REV. 0
logo
Burr-Brown (TI)
OPA640 BURR-BROWN-OPA640 Datasheet
190Kb / 13P
   Wideband Voltage Feedback OPERATIONAL AMPLIFIER
OPA641 BURR-BROWN-OPA641 Datasheet
106Kb / 13P
   Wideband Voltage Feedback OPERATIONAL AMPLIFIER
logo
Texas Instruments
OPA640 TI1-OPA640 Datasheet
139Kb / 14P
[Old version datasheet]   Wideband Voltage Feedback OPERATIONAL AMPLIFIER
OPA680 TI1-OPA680 Datasheet
248Kb / 22P
[Old version datasheet]   Wideband, Voltage Feedback OPERATIONAL AMPLIFIER
OPA3680 TI1-OPA3680 Datasheet
238Kb / 22P
[Old version datasheet]   Triple, Wideband, Voltage-Feedback OPERATIONAL AMPLIFIER
More results


Html Pages

1 2 3 4 5 6


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com