Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

AD1847 Arkusz danych(PDF) 3 Page - Analog Devices

Numer części AD1847
Szczegółowy opis  Serial-Port 16-Bit SoundPort Stereo Codec
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  AD [Analog Devices]
Strona internetowa  http://www.analog.com
Logo AD - Analog Devices

AD1847 Arkusz danych(HTML) 3 Page - Analog Devices

  AD1847_15 Datasheet HTML 1Page - Analog Devices AD1847_15 Datasheet HTML 2Page - Analog Devices AD1847_15 Datasheet HTML 3Page - Analog Devices AD1847_15 Datasheet HTML 4Page - Analog Devices AD1847_15 Datasheet HTML 5Page - Analog Devices AD1847_15 Datasheet HTML 6Page - Analog Devices AD1847_15 Datasheet HTML 7Page - Analog Devices AD1847_15 Datasheet HTML 8Page - Analog Devices AD1847_15 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 28 page
background image
ANALOG-TO-DIGITAL CONVERTERS
Min
Typ
Max
Units
Resolution
16
Bits
Dynamic Range (–60 dB Input, THD+N Referenced to Full Scale, A-Weighted)
70
dB
THD+N (Referenced to Full Scale)
0.040
%
–68
dB
Signal-to-Intermodulation Distortion†
83
dB
ADC Crosstalk†
Line Inputs (Input L, Ground R, Read R; Input R, Ground L, Read L)
–80
dB
Line1 to Line2 (Input Line1, Ground and Select Line2, Read Both Channels)
–80
dB
Line to AUX1
–80
dB
Line to AUX2
–80
dB
Line to DAC
–80
dB
Gain Error (Full-Scale Span Relative to VREFI)
±10
%
Interchannel Gain Mismatch (Difference of Gain Errors)
±0.2
dB
DC Offset
±55
LSB
DIGITAL-TO-ANALOG CONVERTERS
Min
Typ
Max
Units
Resolution
16
Bits
Dynamic Range (–60 dB Input, THD+N Referenced to Full Scale, A-Weighted)
76
dB
THD+N (Referenced to Full Scale)
0.025
%
–72
dB
Signal-to-Intermodulation Distortion†
86
dB
Gain Error (Full-Scale Span Relative to VREFI)
±10
%
Interchannel Gain Mismatch (Difference of Gain Errors)
±0.2
dB
DAC Crosstalk† (Input L, Zero R, Measure R_OUT; Input R, Zero L, Measure L_OUT)
–80
dB
Total Out-of-Band Energy† (Measured from 0.6
FS to 100 kHz)
–50
dB
Audible Out-of-Band Energy (Measured from 0.6
FS to 22 kHz, Tested at FS = 5.5 kHz)
–55
dB
DAC ATTENUATOR
Min
Typ
Max
Units
Step Size (0 dB to –22.5 dB) (Tested at Steps 0 dB, –19.5)
1.3
1.5
1.7
dB
Step Size (–24 dB to –94 dB)
1.0
1.5
2.0
dB
Output Attenuation Range Span†
–93
95
dB
DIGITAL MIX ATTENUATOR
Min
Typ
Max
Units
Step Size (0 dB to –22.5 dB) (Tested at Steps 0 dB, –19.5)
1.3
1.5
1.7
dB
Step Size (–24 dB to –94 dB)
1.0
1.5
2.0
dB
Output Attenuation Range Span†
–93.5
95.5
dB
ANALOG OUTPUT
Min
Typ
Max
Units
Full-Scale Line Output Voltage
0.707
V rms
VREFI = 2.35*
1.80
2
2.20
V p-p
Line Output Impedance†
600
External Load Impedance
10
k
Output Capacitance†
15
pF
External Load Capacitance
100
pF
VREF (Clock Running)
2.00
2.50
V
VREF Current Drive
100
µA
VREFI
2.35
V
Mute Attenuation of 0 dB
–80
dB
Fundamental† (LOUT)
Mute Click†
8mV
(|Muted Output Minus Unmuted
Midscale DAC Output|)
*Full-scale line output voltage scales with VREF (e.g., VOUT (typ) – 2.0 V
(VREF/2.35)).
†Guaranteed, Not Tested.
REV. B
–3–
AD1847
OBSOLETE


Podobny numer części - AD1847_15

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Analog Devices
AD1847JP AD-AD1847JP Datasheet
311Kb / 28P
   Serial-Port 16-Bit SoundPort Stereo Codec
REV. B
AD1847JST AD-AD1847JST Datasheet
311Kb / 28P
   Serial-Port 16-Bit SoundPort Stereo Codec
REV. B
More results

Podobny opis - AD1847_15

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Analog Devices
AD1849K AD-AD1849K Datasheet
293Kb / 28P
   Serial-Port 16-Bit SoundPort Stereo Codec
REV. 0
AD1849 AD-AD1849_15 Datasheet
662Kb / 28P
   Serial-Port 16-Bit SoundPort Stereo Codec
REV. A
AD1847 AD-AD1847 Datasheet
311Kb / 28P
   Serial-Port 16-Bit SoundPort Stereo Codec
REV. B
AD1845 AD-AD1845_15 Datasheet
1Mb / 40P
   Parallel-Port 16-Bit SoundPort Stereo Codec
REV. C
AD1848K AD-AD1848K_15 Datasheet
242Kb / 28P
   Parallel-Port 16-Bit SoundPort Stereo Codec
REV. 0
AD1845 AD-AD1845 Datasheet
333Kb / 40P
   Parallel-Port 16-Bit SoundPort Stereo Codec
REV. C
AD1848K AD-AD1848K Datasheet
320Kb / 28P
   Parallel-Port 16-Bit SoundPort Stereo Codec
REV. 0
AD1845JSTZ AD-AD1845JSTZ Datasheet
676Kb / 40P
   Parallel-Port 16-Bit SoundPort Stereo Codec
REV. C
AD1846 AD-AD1846 Datasheet
277Kb / 28P
   Low Cost Parallel-Port 16-Bit SoundPort Stereo Codec
REV. A
AD1846 AD-AD1846_15 Datasheet
249Kb / 28P
   Low Cost Parallel-Port 16-Bit SoundPort Stereo Codec
REV. A
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com