Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

AD9801 Arkusz danych(PDF) 3 Page - Analog Devices

Numer części AD9801
Szczegółowy opis  CCD Signal Processor For Electronic Cameras
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  AD [Analog Devices]
Strona internetowa  http://www.analog.com
Logo AD - Analog Devices

AD9801 Arkusz danych(HTML) 3 Page - Analog Devices

  AD9801_15 Datasheet HTML 1Page - Analog Devices AD9801_15 Datasheet HTML 2Page - Analog Devices AD9801_15 Datasheet HTML 3Page - Analog Devices AD9801_15 Datasheet HTML 4Page - Analog Devices AD9801_15 Datasheet HTML 5Page - Analog Devices AD9801_15 Datasheet HTML 6Page - Analog Devices AD9801_15 Datasheet HTML 7Page - Analog Devices AD9801_15 Datasheet HTML 8Page - Analog Devices AD9801_15 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 12 page
background image
AD9801
–3–
REV. 0
TIMING SPECIFICATIONS
Parameter
Min
Typ
Max
Units
ADCCLK CLOCK PERIOD
55.6
ns
ADCCLK High Level Period
24.8
27.8
ns
ADCCLK Low Level Period
24.8
27.8
ns
SHP, SHD Clock Period
55.6
ns
Digital Output Delay
20
ns
Digital Output Data Control
Mode1
Mode2
Digital Output Data (D9–D0)
0
0
Normal Operation
0
1
1
0
1
0
1
0
1
0
1
0
1
0
0
1
0
1
0
1
0
1
0
1
1
1
High Impedance
(TMIN to TMAX with ACVDD = 3.15 V, ADVDD = 3.15 V, DVDD = 3.15 V, DRVDD = 3.15 V unless otherwise noted)
ABSOLUTE MAXIMUM RATINGS*
Parameter
With Respect To
Min
Max
Units
ADVDD
ADVSS, SUBST
–0.3
6.5
V
ACVDD
ACVSS, SUBST
–0.3
6.5
V
DVDD
DVSS, DSUBST
–0.3
6.5
V
DRVDD
DRVSS, DSUBST
–0.3
6.5
V
SHP, SHD
DSUBST
–0.3
DVDD + 2.0
V
ADCCLK, CLOB, CLPDM
DSUBST
–0.3
DVDD + 0.3
V
PGACONT1, PGACONT2
SUBST
–0.3
ACVDD + 0.3
V
PIN, DIN
SUBST
–0.3
ACVDD + 0.3
V
DOUT
DSUBST
–0.3
DRVDD + 0.3
V
VRT, VRB
SUBST
–0.3
ADVDD + 0.3
V
CLAMP_BIAS
SUBST
–0.3
ACVDD + 0.3
V
CCDBYP1, CCDBYP2
SUBST
–0.3
ACVDD + 0.3
V
STBY
DSUBST
–0.3
DVDD + 0.3
V
MODE1, MODE2
SUBST
–0.3
ADVDD + 0.3
V
DRVSS, DVSS, ACVSS, ADVSS
SUBST, DSUBST
–0.3
+0.3
V
Junction Temperature
+150
°C
Storage Temperature
–65
+150
°C
Lead Temperature (10 sec)
+300
°C
* Stresses above those listed under “Absolute Maximum Ratings” may cause permanent damage to the device. This is a stress rating
only; functional operation of the device at these or other conditions above those indicated in the operational sections of this
specification is not implied. Exposure to absolute maximum ratings for extended periods may affect device reliability.
WARNING!
ESD SENSITIVE DEVICE
CAUTION
ESD (electrostatic discharge) sensitive device. Electrostatic charges as high as 4000 V readily
accumulate on the human body and test equipment and can discharge without detection.
Although the AD9801 features proprietary ESD protection circuitry, permanent damage may
occur on devices subjected to high energy electrostatic discharges. Therefore, proper ESD
precautions are recommended to avoid performance degradation or loss of functionality.
ORDERING GUIDE
Model
Temperature
Package Description
Package Option*
AD9801
0
°C to +70°C
48-Pin TQFP
ST-48
*ST = Thin Quad Flatpack Package.
OBSOLETE


Podobny numer części - AD9801_15

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Analog Devices
AD9801 AD-AD9801 Datasheet
292Kb / 12P
   CCD Signal Processor For Electronic Cameras
REV. 0
More results

Podobny opis - AD9801_15

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Analog Devices
AD9801 AD-AD9801 Datasheet
292Kb / 12P
   CCD Signal Processor For Electronic Cameras
REV. 0
AD9802 AD-AD9802 Datasheet
366Kb / 20P
   CCD Signal Processor For Electronic Cameras
REV. 0
AD9803 AD-AD9803 Datasheet
179Kb / 19P
   CCD Signal Processor For Electronic Cameras
REV. 0
AD9802 AD-AD9802_15 Datasheet
300Kb / 20P
   CCD Signal Processor For Electronic Cameras
REV. 0
AD9803 AD-AD9803_15 Datasheet
182Kb / 19P
   CCD SIGNAL PROCESSOR FOR ELECTRONIC CAMERAS
REV. 0
logo
Burr-Brown (TI)
VSP2260 BURR-BROWN-VSP2260 Datasheet
221Kb / 13P
   CCD SIGNAL PROCESSOR for DIGITAL CAMERAS
VSP2212 BURR-BROWN-VSP2212 Datasheet
125Kb / 11P
   CCD SIGNAL PROCESSOR For Digital Cameras
logo
Texas Instruments
VSP2270 TI-VSP2270 Datasheet
258Kb / 19P
[Old version datasheet]   CCD SIGNAL PROCESSOR FOR DIGITAL CAMERAS
logo
Burr-Brown (TI)
VSP2000 BURR-BROWN-VSP2000 Datasheet
291Kb / 12P
   CCD SIGNAL PROCESSOR FOR DIGITAL CAMERAS
VSP2210 BURR-BROWN-VSP2210 Datasheet
123Kb / 11P
   CCD SIGNAL PROCESSOR For Digital Cameras
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com