Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

AD1848K Arkusz danych(PDF) 9 Page - Analog Devices

Numer części AD1848K
Szczegółowy opis  Parallel-Port 16-Bit SoundPort Stereo Codec
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  AD [Analog Devices]
Strona internetowa  http://www.analog.com
Logo AD - Analog Devices

AD1848K Arkusz danych(HTML) 9 Page - Analog Devices

Back Button AD1848K_15 Datasheet HTML 5Page - Analog Devices AD1848K_15 Datasheet HTML 6Page - Analog Devices AD1848K_15 Datasheet HTML 7Page - Analog Devices AD1848K_15 Datasheet HTML 8Page - Analog Devices AD1848K_15 Datasheet HTML 9Page - Analog Devices AD1848K_15 Datasheet HTML 10Page - Analog Devices AD1848K_15 Datasheet HTML 11Page - Analog Devices AD1848K_15 Datasheet HTML 12Page - Analog Devices AD1848K_15 Datasheet HTML 13Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 28 page
background image
AD1848K
REV. 0
–9–
(Continued from page 1)
analog signals: line, microphone (“mic”), auxiliary (“aux”) #1,
and post-mixed DAC output. The microphone inputs can pass
through optional 20 dB gain blocks. A software-controlled pro-
grammable gain stage allows independent gain for each channel
going into the ADC. The ADCs’ output can be digitally mixed
with the DACs’ input.
CS
A1
A0
WR
RD
DATA7:0
DBDIR
DBEN
PDRQ
CDRQ
PDAK
CDAK
INT
8
7
4
2
4
5
DIR
G
AEN
SA19:2
SA1
SA0
IOWC
IORC
DATA7:0
ADDRESS
DECODE
DRQ<X>
DRQ<Y>
DAK<X>
DAK<Y>
IRQ<Z>
A
B
AD1848K
ISA BUS
8
18
Figure 1. Interface to ISA Bus
The pair of 16-bit outputs from the ADCs is available over a
byte-wide bidirectional interface that also supports 16-bit digital
input to the DACs and control information. The AD1848K can
accept and generate 16-bit twos-complement PCM linear digital
data, 8-bit unsigned magnitude PCM linear data, and 8-bit
µ-law or A-law companded digital data.
The
∑∆ DACs are preceded by a digital interpolation filter. An
attenuator provides independent user volume control over each
DAC channel. Nyquist images and shaped quantization noise
are removed from the DACs’ analog stereo output by on-chip
switched-capacitor and continuous-time filters. Two stereo pairs
of auxiliary line-level inputs can also be mixed in the analog do-
main with the DAC output.
AUDIO FUNCTIONAL DESCRIPTION
This section overviews the functionality of the AD1848K and is
intended as a general introduction to the capabilities of the de-
vice. As much as possible, detailed reference information has
been placed in “Control Registers” and other sections. The user
is not expected to refer repeatedly to this section.
Analog Inputs
The AD1848K SoundPort Stereo Codec accepts stereo
line-level and mic-level inputs. LINE, MIC, and AUX1 inputs
and post-mixed DAC output analog stereo signals are multi-
plexed to the internal programmable gain amplifier stage
(PGA). Each channel of the mic inputs can be amplified by
+20 dB prior to the PGA to compensate for the voltage swing
difference between line levels and typical condenser micro-
phones. Alternatively, the mic inputs can bypass the +20 dB
fixed gain block and go straight to the input multiplexer.
The PGA following the input multiplexer allows independent se-
lectable gains for each channel from 0 to 22.5 dB in +1.5 dB
steps. The Codec can operate either in a global stereo mode or
in a global mono mode with left channel inputs appearing at
both channel outputs.
Analog Mixing
AUX1 and AUX2 analog stereo signals can be mixed in the ana-
log domain with the DAC output. Each channel of each auxil-
iary analog input can be independently gained/attenuated from
+12 dB to –34.5 dB in –1.5 dB steps or completely muted. The
post mixed DAC output is available on OUT externally and as
an input to the ADCs.
Even if the AD1848K is not playing back data from its DACs,
the analog mix function can still be active.
Analog-to-Digital Datapath
The AD1848K
∑∆ ADCs incorporate a fourth order modulator.
A single pole of passive filtering is all that is required for
anti-aliasing the analog input due to the ADC’s high 64 times
oversampling ratio. The ADCs include linear phase digital deci-
mation filters that low-pass filter the input to 0.45
× F
S (“FS” is
the word rate or “sampling frequency.”) ADC input overrange
conditions will cause register bits to be set that can be read.
Digital-to-Analog Datapath
The
∑∆ DACs contain a programmable attenuator and a low-
pass digital interpolation filter. The anti-imaging interpolation
filter nominally oversamples by 64 and digitally filters the higher
frequency images. The interpolation ratio is increased at low
sample rates to ensure that the shaped quantization noise is
inaudible. This feature of the AD1848K represents an improve-
ment over the earlier AD1848J. The attenuator allows indepen-
dent control of each DAC channel from 0 dB to –94.5 dB in
1.5 dB steps plus full mute. The DACs’
∑∆ noise shapers also
oversample by 64 and convert the signal to a single bit stream.
The DAC outputs are then filtered in the analog domain by a
combination of switched-capacitor and continuous-time filters.
They remove the very high frequency components of the DAC
bitstream output. No external components are required. Phase
linearity at the analog output is achieved by internally compen-
sating for the group delay variation of the analog output filters.
Changes in DAC output attenuation take effect only on zero
crossings of the digital signal, thereby eliminating “zipper”
noise. Each channel has its own independent zero-crossing de-
tector and attenuator change control circuitry. A timer guarantees
that requested volume changes will occur even in the absence of
an input signal that changes sign. The time-out period is 8 milli-
seconds at a 48 kHz sampling rate and 48 milliseconds at an
8 kHz sampling rate. (Time out [ms]
≈ 384/F
S [kHz].)
OBSOLETE


Podobny numer części - AD1848K_15

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Analog Devices
AD1848KP AD-AD1848KP Datasheet
320Kb / 28P
   Parallel-Port 16-Bit SoundPort Stereo Codec
REV. 0
AD1848KST AD-AD1848KST Datasheet
320Kb / 28P
   Parallel-Port 16-Bit SoundPort Stereo Codec
REV. 0
More results

Podobny opis - AD1848K_15

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Analog Devices
AD1845 AD-AD1845_15 Datasheet
1Mb / 40P
   Parallel-Port 16-Bit SoundPort Stereo Codec
REV. C
AD1845 AD-AD1845 Datasheet
333Kb / 40P
   Parallel-Port 16-Bit SoundPort Stereo Codec
REV. C
AD1848K AD-AD1848K Datasheet
320Kb / 28P
   Parallel-Port 16-Bit SoundPort Stereo Codec
REV. 0
AD1845JSTZ AD-AD1845JSTZ Datasheet
676Kb / 40P
   Parallel-Port 16-Bit SoundPort Stereo Codec
REV. C
AD1846 AD-AD1846 Datasheet
277Kb / 28P
   Low Cost Parallel-Port 16-Bit SoundPort Stereo Codec
REV. A
AD1846 AD-AD1846_15 Datasheet
249Kb / 28P
   Low Cost Parallel-Port 16-Bit SoundPort Stereo Codec
REV. A
AD1849K AD-AD1849K Datasheet
293Kb / 28P
   Serial-Port 16-Bit SoundPort Stereo Codec
REV. 0
AD1849 AD-AD1849_15 Datasheet
662Kb / 28P
   Serial-Port 16-Bit SoundPort Stereo Codec
REV. A
AD1847 AD-AD1847 Datasheet
311Kb / 28P
   Serial-Port 16-Bit SoundPort Stereo Codec
REV. B
AD1847 AD-AD1847_15 Datasheet
241Kb / 28P
   Serial-Port 16-Bit SoundPort Stereo Codec
REV. B
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com