Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

ADXL50 Arkusz danych(PDF) 14 Page - Analog Devices

Numer części ADXL50
Szczegółowy opis  Monolithic Accelerometer With Signal Conditioning
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  AD [Analog Devices]
Strona internetowa  http://www.analog.com
Logo AD - Analog Devices

ADXL50 Arkusz danych(HTML) 14 Page - Analog Devices

Back Button ADXL50_15 Datasheet HTML 8Page - Analog Devices ADXL50_15 Datasheet HTML 9Page - Analog Devices ADXL50_15 Datasheet HTML 10Page - Analog Devices ADXL50_15 Datasheet HTML 11Page - Analog Devices ADXL50_15 Datasheet HTML 12Page - Analog Devices ADXL50_15 Datasheet HTML 13Page - Analog Devices ADXL50_15 Datasheet HTML 14Page - Analog Devices ADXL50_15 Datasheet HTML 15Page - Analog Devices ADXL50_15 Datasheet HTML 16Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 14 / 16 page
background image
ADXL50
–14–
REV. B
Capacitors C3 and C4 are chosen to provide the desired 3 dB
bandwidth. Component values are specified for bandwidths of
10 Hz, 30 Hz, 100 Hz, and 300 Hz. For other 3 dB bandwidths
simply scale the capacitor values; i.e., for a 3 dB bandwidth of
20 Hz, divide the 10 Hz bandwidth numbers by 2.0. The nomi-
nal buffer amplifier output will be +1.8 V
± 19 mV/g. Note that
the ADXL50’s self-test will be fully functional since the buffer
amplifier is operated at unity gain and resistor R1 is large. The
external op amp offsets and scales the output to provide a +2.5 V
± 2 V output over a wide range of full-scale g levels. The exter-
nal op amp may be omitted in high g, low gain applications.
NOISE CONSIDERATIONS
The output noise of the ADXL50 scales with the square root of
its bandwidth. The noise floor may be reduced by lowering the
bandwidth of the ADXL50 either by increasing the value of the
demodulator capacitor or by adding an external filter.
The typical rms noise of the ADXL50J with a bandwidth of
100 Hz and a noise density of 125
µV/√Hz is estimated as
follows:
Noise (rms) = (125
µV/√Hz) √100 = 1.25 mV rms
Peak-to-peak noise may be estimated with the following
equation:
Noise p-p = (6.6) Noise rms
Peak-to-peak noise is thus estimated at 8.25 mV or approxi-
mately 0.4 g p-p. The ADXL50 noise is characteristic of white
noise. Typical rms and p-p noise for various 3 dB bandwidths is
estimated in Figure 25.
1.7
0
10
100
1k
0.73
0.33
1.0
1.4
3dB BANDWIDTH – Hz
0.26
0
0.11
0.05
0.16
0.21
Figure 25. ADXL50 Noise Level and Resolution vs. –3 dB
Bandwidth
Because the ADXL50’s noise is for all practical purposes Gaus-
sian in amplitude distribution, the highest noise amplitudes have
the smallest (yet nonzero) probability. Peak-to-peak noise is,
therefore, difficult to measure and can only be estimated due to
its statistical nature. Table III is useful for estimating the prob-
abilities of exceeding various peak values, given the rms value.
Table III.
Nominal Peak-to-
% of Time that Noise will Exceed
Peak Value
Nominal Peak-to-Peak Value
2.0
× rms
32%
3.0
× rms
13%
4.0
× rms
4.6%
5.0
× rms
1.2%
6.0
× rms
0.27%
6.6
× rms
0.1%
7.0
× rms
0.046%
8.0
× rms
0.006%
AC COUPLING VPR TO BUFFER INPUT
If a dc response is not required, as in applications such as mo-
tion detection or vibration measurement, then ac coupling
should be considered. In low g applications, the output voltage
change due to acceleration is small compared to the 0 g offset
voltage drift. Because ac coupling removes the dc component of
the output, the preamp output signal may be amplified consid-
erably without increasing the 0 g level drift. The most effective
way to ac couple the ADXL50 is between the preamp output at
VPR and the buffer input, VIN–, as shown in Figure 26.
BUFFER
AMP
ADXL50
PRE-AMP
V
OUT
V
IN–
V
PR
R1
R2
R3
1.8V
C4
V
PR
8
9
10
Figure 26. AC Coupling the VPR Output to the Buffer Input
Using this configuration, the system’s ac response is now rolled
off—at the low frequency end at FL, and at the high frequency
end at FH. The normalized frequency response of the system
can be seen in Figure 27.
The low frequency roll-off, FL, due to the ac coupling network
is:
FL = 1/(2 π R1 C4)
The high frequency roll-off FH is determined by the dominant
pole of the system which is controlled by either the demodulator
capacitor and its associated time-constant or by a dominant post
filter.
As a consequence of ac coupling, any constant acceleration
component gravity will not be detected (because this too is a dc
voltage present at the VPR output). The self-test feature, if used,
must be monitored at VPR, rather than at the buffer output.
OBSOLETE


Podobny numer części - ADXL50_15

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Analog Devices
ADXL50AH AD-ADXL50AH Datasheet
286Kb / 16P
   Monolithic Accelerometer With Signal Conditioning
REV. B
ADXL50JH AD-ADXL50JH Datasheet
286Kb / 16P
   Monolithic Accelerometer With Signal Conditioning
REV. B
More results

Podobny opis - ADXL50_15

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Analog Devices
ADXL50 AD-ADXL50 Datasheet
286Kb / 16P
   Monolithic Accelerometer With Signal Conditioning
REV. B
ADXL05 AD-ADXL05_15 Datasheet
227Kb / 20P
   Single Chip Accelerometer with Signal Conditioning
REV. B
ADXL05 AD-ADXL05 Datasheet
281Kb / 20P
   -1 g to -5 g Single Chip Accelerometer with Signal Conditioning
REV. B
AD7711 AD-AD7711_17 Datasheet
354Kb / 29P
   Signal Conditioning ADC
AD7714 AD-AD7714_17 Datasheet
349Kb / 41P
   Signal Conditioning ADC
logo
MORNSUN Science& Techno...
T797HL MORNSUN-T797HL_15 Datasheet
1Mb / 6P
   Signal conditioning module
logo
Analog Devices
AD7712 AD-AD7712_15 Datasheet
258Kb / 28P
   Signal Conditioning ADC
REV. F
logo
Honeywell Solid State E...
DC005NDC4 HONEYWELL-DC005NDC4 Datasheet
129Kb / 4P
   Signal Conditioning: Amplified
logo
National Instruments Co...
PXI-1050 NI-PXI-1050 Datasheet
334Kb / 5P
   PXI Chassis with Integrated Signal Conditioning
logo
Analog Devices
AD7710AR-REEL7 AD-AD7710AR-REEL7 Datasheet
265Kb / 32P
   Signal Conditioning ADC
REV. G
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com