Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

1N4001S-7S Arkusz danych(PDF) 2 Page - Bruckewell Technology LTD

Numer części 1N4001S-7S
Szczegółowy opis  STANDARD RECOVERY RECTIFIERS
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  BWTECH [Bruckewell Technology LTD]
Strona internetowa  http://www.bruckewell-semi.com
Logo BWTECH - Bruckewell Technology LTD

1N4001S-7S Arkusz danych(HTML) 2 Page - Bruckewell Technology LTD

  1N4001S-7S Datasheet HTML 1Page - Bruckewell Technology LTD 1N4001S-7S Datasheet HTML 2Page - Bruckewell Technology LTD 1N4001S-7S Datasheet HTML 3Page - Bruckewell Technology LTD 1N4001S-7S Datasheet HTML 4Page - Bruckewell Technology LTD  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
1N4001S-7S
STANDARD RECOVERY RECTIFIERS
Publication Order Number: [1n4001S-7S]
© Bruckewell Technology Corporation Rev. A -2014
ABSOLUTE MAXIMUM RATINGS (Tc=25°C)
Parameter
Symbol
1N
4001S
1N
4002S
1N
4003S
1N
4004S
1N
4005S
1N
4006S
1N
4007S
Unit
Thermal Resistance from Junction
to Ambient in free air
Rth (j-a)
50
°C/W
ABSOLUTE MAXIMUM RATINGS (Tc=25°C)
Parameter
Symbol
1N
4001S
1N
4002S
1N
4003S
1N
4004S
1N
4005S
1N
4006S
1N
4007S
Unit
StorageTemperature Range
Tstg
- 65 to +175
°C
Operating Junction Temperature
Tj
- 65 to +175
°C
ELECTRICAL CHARACTERISTICS (Tc=25°C unless otherwise noted)
Description
Symbol
Test Condition
Max
Unit
Maximum Instantaneous Forward Voltage
Drop
VF
VF = 1.0 A
1.1
V
Maximum Full-Cycle Average Forward
Voltage Drop
VF(AV)
IO = 1.0 A, Ta = 75°C
0.8
V
Maximum Reverse Current
IR
at rated VR TA = 25°C
TA = 100°C
500
μA
Maximum Full-Cycle Average Reverse
Current
IR(AV)
IO = 1.0 A, Ta = 75°C
30
μA
Junction Capacitance
Cj
VR = 4 V , f = 1MHz
typ 15
pF


Podobny numer części - 1N4001S-7S

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Pan Jit International I...
1N4001S PANJIT-1N4001S Datasheet
53Kb / 2P
   PLASTIC SILICON RECTIFIER(VOLTAGE - 50 to 1000 Volts CURRENT - 1.0 Ampere)
logo
Diotec Semiconductor
1N4001S DIOTEC-1N4001S Datasheet
141Kb / 2P
   Standard Recovery Rectifier Diodes
logo
Diotech Company.
1N4001S DIOTECH-1N4001S Datasheet
666Kb / 2P
   GENERAL PURPOSE SILICON RECTIFIER
logo
Taiwan Semiconductor Co...
1N4001S TSC-1N4001S Datasheet
198Kb / 4P
   Silicon Rectifiers
logo
Transys Electronics
1N4001S TRSYS-1N4001S Datasheet
148Kb / 3P
   PLASTIC SILICON RECTIFIER
More results

Podobny opis - 1N4001S-7S

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Digitron Semiconductors
A14A DIGITRON-A14A Datasheet
106Kb / 2P
   STANDARD RECOVERY RECTIFIERS
logo
PACELEADER INDUSTRIAL
GL341A PACELEADER-GL341A Datasheet
383Kb / 2P
   STANDARD RECOVERY RECTIFIERS
logo
Continental Device Indi...
1N4001 CDIL-1N4001 Datasheet
303Kb / 3P
   STANDARD RECOVERY RECTIFIERS
logo
Digitron Semiconductors
1N3208 DIGITRON-1N3208 Datasheet
136Kb / 2P
   STANDARD RECOVERY RECTIFIERS
BY448 DIGITRON-BY448 Datasheet
100Kb / 2P
   STANDARD RECOVERY RECTIFIERS
UT2005 DIGITRON-UT2005 Datasheet
157Kb / 3P
   STANDARD RECOVERY RECTIFIERS
1N3670A DIGITRON-1N3670A Datasheet
162Kb / 3P
   STANDARD RECOVERY RECTIFIERS
1N3611 DIGITRON-1N3611 Datasheet
548Kb / 2P
   STANDARD RECOVERY RECTIFIERS
1N4001 DIGITRON-1N4001 Datasheet
150Kb / 3P
   STANDARD RECOVERY RECTIFIERS
logo
New Jersey Semi-Conduct...
1N3288A NJSEMI-1N3288A Datasheet
61Kb / 1P
   Rectifiers Standard Recovery
More results


Html Pages

1 2 3 4


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com